Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD4153FV Datasheet(PDF) 5 Page - Rohm

No. de pieza BD4153FV
Descripción Electrónicos  Power Switch ICs for ExpressCard
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD4153FV Datasheet(HTML) 5 Page - Rohm

  BD4153FV Datasheet HTML 1Page - Rohm BD4153FV Datasheet HTML 2Page - Rohm BD4153FV Datasheet HTML 3Page - Rohm BD4153FV Datasheet HTML 4Page - Rohm BD4153FV Datasheet HTML 5Page - Rohm BD4153FV Datasheet HTML 6Page - Rohm BD4153FV Datasheet HTML 7Page - Rohm BD4153FV Datasheet HTML 8Page - Rohm BD4153FV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
BD4153FV,BD4153EFV
Technical Note
5/17
www.rohm.com
2010.04 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
Fig.13 V3AUX
rise propagation delay
Fig.17 V15 RISE TIME
Fig.18 V15
rise propagation delay time
PERST#
V3AUX
SS_V3AUX
Logic Input(SYSR)
PERST#
V3AUX
SS_V3AUX
Logic Input(CP#)
PERST#
V3AUX
SS_V3AUX
Logic Input(EN)
PERST#
V15
SS_V15
Logic Input(SYSR)
PERST#
V15
SS_V15
Logic Input(CP#)
PERST#
V15
SS_V15
Logic Input(EN)
Ishort(500mA/div)
OCP_DELAY
OCP_FLAG
V3AUX
PERST#
PERST#_DELAY
SYSR
Fig.14 V3AUX Start up
(Stand-by→Active)
Fig.15 V3AUX Start up
(Card Assert)
Fig.16 V3AUX Start up
(Shut down→Active)
Fig.19 V15 Start up
(Stand-by→Active)
Fig.20 V15 Start up
(Card Assert)
Fig.21 V15 Start up
(Shut down→Active)
Fig.24 PERST#
H→L Wave Form
Fig.23 PERST#
L→H Wave Form
Fig.22 V3AUX Short Circuit
PERST#
PERST#_DELAY
SYSR
V3AUX rise propagation delay
CSS_V3AUX (F)
0.01
10
100
1000
10000
1.00E-10
1.00E-09
1.00E-08
1.00E-07
1
0.1
V15 RISE TIME
CSS_V15 (F)
0.01
10
100
1000
10000
1.00E-10
1.00E-09
1.00E-08
1.00E-07
1
0.1
V15 rise propagation delay time
1
CSS_V15 (F)
0.01
10
100
1000
10000
1.00E-10
1.00E-09
1.00E-08
1.00E-07
1
0.1


Número de pieza similar - BD4153FV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD4153FV ROHM-BD4153FV Datasheet
275Kb / 6P
   Power switch for ExpressCard
BD4153FV ROHM-BD4153FV Datasheet
689Kb / 18P
   Power Switch ICs for ExpressCardTM
BD4153FV ROHM-BD4153FV_09 Datasheet
689Kb / 18P
   Power Switch ICs for ExpressCardTM
More results

Descripción similar - BD4153FV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD4153EFV ROHM-BD4153EFV Datasheet
295Kb / 6P
   Power switch for ExpressCard
BD4154FV ROHM-BD4154FV Datasheet
381Kb / 6P
   Power switch for ExpressCard
BD4153FV ROHM-BD4153FV Datasheet
275Kb / 6P
   Power switch for ExpressCard
BD4155FV ROHM-BD4155FV Datasheet
399Kb / 6P
   Power switch for ExpressCard
BD4154FV ROHM-BD4154FV_10 Datasheet
438Kb / 16P
   Power Switch IC for ExpressCard
BD4155FV ROHM-BD4155FV_10 Datasheet
473Kb / 17P
   Power Switch IC for ExpressCard
logo
Nuvoton Technology Corp...
W83L351YG NUVOTON-W83L351YG Datasheet
632Kb / 33P
   ExpressCard??Power Interface Switch
W83L351 NUVOTON-W83L351 Datasheet
632Kb / 33P
   ExpressCard??Power Interface Switch
logo
Texas Instruments
TPS2236 TI-TPS2236 Datasheet
953Kb / 26P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
logo
Winbond
W83L351 WINBOND-W83L351 Datasheet
1Mb / 33P
   ExpressCard??Power Interface Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com