Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
1N4745 Datasheet(PDF) 2 Page - Micro Commercial Components |
|
1N4745 Datasheet(HTML) 2 Page - Micro Commercial Components |
2 / 4 page Note 1: The JEDEC type number shown with an A suffix have a 5% tolerance on nominal zener voltage. No suffix signifies a 10% tolerance, C signifies 2%. 2: The Zener impedance is derived from the 60 Hz ac voltage, which results when an ac current having an rms value equal to 10% of the DC Zener current(IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to insure a sharp knee on the breakdown curve and eliminate unstable units. 3: The reverse surge current is measured at 25 oC ambient using a 1/2 square wave or equivalent sine wave pulse 1/120 second duration superimposed on I ZT. 4: Voltage measurements tobe performed 90 seconds after application of DC current. MCC 5: RoHs Compliant already and Pb-free sticker on reel , box & carton indicated RoHs compliant . MCC Zener Test Surge Maximum Part Number Voltage Current Current Regulator Current VZ @IZT IZT ZZT @IZT ZZK @IZK IZK IR @VR VR IR IZM Volts mA OHMS OHMS mA uA Volts mA mA 1N4728 3.3 76 10 400 1 100 1 1380 276 1N4729 3.6 69 10 400 1 100 1 1260 252 1N4730 3.9 64 9 400 1 50 1 1190 234 1N4731 4.3 58 9 400 1 10 1 1070 217 1N4732 4.7 53 8 500 1 10 1 970 193 1N4733 5.1 49 7 550 1 10 1 890 178 1N4734 5.6 45 5 600 1 10 2 810 162 1N4735 6.2 41 2 700 1 10 3 730 146 1N4736 6.8 37 3.5 700 1 10 4 660 133 1N4737 7.5 34 4 700 0.5 10 5 605 121 1N4738 8.2 31 4.5 700 0.5 10 6 550 110 1N4739 9.1 28 5 700 0.5 10 7 500 100 1N4740 10 25 7 700 0.25 10 7.6 454 91 1N4741 11 23 8 700 0.25 5 8.4 414 83 1N4742 12 21 9 700 0.25 5 9.1 380 76 1N4743 13 19 10 700 0.25 5 9.9 344 69 1N4744 15 17 14 700 0.25 5 11.4 304 61 1N4745 16 15.5 16 700 0.25 5 12.2 285 57 1N4746 18 14 20 750 0.25 5 13.7 250 50 1N4747 20 12.5 22 750 0.25 5 15.2 225 45 1N4748 22 11.5 23 750 0.25 5 16.7 205 41 1N4749 24 10.5 25 750 0.25 5 18.2 190 38 1N4750 27 9.5 35 750 0.25 5 20.6 170 34 1N4751 30 8.5 40 1000 0.25 5 22.8 150 30 1N4752 33 7.5 45 1000 0.25 5 25.1 135 27 1N4753 36 7 50 1000 0.25 5 27.4 125 25 1N4754 39 6.5 60 1000 0.25 5 29.7 115 23 1N4755 43 6 70 1500 0.25 5 32.7 110 22 1N4756 47 5.5 80 1500 0.25 5 35.8 95 19 1N4757 51 5 95 1500 0.25 5 38.8 90 18 1N4758 56 4.5 110 2000 0.25 5 42.6 80 16 1N4759 62 4 125 2000 0.25 5 47.1 70 14 1N4760 68 3.7 150 2000 0.25 5 51.7 65 13 1N4761 75 3.3 175 2000 0.25 5 56 60 12 Leakage Current Maximum Reverse Maximum Dynamic Impedance Electrical Characteristics (TA = 25°C unless otherwise noted). Maximum VF = 1.2V at IF = 200mA 1N4728 thru 1N476 1 www.mccsemi.com 2 of 4 TM Micro Commercial Components MCC Revision: A 20 11/01/01 |
Número de pieza similar - 1N4745 |
|
Descripción similar - 1N4745 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |