Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
1N5248 Datasheet(PDF) 2 Page - Micro Commercial Components |
|
1N5248 Datasheet(HTML) 2 Page - Micro Commercial Components |
2 / 5 page ELECTRICAL CHARACTERISTICS @25°C MCC PART NUMBER NOMINAL ZENER VOLTAGE VZ @ IZT TEST CURRENT IZT MAXIMUM ZENER IMPEDANCE ‘B’ SUFFIX ONLY ZZT @ IZT ZZK @IZK = 0.25mA MAXIMUM REVERSE LEAKAGE CURRENT IR @ VR MAX. ZENER VOLTAGE TEMP COEFFICIENT ‘B’ SUFFIX ONLY VOLTS mA OHMS OHMS µA VOLTS % / °C 1N5221 2.4 20 30 1200 100 1.0 -0.085 1N5222 2.5 20 30 1250 100 1.0 -0.085 1N5223 2.7 20 30 1300 75 1.0 -0.080 1N5224 2.8 20 30 1400 75 1.0 -0.080 1N5225 3.0 20 29 1600 50 1.0 -0.075 1N5226 3.3 20 28 1600 25 1.0 -0.070 1N5227 3.6 20 24 1700 15 1.0 -0.065 1N5228 3.9 20 23 1900 10 1.0 -0.060 1N5229 4.3 20 22 2000 5.0 1.0 ±0.055 1N5230 4.7 20 19 1900 5.0 2.0 ±0.030 1N5231 5.1 20 17 1600 5.0 2.0 ±0.030 1N5232 5.6 20 11 1600 5.0 3.0 +0.038 1N5233 6.0 20 7.0 1600 5.0 3.5 +0.038 1N5234 6.2 20 7.0 1000 5.0 4.0 +0.045 1N5235 6.8 20 5.0 750 3.0 5.0 +0.050 1N5236 7.5 20 6.0 500 3.0 6.0 +0.058 1N5237 8.2 20 8.0 500 3.0 6.5 +0.062 1N5238 8.7 20 8.0 600 3.0 6.5 +0.065 1N5239 9.1 20 10 600 3.0 7.0 +0.068 1N5240 10 20 17 600 3.0 8.0 +0.075 1N5241 11 20 22 600 2.0 8.4 +0.076 1N5242 12 20 30 600 1.0 9.1 +0.077 1N5243 13 9.5 13 600 0.5 9.9 +0.079 1N5244 14 9.0 15 600 0.1 10 +0.082 1N5245 15 8.5 16 600 0.1 11 +0.082 1N5246 16 7.8 17 600 0.1 12 +0.083 1N5247 17 7.4 19 600 0.1 13 +0.084 1N5248 18 7.0 21 600 0.1 14 +0.085 1N5249 19 6.6 23 600 0.1 14 +0.086 1N5250 20 6.2 25 600 0.1 15 +0.086 1N5251 22 5.6 29 600 0.1 17 +0.087 1N5252 24 5.2 33 600 0.1 18 +0.088 1N5253 25 5.0 35 600 0.1 19 +0.089 1N5254 27 4.6 41 600 0.1 21 +0.090 1N5255 28 4.5 44 600 0.1 21 +0.091 1N5256 30 4.2 49 600 0.1 23 +0.091 1N5257 33 3.8 58 700 0.1 25 +0.092 1N5258 36 3.4 70 700 0.1 27 +0.093 1N5259 39 3.2 80 800 0.1 30 +0.094 1N5260 43 3.0 93 900 0.1 33 +0.095 1N5261 47 2.7 105 1000 0.1 36 +0.095 1N5262 51 2.5 125 1100 0.1 39 +0.096 1N5263 56 2.2 150 1300 0.1 43 +0.096 1N5264 60 2.1 170 1400 0.1 46 +0.097 1N5265 62 2.0 185 1400 0.1 47 +0.097 1N5266 68 1.8 230 1600 0.1 52 +0.097 1N5267 75 1.7 270 1700 0.1 56 +0.098 NOTE 1: Table as shown lists type numbers, which indicate a tolerance of ±20% with guaranteed limits on only Vz, IR, and VF. Devices with guaranteed limits on all six parameters are indicated by suffix “A” for ±10%, “B” for ±5%, “C” for ±2% tolerance NOTE 2: The electrical characteristics are measured after allowing the device to stabilize for 20 seconds. NOTE 3: Temperature coefficient (áVZ). Test conditions for temperature coefficient are as follows: a. IZT = 7.5mA, TI = 25 oC T2 = 125oC (1N5221 thru 1N5242) b. IZT = Rated IZT, TI = 25 oC, T2 = 125oC (1N5243 thru 1N5267) Device to be temperature stabilized with current applied prior to reading breakdown voltage at the specified ambient temperature. 1N5221 thru 1N5267 Revision: A 20 11/01/01 TM Micro Commercial Components www.mccsemi.com 2 of 5 MCC |
Número de pieza similar - 1N5248 |
|
Descripción similar - 1N5248 |