Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4699 Datasheet(PDF) 2 Page - Micro Commercial Components

No. de pieza 1N4699
Descripción Electrónicos  500mW Silicon Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4699 Datasheet(HTML) 2 Page - Micro Commercial Components

  1N4699 Datasheet HTML 1Page - Micro Commercial Components 1N4699 Datasheet HTML 2Page - Micro Commercial Components 1N4699 Datasheet HTML 3Page - Micro Commercial Components 1N4699 Datasheet HTML 4Page - Micro Commercial Components 1N4699 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2) Reverse leakage current (IR)
Reverse leakage currents are guaranteed and measured at V R shown on the table.
3) Maximum zener current rating (IZM)
Maximum zener current ratings are based on maximum zener voltage of the individual units and
JEDEC 250mW rating.
4) Maximum voltage change (DVZ)
Voltage change is equal to the difference between VZ at 100uA and at 10uA
1N4678 thru 1N4717
Revision: A
2011/01/01
www.mccsemi.com
2 of 5
Note:
1) Tolerance and type number designation (VZ)
The type numbers listed have a standard tolerance of ±5% on the nominal zener voltage. C for 2%.
MCC
TM
Micro Commercial Components
Zener Voltage
Leakage Current
(2)
VZ (Volts)
@ IZT
IR @ VR
IZM
(3)
∆VZ
(4)
Device
(1)
Device
Marking
Min
Nom
Max
uA
uA Max
Volts
mA
Volts
1N4678
1N4678
1.71
1.8
1.89
50
7.5
1.0
120
0.7
1N4679
1N4679
1.90
2.0
2.10
50
5.0
1.0
110
0.7
1N4680
1N4680
2.09
2.2
2.31
50
5.0
1.0
100
0.75
1N4681
1N4681
2.28
2.4
2.52
50
2.0
1.0
95
0.8
1N4682
1N4682
2.565
2.7
2.835
50
1.0
1.0
90
0.85
1N4683
1N4683
2.85
3.0
3.15
50
0.8
1.0
85
0.9
1N4684
1N4684
3.135
3.3
3.465
50
7.5
1.5
80
0.95
1N4685
1N4685
3.42
3.6
3.78
50
7.5
2.0
75
0.95
1N4686
1N4686
3.705
3.9
4.095
50
5.0
2.0
70
0.97
1N4687
1N4687
4.085
4.3
4.515
50
4.0
2.0
65
0.99
1N4688
1N4688
4.465
4.7
4.935
50
10
3.0
60
0.99
1N4689
1N4689
4.845
5.1
5.355
50
10
3.0
55
0.97
1N4690
1N4690
5.32
5.6
5.88
50
10
4.0
50
0.96
1N4691
1N4691
5.89
6.2
6.51
50
10
5.0
45
0.95
1N4692
1N4692
6.46
6.8
7.14
50
10
5.1
35
0.9
1N4693
1N4693
7.125
7.5
7.875
50
10
5.7
31.8
0.75
1N4694
1N4694
7.79
8.2
8.61
50
1.0
6.2
29
0.5
1N4695
1N4695
8.265
8.7
9.135
50
1.0
6.6
27.4
0.4
1N4696
1N4696
8.645
9.1
9.555
50
1.0
6.9
26.2
0.08
1N4697
1N4697
9.50
10
10.5
50
1.0
7.6
24.8
0.1
1N4698
1N4698
10.45
11
11.55
50
0.05
8.4
21.6
0.11
1N4699
1N4699
11.40
12
12.6
50
0.05
9.1
20.4
0.12
1N4700
1N4700
12.35
13
13.65
50
0.05
9.8
19
0.13
1N4701
1N4701
13.30
14
14.7
50
0.05
10.6
17.5
0.14
1N4702
1N4702
14.25
15
15.75
50
0.05
11.4
16.3
0.15
1N4703
1N4703
15.20
16
16.8
50
0.05
12.1
15.4
0.16
1N4704
1N4704
16.15
17
17.85
50
0.05
12.9
14.5
0.17
1N4705
1N4705
17.10
18
18.9
50
0.05
13.6
13.2
0.18
1N4707
1N4707
19.00
20
21
50
0.01
15.2
11.9
0.2
1N4711
1N4711
25.65
27
28.35
50
0.01
20.4
8.8
0.27
1N4713
1N4713
28.5
30
31.5
50
0.01
22.8
7.9
0.3
1N4714
1N4714
31.35
33
34.65
50
0.01
25
7.2
0.33
1N4715
1N4715
34.2
36
37.8
50
0.01
27.3
6.6
0.36
1N4716
1N4716
37.05
39
40.95
50
0.01
29.6
6.1
0.39
1N4717
1N4717
40.85
43
45.15
50
0.01
32.6
5.5
0.43


Número de pieza similar - 1N4699

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
1N4699 VISHAY-1N4699 Datasheet
67Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
logo
Digitron Semiconductors
1N4699 DIGITRON-1N4699 Datasheet
120Kb / 2P
   SILICON 250mW ZENER DIODES
logo
Compensated Deuices Inc...
1N4699 CDI-DIODE-1N4699 Datasheet
116Kb / 2P
   50 uA, LOW OPERATING CURRENT, ZENER DIODES
logo
Micro Commercial Compon...
1N4699 MCC-1N4699 Datasheet
214Kb / 5P
   500mW Silicon Zener Diodes
logo
General Semiconductor
1N4699 GE-1N4699 Datasheet
40Kb / 2P
   ZENER DIODES
More results

Descripción similar - 1N4699

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N753A MICROSEMI-1N753A Datasheet
75Kb / 2P
   SILICON 500MW ZENER DIODES
logo
Micro Commercial Compon...
MMSZ4678-TP MCC-MMSZ4678-TP Datasheet
346Kb / 5P
   500mW Silicon Zener Diodes
LLZ2V4 MCC-LLZ2V4 Datasheet
630Kb / 6P
   500mW Silicon Zener Diodes
DL4678 MCC-DL4678 Datasheet
432Kb / 5P
   500mW Silicon Zener Diodes
logo
Digitron Semiconductors
1N957B DIGITRON-1N957B Datasheet
196Kb / 3P
   500mW SILICON ZENER DIODES
logo
Jinan Gude Electronic D...
1N746 JGD-1N746 Datasheet
199Kb / 2P
   500mW SILICON ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX79C2V4 CHENYI-BZX79C2V4 Datasheet
97Kb / 4P
   500mW Silicon Zener Diodes
logo
Micro Commercial Compon...
1N4614 MCC-1N4614 Datasheet
265Kb / 5P
   500mW Silicon Zener Diodes
1N4614 MCC-1N4614_12 Datasheet
201Kb / 5P
   500mW Silicon Zener Diodes
MMSZ4678 MCC-MMSZ4678_16 Datasheet
306Kb / 5P
   500mW Silicon Zener Diodes
1N4678 MCC-1N4678_11 Datasheet
214Kb / 5P
   500mW Silicon Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com