Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD26502GUL Datasheet(PDF) 10 Page - Rohm

No. de pieza BD26502GUL
Descripción Electrónicos  7x17(Max.) Dot Matrix LED Display Driver
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD26502GUL Datasheet(HTML) 10 Page - Rohm

Back Button BD26502GUL Datasheet HTML 6Page - Rohm BD26502GUL Datasheet HTML 7Page - Rohm BD26502GUL Datasheet HTML 8Page - Rohm BD26502GUL Datasheet HTML 9Page - Rohm BD26502GUL Datasheet HTML 10Page - Rohm BD26502GUL Datasheet HTML 11Page - Rohm BD26502GUL Datasheet HTML 12Page - Rohm BD26502GUL Datasheet HTML 13Page - Rohm BD26502GUL Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Technical Note
10/39
BD26502GUL
www.rohm.com
2010.02 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Serial Interface
1. SPI format
When IFMODE is set to “H”, it can interface with SPI format.
The serial interface is four terminals (serial clock terminal (SCL), serial data input terminal (SDA), and chip
selection input terminal (CE)).
(1)Write operation
Data is taken into an internal shift register with rising edge of CLK. (Max of the frequency is 13MHz.)
The receive data becomes enable in the “H” section of CE. (Active “H”.)
The transmit data is forwarded (with MSB-First) in the order of write command “0”(1bit), the control register address
(7bit) and data (8bit).
CE
SCL
SDA
W
A6
A5
A4
A3
A2
A1
A0
D4
D3
D2
D1
D0
D7
D6
D5
Fig.4 Writing format
(2)Timing diagram
twlc
CE
SCL
SDA
tcsw
twhc
tcss
tscyc
tss
tsh
tcgh
Fig.5 Timing diagram (SPI format)
(3) Electrical Characteristics (Unless otherwise specified, Ta=25°C, VBAT=3.6V, VINSW=3.6V, VIO=1.8V)
Parameter
Symbol
Limit
Unit
Condition
Min
Typ
Max
SCL cycle time
tscyc
76
-
-
ns
H period of SCL cycle
Twhc
35
-
-
ns
L period of SCL cycle
twlc
35
-
-
ns
SDA setup time
tss
38
-
-
ns
SDA hold time
tsh
38
-
-
ns
Read and Write interval
tcsw
38
-
-
ns
CE setup time
tcss
55
-
-
ns
CE hold time
tcgh
55
-
-
ns


Número de pieza similar - BD26502GUL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD26503GUL ROHM-BD26503GUL Datasheet
799Kb / 44P
   7x17(Max ) Dot Matrix LED Display Driver
BD26503GUL-E2 ROHM-BD26503GUL-E2 Datasheet
799Kb / 44P
   7x17(Max ) Dot Matrix LED Display Driver
More results

Descripción similar - BD26502GUL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD26503GUL ROHM-BD26503GUL Datasheet
799Kb / 44P
   7x17(Max ) Dot Matrix LED Display Driver
logo
Yellow Stone Corp
BM-10288 YSTONE-BM-10288 Datasheet
188Kb / 1P
   LED DOT MATRIX DISPLAY
logo
List of Unclassifed Man...
BM-20288MD ETC-BM-20288MD Datasheet
198Kb / 1P
   LED DOT MATRIX DISPLAY
BM-20EG57MD ETC-BM-20EG57MD Datasheet
169Kb / 1P
   LED DOT MATRIX DISPLAY
logo
BRIGHT LED ELECTRONICS ...
BM-20EG88ND BRIGHT-BM-20EG88ND Datasheet
182Kb / 3P
   LED DOT MATRIX DISPLAY
logo
List of Unclassifed Man...
BM-40258 ETC-BM-40258 Datasheet
182Kb / 1P
   LED DOT MATRIX DISPLAY
logo
BRIGHT LED ELECTRONICS ...
BM-22EG58ND BRIGHT-BM-22EG58ND Datasheet
92Kb / 1P
   LED DOT MATRIX DISPLAY
logo
List of Unclassifed Man...
TOM-2057BS-B ETC1-TOM-2057BS-B Datasheet
356Kb / 2P
   Dot Matrix Display LED
2019/2/15
logo
Yellow Stone Corp
BM-07257MD YSTONE-BM-07257MD Datasheet
124Kb / 1P
   LED DOT MATRIX DISPLAY
logo
BRIGHT LED ELECTRONICS ...
BM-10EG58ND BRIGHT-BM-10EG58ND Datasheet
165Kb / 3P
   LED DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com