Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N3904 Datasheet(PDF) 1 Page - Micro Commercial Components

No. de pieza 2N3904
Descripción Electrónicos  NPN General Purpose Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2N3904 Datasheet(HTML) 1 Page - Micro Commercial Components

  2N3904_11 Datasheet HTML 1Page - Micro Commercial Components 2N3904_11 Datasheet HTML 2Page - Micro Commercial Components 2N3904_11 Datasheet HTML 3Page - Micro Commercial Components 2N3904_11 Datasheet HTML 4Page - Micro Commercial Components 2N3904_11 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2N3904
NPN General
Purpose Amplifier
TO-92
Features
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage*
(IC=1.0mAdc, IB=0)
40
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=10
µAdc, IE=0)
60
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=10
µAdc, IC=0)
6.0
Vdc
IBL
Base Cutoff Current
(VCE=30Vdc, VBE=3.0Vdc)
50
nAdc
ICEX
Collector Cutoff Current
(VCE=30Vdc, VBE=3.0Vdc)
50
nAdc
ON CHARACTERISTICS
hFE
DC Current Gain*
(IC=0.1mAdc, VCE=1.0Vdc)
(IC=1.0mAdc, VCE=1.0Vdc)
(IC=10mAdc, VCE=1.0Vdc)
(IC=50mAdc, VCE=1.0Vdc)
(IC=100mAdc, VCE=1.0Vdc)
40
70
100
60
30
300
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=10mAdc, IB=1.0mAdc)
(IC=50mAdc, IB=5.0mAdc)
0.2
0.4
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=10mAdc, IB=1.0mAdc)
(IC=50mAdc, IB=5.0mAdc)
0.65
0.85
0.95
Vdc
SMALL-SIGNAL CHARACTERISTICS
fT
Current Gain-Bandwidth Product
(IC=10mAdc, VCE=20Vdc, f=100MHz)
250
MHz
Cobo
Output Capacitance
(VCB=5.0Vdec, IE=0, f=1.0MHz)
4.0
pF
Cibo
Input Capacitance
(VBE=0.5Vdc, IC=0, f=1.0MHz)
8.0
pF
NF
Noise Figure
(IC=100
µAdc, VCE=5.0Vdc, RS=1.0kΩ
f=10Hz to 15.7kHz)
5.0
dB
SWITCHING CHARACTERISTICS
td
Delay Time
(VCC=3.0Vdc, VBE=0.5Vdc
35
ns
tr
Rise Time
IC=10mAdc, IB1=1.0mAdc)
35
ns
ts
Storage Time
(VCC=3.0Vdc, IC=10mAdc
200
ns
tf
Fall Time
IB1=IB2=1.0mAdc)
50
ns
*Pulse Width
≤ 300µs, Duty Cycle ≤ 2.0%
A
E
B
C
D
G
Revision:
A
20
11/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.170
.190
4.33
4.83
B
.170
.190
4.30
4.83
C
.550
.590
13.97
14.97
D
.010
.020
0.36
0.56
E
.130
.160
3.30
3.96
G
.0
96
.104
2.44
2.64
Marking:Type number
TM
Micro Commercial Components
Capable of 600mW of Power Disspation and 200mA Ic
Through Hole Package
Moisure Sensitivity Level 1
Epoxy meets UL 94 V-0 flammability rating
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
www.mccsemi.com
1 of 5
E
B
C


Número de pieza similar - 2N3904_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
2N3904 SECOS-2N3904_10 Datasheet
383Kb / 3P
   NPN General Purpose Transistor
logo
Unisonic Technologies
2N3904 UTC-2N3904_12 Datasheet
219Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Micro Commercial Compon...
2N3904 MCC-2N3904_13 Datasheet
561Kb / 5P
   NPN General Purpose Amplifier
logo
SeCoS Halbleitertechnol...
2N3904 SECOS-2N3904_15 Datasheet
383Kb / 3P
   NPN General Purpose Transistor
logo
KEC(Korea Electronics)
2N3904 KEC-2N3904_15 Datasheet
773Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR
More results

Descripción similar - 2N3904_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com