Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU6520KV Datasheet(PDF) 8 Page - Rohm

No. de pieza BU6520KV
Descripción Electrónicos  Video Encoders built-in Image Correction
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU6520KV Datasheet(HTML) 8 Page - Rohm

Back Button BU6520KV Datasheet HTML 4Page - Rohm BU6520KV Datasheet HTML 5Page - Rohm BU6520KV Datasheet HTML 6Page - Rohm BU6520KV Datasheet HTML 7Page - Rohm BU6520KV Datasheet HTML 8Page - Rohm BU6520KV Datasheet HTML 9Page - Rohm BU6520KV Datasheet HTML 10Page - Rohm BU6520KV Datasheet HTML 11Page - Rohm BU6520KV Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Technical Note
8/18
BU6520KV,BU6521KV
www.rohm.com
2010.02 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
●Electrical characteristics(common)
(Unless otherwise specified VDD=1.50V, VDDIO=3.3V, VDDI2C=3.3V, AVDD=3.3V, GND=0.0V, Ta=25℃,fIN=35.5MHz)
Parameter
Symbol
Limits
Unit
Condition
MIN.
TYP.
MAX.
Input frequency
fIN
2
-
35.5
MHz CAMCKI(DUTY45%~55%)
Supply current
(CORE)
BU6520KV
IDD1
-
30
-
mA
35.5MHz operational setting
*1
BU6521KV
IDD1
-
40
62
mA
35.5MHz operational setting
*2
Leakage current (CORE)
IDDst1
-
-
50
µA
At sleep mode setting,
input terminal = GND setting
Supply current
(DAC)
BU6520KV
IDD2
-
38
-
mA
RL=37.5Ω, RIREF=2.4kΩ
BU6521KV
IDD2
-
38
56
mA
RL=37.5Ω, RIREF=2.4kΩ
Leakage current (DAC)
IDDst2
-
-
5
µA
input terminal=GND and
DAC power down mode setting
*1 Supply current(Total value of current of VDD, VDDIO, and VDDI2C) at color-bar image input in AIE enable and Digital output disable settings.
*2 Supply current(VDD) at color-bar image input in Fog-Reduction enable, AIE enable and Digital output disable settings.
●Electrical characteristics(DC characteristics)
1. DC characteristics (IO)
(Unless otherwise specified VDD=1.50V, VDDIO=3.3V, VDDI2C=3.3V, AVDD=3.3V, GND=0.0V, Ta=25℃)
Parameter
Symbol
Limits
Unit
Condition
MIN.
TYP.
MAX.
Input ”H” current
IIH
-10
-
10
µA
VIH=IO_LVL
Input ”L” current
IIL
-10
-
10
µA
VIL=GND
Pull-down current
IPD
25
50
100
µA
VIH=IO_LVL
Input ”H” voltage 1
VIH1
IO_LVL
x0.8
-
IO_LVL
+0.3
V
Normal input
(Including input mode of I/O terminal)
Input ”L” voltage 1
VIL1
-0.3
-
IO_LVL
x0.2
V
Normal input
(Including input mode of I/O terminal)
Input ”H” voltage 2
VIH2
IO_LVL
x0.85
-
IO_LVL
+0.3
V
Hysteresis input
(RESETB,CAMCKI,AUTO,MODE0,MODE1)
Input ”L” voltage 2
VIL2
-0.3
-
IO_LVL
x0.15
V
Hysteresis input
(RESETB,CAMCKI,AUTO,MODE0,MODE1)
Output ”H” voltage
VOH
IO_LVL
-0.4
-
IO_LVL
V
IOH=-1.0mA(DC)
(including output mode of I/O terminal)
Output ”L” voltage
VOL
0.0
-
0.4
V
IOL=1.0mA(DC)
(including output mode of I/O terminal)
*
IO_LVL is a generic name of VDDIO, VDDI2C and AVDD.
2. DC characteristics (DAC)
(Unless otherwise specified VDD=1.50V, VDDIO=3.3V, VDDI2C=3.3V, AVDD=3.3V, GND=0.0V, Ta=25℃)
Parameter
Symbol
Limits
Unit
Condition
MIN.
TYP.
MAX.
Integral Non-linearity
INL
-
±
4.0
±
8.0
LSB
RL=37.5Ω, RIREF=2.4kΩ,
DAC resolution=10bit
Differential Non-linearity
DNL
-
±
1.0
±
2.0
LSB
RL=37.5Ω, RIREF=2.4kΩ,
DAC resolution=10bit
Output Voltage (full scale)
VFS
1.1
1.25
1.4
V
RL=37.5Ω, RIREF=2.4kΩ,
DAC resolution=10bit


Número de pieza similar - BU6520KV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU6520KV ROHM-BU6520KV Datasheet
351Kb / 19P
   Video Encoders built-in Image Correction
More results

Descripción similar - BU6520KV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU6520KV ROHM-BU6520KV Datasheet
351Kb / 19P
   Video Encoders built-in Image Correction
logo
Renesas Technology Corp
TW2871 RENESAS-TW2871 Datasheet
147Kb / 2P
   Fisheye Distortion Correction LSI with Built-in Image Signal Processor, Motion Detector and DDR2 Controller
logo
NXP Semiconductors
SAA7184 PHILIPS-SAA7184 Datasheet
170Kb / 36P
   Digital Video Encoders DENC2-M6
1996 Jul 03
logo
Cadeka Microcircuits LL...
TMC22091 CADEKA-TMC22091 Datasheet
397Kb / 60P
   Digital Video Encoders/Layering Engine
logo
Fairchild Semiconductor
TMC22091 FAIRCHILD-TMC22091 Datasheet
293Kb / 60P
   Digital Video Encoders/Layering Engine
logo
List of Unclassifed Man...
ET4000V33 ETC1-ET4000V33 Datasheet
5Mb / 92P
   Video Image Processor
logo
Rohm
BU1523KV ROHM-BU1523KV Datasheet
406Kb / 23P
   Image Correction IC for Panel
logo
Moxa Inc.
464 MOXA-464 Datasheet
730Kb / 5P
   Superior video performance, 4-channel industrial video encoders
logo
Rohm
BU1571KN ROHM-BU1571KN_10 Datasheet
236Kb / 9P
   Image Correction IC for Camera
logo
Nippon Precision Circui...
SM5304AV NPC-SM5304AV_06 Datasheet
231Kb / 12P
   Video Buffer with Built-in Analog LPF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com