Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU7150NUV Datasheet(PDF) 11 Page - Rohm

No. de pieza BU7150NUV
Descripción Electrónicos  Headphone Amplifier Designed for 0.93V Low Voltage Operation
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU7150NUV Datasheet(HTML) 11 Page - Rohm

Back Button BU7150NUV Datasheet HTML 7Page - Rohm BU7150NUV Datasheet HTML 8Page - Rohm BU7150NUV Datasheet HTML 9Page - Rohm BU7150NUV Datasheet HTML 10Page - Rohm BU7150NUV Datasheet HTML 11Page - Rohm BU7150NUV Datasheet HTML 12Page - Rohm BU7150NUV Datasheet HTML 13Page - Rohm BU7150NUV Datasheet HTML 14Page - Rohm BU7150NUV Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Technical Note
11/16
BU7150NUV
www.rohm.com
2011.05 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
[Operation mode]
Selecting operation mode
BU7150NUV has two OPAMP in the IC (Fig. 1). BU7150NUV is selected for BTL-mode for mono speaker and
single-ended mode for stereo headphone operation. Mode is composed of external parts and internal control (Fig. 34, 35)
BU7150NUV operates at single-ended mode when MODE pin (pin8) = 0V turn on. BTL mode is operated when MODE
pin (pin8) = VDD turn on. BYPASS voltage = 100mV then operation mode is decided by internal comparator by detecting
MODE voltage.
The difference between Single-ended mode and BTL-mode is mentioned in the following table.
Parameter
Single ended mode
MODE='VSS'
BTL mode
MODE='VDD'
Mute function
enable
disenable
Bypass voltage turn on time [Ts1, Tb1, Tb3]
(CBYPASS=4.7μF)
Ts1=2.82sec
Tb1=598msec
Tb3=256msec
Time until Signal Output [Ts2, Tb2,
Tb4](CBYPASS=4.7μF)
Ts2=2.89sec
Tb1=668msec
Tb3=326msec
Maximum Output Power (THD=1%)
14mW
85mW
Total Harmonic Distortion + Noise
0.10%
0.20%
Power Supply Rejection Ratio
66dB
62dB
(Ta=25℃, VDD=1.5V, f=1kHz)


Número de pieza similar - BU7150NUV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7150NUV ROHM-BU7150NUV Datasheet
570Kb / 22P
   Headphone Amplifier Designed for 0.93V Low Voltage Operation
BU7150NUV-E2 ROHM-BU7150NUV-E2 Datasheet
570Kb / 22P
   Headphone Amplifier Designed for 0.93V Low Voltage Operation
BU7150NUV ROHM-BU7150NUV_15 Datasheet
570Kb / 22P
   Headphone Amplifier Designed for 0.93V Low Voltage Operation
More results

Descripción similar - BU7150NUV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7150NUV ROHM-BU7150NUV_15 Datasheet
570Kb / 22P
   Headphone Amplifier Designed for 0.93V Low Voltage Operation
logo
New Japan Radio
NJM2171A NJRC-NJM2171A Datasheet
23Kb / 3P
   LOW VOLTAGE HEADPHONE AMPLIFIER for PORTABLE AUDIO
logo
Sanyo Semicon Device
LA4571MB SANYO-LA4571MB Datasheet
222Kb / 10P
   Low-Voltage Headphone Amplifier for Stereo Audio
logo
New Japan Radio
NJM2772V-TE1 NJRC-NJM2772V-TE1 Datasheet
59Kb / 4P
   LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
NJM2772 NJRC-NJM2772 Datasheet
55Kb / 4P
   LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
logo
NXP Semiconductors
TDA8559 PHILIPS-TDA8559 Datasheet
264Kb / 32P
   Low-voltage stereo headphone amplifier
1997 Jun 27
logo
Unisonic Technologies
A4533 UTC-A4533_15 Datasheet
168Kb / 4P
   LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
A4533 UTC-A4533 Datasheet
112Kb / 4P
   LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
A4533 UTC-A4533_10 Datasheet
145Kb / 4P
   LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Cirrus Logic
CS44L11 CIRRUS-CS44L11 Datasheet
476Kb / 34P
   Low Voltage Class-D PWM Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com