Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU7150NUV Datasheet(PDF) 2 Page - Rohm

No. de pieza BU7150NUV
Descripción Electrónicos  Headphone Amplifier Designed for 0.93V Low Voltage Operation
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU7150NUV Datasheet(HTML) 2 Page - Rohm

  BU7150NUV Datasheet HTML 1Page - Rohm BU7150NUV Datasheet HTML 2Page - Rohm BU7150NUV Datasheet HTML 3Page - Rohm BU7150NUV Datasheet HTML 4Page - Rohm BU7150NUV Datasheet HTML 5Page - Rohm BU7150NUV Datasheet HTML 6Page - Rohm BU7150NUV Datasheet HTML 7Page - Rohm BU7150NUV Datasheet HTML 8Page - Rohm BU7150NUV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Technical Note
2/16
BU7150NUV
www.rohm.com
2011.05 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Electrical characteristics
Ta=25°C, VDD=1.5V, f=1kHz, VSS=GND unless otherwise specified.
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
No Signal Operating Current
IDD
-
1
1.4
mA
No load, No signal
Shutdown Current
ISD
-
3
9
μA
SDB Pin=VSS
Mute Current
IMUTE
-
15
-
μA
MUTEB Pin=VSS, SE
Output Offset Voltage
VOFS
-
5
50
mV
| VOUT1 – VOUT2 |, No signal
Maximum Output Power
PO
70
85
-
mW
RL=8Ω, BTL, THD+N=1%
-
14
-
mW
RL=16Ω, SE, THD+N=1%
Total Harmonic Distortion +Noise
THD+N
-
0.2
0.5
%
20kHz LPF, RL=8Ω, BTL, PO=25mW
-
0.1
0.5
%
20kHz LPF, RL=16Ω, SE,PO=5
mW
Output Voltage Noise
VNO
-
10
-
μVrms
20kHz LPF + A-weight
Crosstalk
CT
-
85
-
dB
RL=16Ω, SE, 1kHz BPF
Power Supply Rejection Ratio
PSRR
-
62
-
dB
Ripple voltage=200mVP-P,
RL=8Ω, BTL, CBYPASS=4.7μF
-
66
-
dB
Ripple voltage=200mVP-P,
RL=16Ω, SE, CBYPASS=4.7μF
Input Logic High Level
VIH
0.7
-
-
V
MUTEB Pin, SDB Pin
Input Logic Low Level
VIL
-
-
0.3
V
MUTEB Pin, SDB Pin
“BTL” is BTL-mode when MODE Pin = VDD, “SE” is single-ended mode when MODE Pin = VSS.
Turn-on time in BTL mode is about 11 times faster than single-ended mode.
Also, BTL mode does not have MUTE mode. When MUTEB Pin = VSS, then it will be shutdown mode.
Block diagram
Fig. 1 Block diagram
Bias
Generator
Control Logic
IN1
BYPASS
MUTEB
VDD
MODE
OUT1
SDB
IN2
OUT2
VSS
1
2
3
4
5
10
9
8
7
6
TOP VIEW


Número de pieza similar - BU7150NUV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7150NUV ROHM-BU7150NUV Datasheet
570Kb / 22P
   Headphone Amplifier Designed for 0.93V Low Voltage Operation
BU7150NUV-E2 ROHM-BU7150NUV-E2 Datasheet
570Kb / 22P
   Headphone Amplifier Designed for 0.93V Low Voltage Operation
BU7150NUV ROHM-BU7150NUV_15 Datasheet
570Kb / 22P
   Headphone Amplifier Designed for 0.93V Low Voltage Operation
More results

Descripción similar - BU7150NUV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7150NUV ROHM-BU7150NUV_15 Datasheet
570Kb / 22P
   Headphone Amplifier Designed for 0.93V Low Voltage Operation
logo
New Japan Radio
NJM2171A NJRC-NJM2171A Datasheet
23Kb / 3P
   LOW VOLTAGE HEADPHONE AMPLIFIER for PORTABLE AUDIO
logo
Sanyo Semicon Device
LA4571MB SANYO-LA4571MB Datasheet
222Kb / 10P
   Low-Voltage Headphone Amplifier for Stereo Audio
logo
New Japan Radio
NJM2772V-TE1 NJRC-NJM2772V-TE1 Datasheet
59Kb / 4P
   LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
NJM2772 NJRC-NJM2772 Datasheet
55Kb / 4P
   LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
logo
NXP Semiconductors
TDA8559 PHILIPS-TDA8559 Datasheet
264Kb / 32P
   Low-voltage stereo headphone amplifier
1997 Jun 27
logo
Unisonic Technologies
A4533 UTC-A4533_15 Datasheet
168Kb / 4P
   LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
A4533 UTC-A4533 Datasheet
112Kb / 4P
   LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
A4533 UTC-A4533_10 Datasheet
145Kb / 4P
   LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Cirrus Logic
CS44L11 CIRRUS-CS44L11 Datasheet
476Kb / 34P
   Low Voltage Class-D PWM Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com