Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU4066BCFV-E2 Datasheet(PDF) 1 Page - Rohm

No. de pieza BU4066BCFV-E2
Descripción Electrónicos  High Voltage CMOS Logic ICs Switch>
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU4066BCFV-E2 Datasheet(HTML) 1 Page - Rohm

  BU4066BCFV-E2 Datasheet HTML 1Page - Rohm BU4066BCFV-E2 Datasheet HTML 2Page - Rohm BU4066BCFV-E2 Datasheet HTML 3Page - Rohm BU4066BCFV-E2 Datasheet HTML 4Page - Rohm BU4066BCFV-E2 Datasheet HTML 5Page - Rohm BU4066BCFV-E2 Datasheet HTML 6Page - Rohm BU4066BCFV-E2 Datasheet HTML 7Page - Rohm BU4066BCFV-E2 Datasheet HTML 8Page - Rohm BU4066BCFV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/17
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
General-purpose CMOS Logic IC Series (BU4S,BU4000B Series)
High Voltage CMOS Logic ICs
<Analog Switch>
BU4066BC,BU4066BCF,BU4066BCFV,BU4051BC,
BU4051BCF,BU4051BCFV,BU4052BC,BU4052BCF,BU4052BCFV,
BU4053BC,BU4053BCF,BU4053BCFV,BU4551B,BU4551BF,BU4551BFV
Description
BU4066BC series ICs each contain 4 independent switches capable of controlling either digital or analog signals.
BU4051BC / BU4052BC / BU4053BC / and BU4551B series ICs are analog selectable composite multiplexer/demultiplexer.
BU4051BC series is configured with 8 channels, BU4052BC is configured with two 4 channels,BU4053BC series is
configured with three 2 channels, BU4551B series is configured with four 2 channels, and switches applicable for each
channel are turned on according to digital signals of control terminal. Even if the logic amplitude (VDD-VSS) of the control
signal is small, signals of large amplitude (VDD-VEE) can be switched.
Features
1) Low power consumption
2) Wide operating supply voltage (3[V]~18[V])
3) High input impedance
4) L-TTL2 input and LS-TTL1 can be driven directly.
5) Applicable channel switches can be turned “ON” and “OFF” by the digital control signal.
6) Small control voltage (VDD-VSS) can control signals of large amplitude (VDD-VEE).
7) Linearity with excellent transfer characteristics
Use
This product is used as the switch and chopper modulation circuit of analog and digital signals.
Since ON resistance of each switch is low, the product can be connected to low impedance circuit.
The product can be used as ON/OFF switch and changeover switch of high-speed lines without degrading analog signals
such as voice and images.
Lineup
BU4066BC/
BU4066BCF/
BU5066BCFV
BU4051BC/
BU4051BCF/
BU4051BCFV
BU4052BC/
BU4052BCF/
BU4052BCFV
BU4053BC/
BU4053BCF/
BU4053BCFV
BU4551B/
BU4551B F/
BU4551B FV
High Voltage CMOS Logic
Analog Switch
4
circuits
switch
1
circuits
8 to 1
multiplexer
2
circuits
4 to 1
multiplexer
3
circuits
2 to 1
multiplexer
4
circuits
2 to 1
multiplexer
(Quad-analog switch)
(8ch analog multiplexer/demultiplexer)
(Dual 4ch analog multiplexer/demultiplexer)
(Triple 2ch analog multiplexer/demultiplexer)
(Quad 2ch analog multiplexer/demultiplexer)
No.11050EBT05


Número de pieza similar - BU4066BCFV-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU4066BCFV-E2 ROHM-BU4066BCFV-E2 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4066BCFV-E2 ROHM-BU4066BCFV-E2 Datasheet
1Mb / 20P
   Quad-Analog Switch
More results

Descripción similar - BU4066BCFV-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU4066BC ROHM-BU4066BC_09 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4S66G2 ROHM-BU4S66G2_09 Datasheet
337Kb / 8P
   Single Gate CMOS Logic ICs
BU4001B ROHM-BU4001B_11 Datasheet
516Kb / 22P
   High Voltage CMOS Logic ICs
BU4015B ROHM-BU4015B_09 Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
BU4001B ROHM-BU4001B_09 Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
logo
Torex Semiconductor
XC74UL4066M TOREX-XC74UL4066M Datasheet
57Kb / 10P
   CMOS Logic Analog Switch
logo
ELM Technology Corporat...
ELM7SH66XB ELM-TECH-ELM7SH66XB Datasheet
332Kb / 4P
   HIGH SPEED CMOS LOGIC IC Analog switch
ELM7S66B ELM-TECH-ELM7S66B Datasheet
329Kb / 4P
   CMOS LOGIC IC Analog switch
ELM7SH66MB-EL ELM-TECH-ELM7SH66MB-EL Datasheet
373Kb / 4P
   HIGH SPEED CMOS LOGIC IC ELM7SH66xB Analog switch
logo
Torex Semiconductor
XC74WL4066SR TOREX-XC74WL4066SR Datasheet
204Kb / 10P
   CMOS Logic Dual Analog Switch/Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com