Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU7205HFV Datasheet(PDF) 3 Page - Rohm

No. de pieza BU7205HFV
Descripción Electrónicos  Ultra Low Power CMOS Operational Amplifiers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU7205HFV Datasheet(HTML) 3 Page - Rohm

  BU7205HFV Datasheet HTML 1Page - Rohm BU7205HFV Datasheet HTML 2Page - Rohm BU7205HFV Datasheet HTML 3Page - Rohm BU7205HFV Datasheet HTML 4Page - Rohm BU7205HFV Datasheet HTML 5Page - Rohm BU7205HFV Datasheet HTML 6Page - Rohm BU7205HFV Datasheet HTML 7Page - Rohm BU7205HFV Datasheet HTML 8Page - Rohm BU7205HFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Technical Note
3/28
www.rohm.com
2010.12 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BU7265G,BU7265SG,BU7205HFV,BU7205SHFV,BU7271G,BU7271SG,BU7245HFV,BU7245SHFV,
BU7411G,BU7411SG,BU7421G,BU7421SG,BU7475HFV,BU7475SHFV
Electrical characteristics: Input-Output Full Swing
BU7265 family (Unless otherwise specified VDD=+3[V], VSS=0[V], Ta=25[℃])
Parameter
Symbol
Temperature
Range
Limits
Unit
Condition
BU7265G, BU7265SG
Min.
Typ.
Max.
Input Offset Voltage
(*2)
Vio
25℃
-
1
8.5
mV
VDD=1.8 ~ 5.5[V],
VOUT=VDD/2
Input Offset Current
(*2)
Iio
25℃
-
1
-
pA
Input Bias Current
(*2)
Ib
25℃
-
1
-
pA
Supply Current
(*3)
IDD
25℃
-
0.35
0.9
μA
RL=∞, AV=0[dB],
VIN=1.5[V]
Full range
-
-
1.3
High Level Output Voltage
VOH
25℃
VDD-0.1
-
-
V
RL=10[kΩ]
Low Level Output Voltage
VOL
25℃
-
-
VSS+0.1
V
RL=10[kΩ]
Large Signal Voltage Gain
AV
25℃
60
95
-
dB
RL=10[kΩ]
Input Common-mode Voltage Range
Vicm
25℃
0
-
3
V
VDD-VSS=3[V]
Common-mode Rejection Ratio
CMRR
25℃
45
60
-
dB
Power Supply Rejection Ratio
PSRR
25℃
60
80
-
dB
Output Source Current
(*4)
IOH
25℃
1
2.4
-
mA
VDD-0.4[V]
Output Sink Current
(*4)
IOL
25℃
2
4
-
mA
VSS+0.4[V]
Slew Rate
SR
25℃
-
2.4
-
V/ms CL=25[pF]
Gain Band width
FT
25℃
-
4
-
kHz CL=25[pF], AV=40[dB]
Phase Margin
θ
25℃
-
60
-
°
CL=25[pF], AV=40[dB]
(*2)
Absolute value
(*3)
Full range BU7265: Ta=-40[℃]~+85[℃] BU7265S: Ta=-40[℃]~+105[℃]
(*4)
Under the high temperature environment, consider the power dissipation of IC when selecting the output current.
When the terminal short circuits are continuously output, the output current is reduced to climb to the temperature inside IC.
BU7271 family (Unless otherwise specified VDD=+3[V], VSS=0[V], Ta=25[℃])
Parameter
Symbol
Temperature
Range
Limits
Unit
Condition
BU7271G, BU7271SG
Min.
Typ.
Max.
Input Offset Voltage
(*5)
Vio
25℃
-
1
8
mV
VDD=1.8 ~ 5.5[V],
VOUT=VDD/2
Input Offset Current
(*5)
Iio
25℃
-
1
-
pA
Input Bias Current
(*5)
Ib
25℃
-
1
-
pA
Supply Current
(*6)
IDD
25℃
-
8.6
17
μA
RL=∞, AV=0[dB],
VIN=1.5[V]
Full range
-
-
25
High Level Output Voltage
VOH
25℃
VDD-0.1
-
-
V
RL=10[kΩ]
Low Level Output Voltage
VOL
25℃
-
-
VSS+0.1
V
RL=10[kΩ]
Large Signal Voltage Gain
AV
25℃
70
100
-
dB
RL=10[kΩ]
Input Common-mode Voltage Range
Vicm
25℃
0
-
3
V
VDD-VSS=3[V]
Common-mode Rejection Ratio
CMRR
25℃
45
60
-
dB
Power Supply Rejection Ratio
PSRR
25℃
60
80
-
dB
Output Source Current
(*7)
IOH
25℃
2
4
-
mA
VDD-0.4[V]
Output Sink Current
(*7)
IOL
25℃
4
8
-
mA
VSS+0.4[V]
Slew Rate
SR
25℃
-
50
-
V/ms CL=25[pF]
Gain Band width
FT
25℃
-
90
-
kHz CL=25[pF], AV=40[dB]
Phase Margin
θ
25℃
-
60
-
°
CL=25[pF], AV=40[dB]
(*5)
Absolute value
(*6)
Full range BU7271: Ta=-40[℃]~+85[℃] BU7271S: Ta=-40[℃]~+105[℃]
(*7)
Under the high temperature environment, consider the power dissipation of IC when selecting the output current.
When the terminal short circuits are continuously output, the output current is reduced to climb to the temperature inside IC.


Número de pieza similar - BU7205HFV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7205HFV ROHM-BU7205HFV Datasheet
516Kb / 22P
   Ultra Low Supply Current Input/Output Full Swing CMOS Operational Amplifiers
BU7205HFV-TR ROHM-BU7205HFV-TR Datasheet
516Kb / 22P
   Ultra Low Supply Current Input/Output Full Swing CMOS Operational Amplifiers
More results

Descripción similar - BU7205HFV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7265G ROHM-BU7265G_13 Datasheet
867Kb / 37P
   Ultra Low Power CMOS Operational Amplifiers
BU7265G ROHM-BU7265G_1 Datasheet
433Kb / 18P
   Ultra Low Power CMOS Operational Amplifiers
BU7475HFV-TR ROHM-BU7475HFV-TR Datasheet
479Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
BU7271G ROHM-BU7271G_13 Datasheet
522Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
BU7411G ROHM-BU7411G_13 Datasheet
521Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7611 INTERSIL-ICL7611_07 Datasheet
251Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
ICL7611 INTERSIL-ICL7611_06 Datasheet
252Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
ICL7611 INTERSIL-ICL7611 Datasheet
100Kb / 10P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Renesas Technology Corp
ICL7621 RENESAS-ICL7621 Datasheet
450Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621 Datasheet
394Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com