Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU7831KN Datasheet(PDF) 7 Page - Rohm

No. de pieza BU7831KN
Descripción Electrónicos  Voice/Audio Mixer & Selector IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU7831KN Datasheet(HTML) 7 Page - Rohm

Back Button BU7831KN Datasheet HTML 3Page - Rohm BU7831KN Datasheet HTML 4Page - Rohm BU7831KN Datasheet HTML 5Page - Rohm BU7831KN Datasheet HTML 6Page - Rohm BU7831KN Datasheet HTML 7Page - Rohm BU7831KN Datasheet HTML 8Page - Rohm BU7831KN Datasheet HTML 9Page - Rohm BU7831KN Datasheet HTML 10Page - Rohm BU7831KN Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Technical Note
7/16
www.rohm.com
2010.09 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BU7831KN
Detail explanation of each function blocks
Reference Voltage (Bias part)
The reference voltage occurrence part that decides the operating point of a group of internal amplifiers is the following.
CVCOM_OUT, CSTART_OUT, all is about 1/2VDD[V], and therefore the level of internal signal becomes about 1/2VDD[V],
too. CVCOM has a pre-charge function, and it is possible to shorten of rising time of the bias in ON.
(As for the CVCOM, ON/OFF of the pre-charge function is possible with a register bit.)
CSTART terminal is used as a reference voltage of the output amplifier of the headphone, and it included pop sound low
stage function in headphone path ON/ OFF, too.
Capacitor value with the outside in the figure is recommended to make the PSRR character of both standard voltages the
same. Choose the thing whose character is good in Capacitor with the outside because it becomes the reference voltage
of the internal circuit.
Pre
Pre
charge
charge
CVCOM
CSTART
30k
30k
4.7μF
140k
140k
1μF
Fig.22 CVCOM, CSTRT equivalent circuit
Analog input part
The following is about each analog. Input. Please use the coupling capacitor with the outside in consideration of frequency
characteristic of input. Input DC level is about 1/2VDD[V]. Input impedance on off (input non-choice) becomes Hi-z. When
an input terminal isn’t used (when an input path isn’t set up) is open, and there is no problem. But, be careful that noise
from the outside and so on doesn’t turn because it becomes Hi-z. When it is anxious, pull-down in about 100kΩ.
ST1L and ST1R inputs change input impedance by setting of ATT1L and ATT1R respectively.
ST1L(R) input impedance
ATT1 L (R) setting
200kΩ(TYP)
0dB setting
400kΩ(TYP)
Mute setting
CVCOM_OUT
200k
200k
ST1L
ST1R
ST2L
ST2R
ST3L
ST3R
CVCOM_OUT
100k
100k
100k
Fig.23 Input pins equivalent circui
CSTART_OUT
To the headphone amplifier output step
CVCOM_OUT
To the one except for the headphone amplifier output step


Número de pieza similar - BU7831KN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7831KN ROHM-BU7831KN Datasheet
310Kb / 6P
   Audio Management for cellular phone
BU7831KN ROHM-BU7831KN Datasheet
1Mb / 17P
   Voice/Audio Mixer & Selector
BU7831KN-E2 ROHM-BU7831KN-E2 Datasheet
1Mb / 17P
   Voice/Audio Mixer & Selector
BU7831KN ROHM-BU7831KN_06 Datasheet
1Mb / 17P
   Voice/Audio Mixer & Selector
More results

Descripción similar - BU7831KN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7831KN ROHM-BU7831KN_06 Datasheet
1Mb / 17P
   Voice/Audio Mixer & Selector
logo
Aplus Intergrated Circu...
P89021 APLUS-P89021 Datasheet
236Kb / 18P
   VOICE OTP IC
P89085 APLUS-P89085 Datasheet
359Kb / 24P
   VOICE OTP IC
P89170 APLUS-P89170 Datasheet
359Kb / 24P
   VOICE OTP IC
P89042 APLUS-P89042 Datasheet
245Kb / 19P
   VOICE OTP IC
PR33A3 APLUS-PR33A3 Datasheet
1Mb / 27P
   Recording voice IC
P89341 APLUS-P89341 Datasheet
359Kb / 24P
   VOICE OTP IC
logo
SHENZHEN FUMAN ELECTRON...
SC7072B FUMAN-SC7072B Datasheet
147Kb / 4P
   Voice-changing IC
logo
Aplus Intergrated Circu...
P89682K APLUS-P89682K Datasheet
1Mb / 44P
   VOICE OTP IC
P89010 APLUS-P89010 Datasheet
236Kb / 18P
   VOICE OTP IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com