Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU9829GUL-W Datasheet(PDF) 1 Page - Rohm

No. de pieza BU9829GUL-W
Descripción Electrónicos  WL-CSP EEPROM family SPI BUS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU9829GUL-W Datasheet(HTML) 1 Page - Rohm

  BU9829GUL-W Datasheet HTML 1Page - Rohm BU9829GUL-W Datasheet HTML 2Page - Rohm BU9829GUL-W Datasheet HTML 3Page - Rohm BU9829GUL-W Datasheet HTML 4Page - Rohm BU9829GUL-W Datasheet HTML 5Page - Rohm BU9829GUL-W Datasheet HTML 6Page - Rohm BU9829GUL-W Datasheet HTML 7Page - Rohm BU9829GUL-W Datasheet HTML 8Page - Rohm BU9829GUL-W Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1/16
www.rohm.com
2010.09 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
High Reliability Serial EEPROMs
WL-CSP EEPROM family
SPI BUS
BU9829GUL-W
Description
BU9829GUL-W is Serial EEPROM built-in LDO regulator by SPI BUS interface.
Features
EEPROM PART
1) 2,048 words×8 bits architecture serial EEPROM
2) Wide operating voltage range (1.6V~3.6V)
3) Serial Peripheral Interface
4) Self-timed write cycle with automatic erase
5) Low Power consumption
Write
(3.6V)
: 1.5mA (Typ.)
Read
(3.6V)
: 0.5mA (Typ.)
Standby
(3.6V)
: 0.1µA (Typ.)
6) Auto-increment of registers address for Read mode
7) 32 byte Page Write mode
8) DATA security
Defaults to power up with write-disabled state
Software instructions for write-enable/disable
Block writes protection by status register
Write inhibit at low Vcc
9) Initial data FFh in all address, 00h in status register and 10 in VSET[1:0].
10) Data retention: 10 years
11) Endurance
: 100,000 erase/write cycles
LDO REGULATOR PART
12) Low power consumption
Standby
(3.6V)
: 0.1 µA (Typ.)
Operation (3.6V)
: 0.1mA (Typ.)
13) Power on/off by enable pin
14) Initial LDO output voltage 2.9V
15) Setting output voltage by EEPROM command (VSET WRITE)
Absolute maximum rating (Ta=25℃)
Parameter
Symbol
Rating
Unit
Supply Voltage
Vcc1(EEPROM)
-0.3~4.5
V
Vcc2(LDO)
Power Dissipation
Pd
220
mW
Storage Temperature
Tstg
-65 ~ 125
Operating Temperature
Topr
-30 ~ 85
Terminal Voltage
-0.3~Vcc+0.3
V
EEPROM recommended operating condition
Parameter
Symbol
Rating
Unit
Supply Voltage
Vcc1
1.6~3.6
V
Input Voltage
VIN
0~Vcc1
LDO regulator recommended operating condition
Parameter
Symbol
Rating
Unit
Supply Voltage
Vcc2
2.9~3.6
V
Input Voltage
VIN
0~Vcc2
No.10001EAT13


Número de pieza similar - BU9829GUL-W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU9829GUL-W ROHM-BU9829GUL-W Datasheet
147Kb / 5P
   Silicon Monolithic Integrated Circuit
BU9829GUL-W ROHM-BU9829GUL-W Datasheet
888Kb / 27P
   WLCSP EEPROM
BU9829GUL-WE2 ROHM-BU9829GUL-WE2 Datasheet
888Kb / 27P
   WLCSP EEPROM
BU9829GUL-W ROHM-BU9829GUL-W_12 Datasheet
888Kb / 27P
   WLCSP EEPROM
More results

Descripción similar - BU9829GUL-W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU9832GUL-W ROHM-BU9832GUL-W_10 Datasheet
513Kb / 19P
   WL-CSP EEPROM family SPI BUS
BU9880GUL-W ROHM-BU9880GUL-W_10 Datasheet
406Kb / 17P
   WL-CSP EEPROM family I2C BUS
BU9833GUL-W ROHM-BU9833GUL-W_10 Datasheet
424Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU9844GUL-W ROHM-BU9844GUL-W_10 Datasheet
406Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU9847GUL-W ROHM-BU9847GUL-W_10 Datasheet
400Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU9891GUL-W ROHM-BU9891GUL-W Datasheet
471Kb / 18P
   WL-CSP EEPROM family Microwire Bus
BR25S128GUZ-W ROHM-BR25S128GUZ-W Datasheet
497Kb / 17P
   WL-CSP EEPROMs family SPI BUS
BU99901GUZ-W ROHM-BU99901GUZ-W_10 Datasheet
421Kb / 17P
   WL-CSP EEPROM family I2C BUS
BU9889GUL-W ROHM-BU9889GUL-W Datasheet
417Kb / 18P
   WL-CSP EEPROM family I2C BUS
BU9897GUL-W ROHM-BU9897GUL-W_11 Datasheet
361Kb / 17P
   High Reliability Series Serial EEPROMs WL-CSP EEPROM family I2C BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com