Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU9829GUL-W Datasheet(PDF) 3 Page - Rohm

No. de pieza BU9829GUL-W
Descripción Electrónicos  WL-CSP EEPROM family SPI BUS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU9829GUL-W Datasheet(HTML) 3 Page - Rohm

  BU9829GUL-W Datasheet HTML 1Page - Rohm BU9829GUL-W Datasheet HTML 2Page - Rohm BU9829GUL-W Datasheet HTML 3Page - Rohm BU9829GUL-W Datasheet HTML 4Page - Rohm BU9829GUL-W Datasheet HTML 5Page - Rohm BU9829GUL-W Datasheet HTML 6Page - Rohm BU9829GUL-W Datasheet HTML 7Page - Rohm BU9829GUL-W Datasheet HTML 8Page - Rohm BU9829GUL-W Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Technical Note
3/16
BU9829GUL-W
www.rohm.com
2010.09 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Synchronous data input/output timing
SI data is latched into the chip at the rising edge of SCK clock.
Address and data must be transferred from MSB.
SO data toggles at the falling edge of SCK clock.
Output data toggles from MSB.
AC condition
Pin configuration
Pin function
Land
No.
Pin
Name
I/O
Function
A1
Vcc1
Power Supply (EEPROM)
A2
CSB
IN
Chip Select Control
A3
SCK
IN
Serial Data Clock Input
B1
Vcc2
Power Supply (LDO)
B2
SI
IN
Start Bit, Op.code, Address, Serial Data Input
B3
SO
OUT Serial Data Output
C1
VOUT
OUT LDO Regulator Output
C2
GND
Ground (0V)
C3
LDOEN
IN
LDO Regulator Enable
LDO regulator DC operating characteristics (Unless otherwise specified Ta=-30~85℃)
Parameter
Symbol
Specification
Unit
test condition
Min.
Typ.
Max.
Output Voltage1-1 VOUT1-1
2.9
3.0
3.2
V
3.2V≦Vcc2≦3.6V, IOUT=0, 2mA, VSET=1, 0=[1:1]
Output Voltage1-2 VOUT1-2
2.9
3.0
3.1
V
3.2V≦Vcc2≦3.6V, IOUT=2, 10mA, VSET=1, 0=[1:1]
Output Voltage2-1 VOUT2-1
2.8
2.9
3.1
V
3.1V≦Vcc2≦3.6V, IOUT=0, 2mA, VSET=1, 0=[1:0]
Output Voltage2-2 VOUT2-2
2.8
2.9
3.0
V
3.1V≦Vcc2≦3.6V, IOUT=2, 10mA, VSET=1, 0=[1:0]
Output Voltage3-1 VOUT3-1
2.7
2.8
3.0
V
3.0V≦Vcc2≦3.6V, IOUT=0, 2mA, VSET=1, 0=[0:1]
Output Voltage3-2 VOUT3-2
2.7
2.8
2.9
V
3.0V≦Vcc2≦3.6V, IOUT=2, 10mA, VSET=1, 0=[0:1]
Output Voltage4-1 VOUT4-1
2.6
2.7
2.9
V
2.9V≦Vcc2≦3.6V, IOUT=0, 2mA, VSET=1, 0=[0:0]
Output Voltage4-2 VOUT4-2
2.6
2.7
2.8
V
2.9V≦Vcc2≦3.6V, IOUT=2, 10mA, VSET=1, 0=[0:0]
Operating Current
ICC
-
-
200
µA
Vcc2=3.6V, IOUT=0A
Standby Current
ISB
-
-
1.0
µA
Vcc2=3.6V, IOUT=0A, LDOEN=GND
“H” Input Voltage
VIH
1.4
-
Vcc2+0.3
V
2.9V≦Vcc2≦3.6V
“L” Input Voltage
VIL
-0.3
-
0.6
V
2.9V≦Vcc2≦3.6V
This product is not designed for protection against radioactive rays.
Parameter
Symbol
Limits
Unit
Min.
Typ.
Max.
Load Capacitance
CL
-
-
100
pF
Input Rise times
-
-
-
50
ns
Input Fall times
-
-
-
50
ns
Input Pulse Voltage
-
0.25Vcc1/0.75Vcc1
V
Input and Output Timing Reference Voltages
-
0.3VCc1/0.7Vcc1
V
Fig.1 Input timing
Fig.2 Input and output timing
1
2
3
C
B
A
C1
B1
A1
C2
B2
A2
INDEX POST
C3
B3
A3
Fig.3 Pin configuration (bottom view)
SO
SI
Hi-Z
CSB
SCK
tON
tCSS
tSCKS
tSCKWL
tSCKWH
tDIS
tDIH
tRC
tFC
VCC1
CSB
SCK
SO
SI
tCS
tSCKH
tCSH
Hi-Z
tOH
tOZ
tPD
tRO,tFO


Número de pieza similar - BU9829GUL-W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU9829GUL-W ROHM-BU9829GUL-W Datasheet
147Kb / 5P
   Silicon Monolithic Integrated Circuit
BU9829GUL-W ROHM-BU9829GUL-W Datasheet
888Kb / 27P
   WLCSP EEPROM
BU9829GUL-WE2 ROHM-BU9829GUL-WE2 Datasheet
888Kb / 27P
   WLCSP EEPROM
BU9829GUL-W ROHM-BU9829GUL-W_12 Datasheet
888Kb / 27P
   WLCSP EEPROM
More results

Descripción similar - BU9829GUL-W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU9832GUL-W ROHM-BU9832GUL-W_10 Datasheet
513Kb / 19P
   WL-CSP EEPROM family SPI BUS
BU9880GUL-W ROHM-BU9880GUL-W_10 Datasheet
406Kb / 17P
   WL-CSP EEPROM family I2C BUS
BU9833GUL-W ROHM-BU9833GUL-W_10 Datasheet
424Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU9844GUL-W ROHM-BU9844GUL-W_10 Datasheet
406Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU9847GUL-W ROHM-BU9847GUL-W_10 Datasheet
400Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU9891GUL-W ROHM-BU9891GUL-W Datasheet
471Kb / 18P
   WL-CSP EEPROM family Microwire Bus
BR25S128GUZ-W ROHM-BR25S128GUZ-W Datasheet
497Kb / 17P
   WL-CSP EEPROMs family SPI BUS
BU99901GUZ-W ROHM-BU99901GUZ-W_10 Datasheet
421Kb / 17P
   WL-CSP EEPROM family I2C BUS
BU9889GUL-W ROHM-BU9889GUL-W Datasheet
417Kb / 18P
   WL-CSP EEPROM family I2C BUS
BU9897GUL-W ROHM-BU9897GUL-W_11 Datasheet
361Kb / 17P
   High Reliability Series Serial EEPROMs WL-CSP EEPROM family I2C BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com