Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU9829GUL-W Datasheet(PDF) 4 Page - Rohm

No. de pieza BU9829GUL-W
Descripción Electrónicos  WL-CSP EEPROM family SPI BUS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU9829GUL-W Datasheet(HTML) 4 Page - Rohm

  BU9829GUL-W Datasheet HTML 1Page - Rohm BU9829GUL-W Datasheet HTML 2Page - Rohm BU9829GUL-W Datasheet HTML 3Page - Rohm BU9829GUL-W Datasheet HTML 4Page - Rohm BU9829GUL-W Datasheet HTML 5Page - Rohm BU9829GUL-W Datasheet HTML 6Page - Rohm BU9829GUL-W Datasheet HTML 7Page - Rohm BU9829GUL-W Datasheet HTML 8Page - Rohm BU9829GUL-W Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Technical Note
4/16
BU9829GUL-W
www.rohm.com
2010.09 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
LDO regulator AC operating characteristics
Parameter
Symbol
Specification
Unit
Test condition
Min.
Typ.
Max.
Vcc1 Rise Time
tVCC1
-
-
5
msec
VCC1 x 0%→VCC1 x 95% point
LDOEN Wait Time
tLDOEN
15
-
-
msec
VCC1 x 0%point→ LDOEN=High
Output voltage depend on VSET bit
The 2bit data are stored into the VSET memory and output voltage change among VOUT1~VOUT4.
VSET data are Written into non-volatile memory array. Initial VSET data is 1,0 in VSET[1:0] and VOUT is 2.9V.
STEP
VOUT(typ.) [V]
VSET1
VSET0
VOUT1
VOUT2
VOUT3
VOUT4
3.0
2.9
2.8
2.7
1
1
0
0
1
0
1
0
Input power supply regulation timing
Using EEPROM PART
In case of using EEPROM part, be sure to raise Vcc1 up to operating voltage. In this time, Vcc2 has no connection with
operating.
Using LDO regulator part
In case of using LDO regulator part, be sure to raise Vcc1 and Vcc2 up to operating voltage.
After rising Vcc1, wait 15msec and rising LDOEN.
When LDOEN is raised, Vcc1 must be operating voltage.
LDO regulator
Power Supply
Not
Operating
tLDOEN : MIN 15msec
Vcc1
EEPROM
Power Supply
Vcc2
LDOEN
tVcc1:MAX 5msec
tVcc1:MAX 5msec
Not
Operating
Not
Operating
Operating
Operating
tLDOEN : MIN 15msec
Fig.4 Using EEPROM Part, Regulation Timing
Fig.5 Using LDO Regulator Part, Regulation Timing
Vcc2
LDOレギュレータ部電源
Vcc1
EEPROM部電源
動作不可
EEPROM動作可能範囲
動作不可
EEPROM動作可能範囲
動作不可
EEPROM
Power Supply
Not
Operating
Operating
Not
Operating
Operating
Not
Operating
LDO regulator
Power Supply


Número de pieza similar - BU9829GUL-W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU9829GUL-W ROHM-BU9829GUL-W Datasheet
147Kb / 5P
   Silicon Monolithic Integrated Circuit
BU9829GUL-W ROHM-BU9829GUL-W Datasheet
888Kb / 27P
   WLCSP EEPROM
BU9829GUL-WE2 ROHM-BU9829GUL-WE2 Datasheet
888Kb / 27P
   WLCSP EEPROM
BU9829GUL-W ROHM-BU9829GUL-W_12 Datasheet
888Kb / 27P
   WLCSP EEPROM
More results

Descripción similar - BU9829GUL-W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU9832GUL-W ROHM-BU9832GUL-W_10 Datasheet
513Kb / 19P
   WL-CSP EEPROM family SPI BUS
BU9880GUL-W ROHM-BU9880GUL-W_10 Datasheet
406Kb / 17P
   WL-CSP EEPROM family I2C BUS
BU9833GUL-W ROHM-BU9833GUL-W_10 Datasheet
424Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU9844GUL-W ROHM-BU9844GUL-W_10 Datasheet
406Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU9847GUL-W ROHM-BU9847GUL-W_10 Datasheet
400Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU9891GUL-W ROHM-BU9891GUL-W Datasheet
471Kb / 18P
   WL-CSP EEPROM family Microwire Bus
BR25S128GUZ-W ROHM-BR25S128GUZ-W Datasheet
497Kb / 17P
   WL-CSP EEPROMs family SPI BUS
BU99901GUZ-W ROHM-BU99901GUZ-W_10 Datasheet
421Kb / 17P
   WL-CSP EEPROM family I2C BUS
BU9889GUL-W ROHM-BU9889GUL-W Datasheet
417Kb / 18P
   WL-CSP EEPROM family I2C BUS
BU9897GUL-W ROHM-BU9897GUL-W_11 Datasheet
361Kb / 17P
   High Reliability Series Serial EEPROMs WL-CSP EEPROM family I2C BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com