Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU9844GUL-W Datasheet(PDF) 2 Page - Rohm

No. de pieza BU9844GUL-W
Descripción Electrónicos  WL-CSP EEPROM family I2C BUS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU9844GUL-W Datasheet(HTML) 2 Page - Rohm

  BU9844GUL-W Datasheet HTML 1Page - Rohm BU9844GUL-W Datasheet HTML 2Page - Rohm BU9844GUL-W Datasheet HTML 3Page - Rohm BU9844GUL-W Datasheet HTML 4Page - Rohm BU9844GUL-W Datasheet HTML 5Page - Rohm BU9844GUL-W Datasheet HTML 6Page - Rohm BU9844GUL-W Datasheet HTML 7Page - Rohm BU9844GUL-W Datasheet HTML 8Page - Rohm BU9844GUL-W Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Technical Note
2/18
BU9844GUL-W
www.rohm.com
2010.09 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Memory cell characteristics (Ta=25℃, Vcc=1.7~5.5V)
Parameter
Limits
Unit
Min
Typ.
Max
Number of data rewrite times
*1
1,000,000
-
-
Times
Data hold years
40
-
-
Years
*1 Not 100% TESTED
Electrical characteristics
(Unless otherwise specified, Ta=-40~+85℃, Vcc=1.7~5.5V)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
“HIGH” input voltage1
VIH1
0.7Vcc
-
-
V
2.5V≦Vcc≦5.5V
“LOW” Input voltage1
VIL1
-
-
0.3Vcc
V
2.5V≦Vcc≦5.5V
“HIGH” input voltage2
VIH2
0.9Vcc
-
-
V
1.7V≦Vcc<2.5V
“LOW” input voltage2
VIL2
-
-
0.1Vcc
V
1.7V≦Vcc<2.5V
“LOW” output voltage1
VOL1
-
-
0.3
V
IOL=3.0mA, 2.5V≦Vcc≦5.5V, (SDA)
“LOW output voltage2
VOL2
-
-
0.2
V
IOL=1.5mA, 1.7V≦Vcc<2.5V, (SDA)
Input leak current
ILI
-1
-
1
μA
VIN=0V~Vcc
Output leak current
ILO
-1
-
1
μA
VOUT=0V~Vcc(SDA)
Current consumption
at action
ICC1
-
-
2.0
mA
Vcc=5.5V, fSCL=400kHz, tWR=5ms,
Byte write, Page write
ICC2
-
-
0.5
mA
Vcc=5.5V, fSCL=400kHz
Random read, Current read,
sequential read
Standby current
ISB
-
-
2.0
μA
Vcc=5.5V, SDA·SCL=Vcc,
A2=GND, WP=GND
This product is not designed for protection against radioactive rays.


Número de pieza similar - BU9844GUL-W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU9844GUL-W ROHM-BU9844GUL-W Datasheet
186Kb / 13P
   Silicon Monolithic Integrated Circuit
BU9844GUL-WE2 ROHM-BU9844GUL-WE2 Datasheet
775Kb / 30P
   WLCSP EEPROM
BU9844GUL-W ROHM-BU9844GUL-W_13 Datasheet
775Kb / 30P
   WLCSP EEPROM
More results

Descripción similar - BU9844GUL-W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU9880GUL-W ROHM-BU9880GUL-W_10 Datasheet
406Kb / 17P
   WL-CSP EEPROM family I2C BUS
BU9833GUL-W ROHM-BU9833GUL-W_10 Datasheet
424Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU9847GUL-W ROHM-BU9847GUL-W_10 Datasheet
400Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU99901GUZ-W ROHM-BU99901GUZ-W_10 Datasheet
421Kb / 17P
   WL-CSP EEPROM family I2C BUS
BU9889GUL-W ROHM-BU9889GUL-W Datasheet
417Kb / 18P
   WL-CSP EEPROM family I2C BUS
BU9829GUL-W ROHM-BU9829GUL-W_10 Datasheet
584Kb / 17P
   WL-CSP EEPROM family SPI BUS
BU9832GUL-W ROHM-BU9832GUL-W_10 Datasheet
513Kb / 19P
   WL-CSP EEPROM family SPI BUS
BU9891GUL-W ROHM-BU9891GUL-W Datasheet
471Kb / 18P
   WL-CSP EEPROM family Microwire Bus
BU9897GUL-W ROHM-BU9897GUL-W_11 Datasheet
361Kb / 17P
   High Reliability Series Serial EEPROMs WL-CSP EEPROM family I2C BUS
BRCA016GWZ-W ROHM-BRCA016GWZ-W Datasheet
427Kb / 18P
   High Reliability Series Serial EEPROMs WL-CSP EEPROM family I2C BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com