Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU52003GUL Datasheet(PDF) 1 Page - Rohm

No. de pieza BU52003GUL
Descripción Electrónicos  Unipolar Detection Hall ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU52003GUL Datasheet(HTML) 1 Page - Rohm

  BU52003GUL Datasheet HTML 1Page - Rohm BU52003GUL Datasheet HTML 2Page - Rohm BU52003GUL Datasheet HTML 3Page - Rohm BU52003GUL Datasheet HTML 4Page - Rohm BU52003GUL Datasheet HTML 5Page - Rohm BU52003GUL Datasheet HTML 6Page - Rohm BU52003GUL Datasheet HTML 7Page - Rohm BU52003GUL Datasheet HTML 8Page - Rohm BU52003GUL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1/19
www.rohm.com
2010.08 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
Hall ICs
Unipolar Detection
Hall ICs
BU52002GUL,BU52003GUL,BU52012NVX,BU52012HFV,BU52013HFV
Description
The unipolar Detection Hall IC detects only either the N pole or S pole.
The output turns ON (active Low) upon detection.
Features
1) Unipolar detection
2) Micropower operation (small current using intermittent operation method)
3) Ultra-compact CSP4 package (BU52002GUL, BU52003GUL)
4) Ultra- Small outline package (BU52012NVX)
5) Small outline package (BU52012HFV, BU52013HFV)
6) Line up of supply voltage
For 1.8V Power supply voltage (BU52012NVX, BU52012HFV, BU52013HFV)
For 3.0V Power supply voltage (BU52002GUL, BU52003GUL)
7) High ESD resistance 8kV(HBM)
Applications
Mobile phones, notebook computers, digital video camera, digital still camera, etc.
Lineup matrix
Function Product name
Supply
voltage
(V)
Operate
point
(mT)
Hysteresis
(mT)
Period
(ms)
Supply
current
(AVG.)
(µA)
Output type
Package
S pole
BU52002GUL
2.40~3.30
3.7
0.8
50
6.5
CMOS
VCSP50L1
BU52012NVX
1.65~3.60
3.0
0.9
50
3.5
COMS
SSON004X1216
BU52012HFV
1.65~3.30
3.0
0.9
50
3.5
CMOS
HVSOF5
N pole
BU52003GUL
2.40~3.30
-3.7
0.8
50
6.5
CMOS
VCSP50L1
BU52013HFV
1.65~3.30
-3.0
0.9
50
3.5
CMOS
HVSOF5
Plus is expressed on the S-pole; minus on the N-pole
No.10045ECT03


Número de pieza similar - BU52003GUL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU52003GUL ROHM-BU52003GUL Datasheet
189Kb / 6P
   Hall effect Switch
BU52003GUL ROHM-BU52003GUL Datasheet
389Kb / 14P
   Unipolar Detection Hall ICs
BU52003GUL ROHM-BU52003GUL Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
BU52003GUL ROHM-BU52003GUL Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
More results

Descripción similar - BU52003GUL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU52002GUL ROHM-BU52002GUL_10 Datasheet
389Kb / 14P
   Unipolar Detection Hall ICs
BU52012NVX-TR ROHM-BU52012NVX-TR Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
BU52012HFV-TR ROHM-BU52012HFV-TR Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
BU52069GWZ ROHM-BU52069GWZ Datasheet
1Mb / 19P
   Unipolar Detection Hall IC
BU52011HFV-TR ROHM-BU52011HFV-TR Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs
BU52001GUL ROHM-BU52001GUL_10 Datasheet
476Kb / 20P
   Omnipolar Detection Hall ICs
BU52025G-TR ROHM-BU52025G-TR Datasheet
906Kb / 34P
   Omnipolar Detection Hall ICs
BU52001GUL_1012 ROHM-BU52001GUL_1012 Datasheet
614Kb / 32P
   Omnipolar Detection Hall ICs
logo
Seiko Instruments Inc
S-57B1NSL1B-M3T1U SII-S-57B1NSL1B-M3T1U Datasheet
1Mb / 20P
   UNIPOLAR DETECTION TYPE HALL IC
S-5715CNSL1-M3T1U SII-S-5715CNSL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com