Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU94601KV Datasheet(PDF) 2 Page - Rohm

No. de pieza BU94601KV
Descripción Electrónicos  Silicon Monolithic integrated circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU94601KV Datasheet(HTML) 2 Page - Rohm

  BU94601KV Datasheet HTML 1Page - Rohm BU94601KV Datasheet HTML 2Page - Rohm BU94601KV Datasheet HTML 3Page - Rohm BU94601KV Datasheet HTML 4Page - Rohm BU94601KV Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
REV. A
◇Electrical characteristics
(Unless specified, Ta=25℃、VDD1=3.3V, DVSS=AVSSC=VSS_PLL=DAVSS=0V, XIN_PLL=16.9344MHz)
Parameter
Symbol
Limits
Unit
Condition
MIN.
TYP.
MAX.
<Total >
Circuit current (VDD1 USB1)
IDD1USB1
-
65
80
mA
*1 When USB memory is played.
Circuit current (VDD1 SD1)
IDD1SD1
-
35
50
mA
*1 When SD card is played.
<Digital block>
H-Level input voltage
VIH
VDD1*0.7
VDD1
V
*3
L-Level input voltage
VIL
DVSS
VDD1*0.3
V
*3
H-Level output voltage1
VOH1
VDD1-0.4
VDD1
V
IOH=-1.6mA, *4
L-Level output voltage1
VOL1
0
0.4
V
IOL=1.6mA. *4
H-Level output voltage2
VOH2
VDD1-0.4
VDD1
V
IOH=-3.6mA, *5
L-Level output voltage2
VOL2
0
0.4
V
IOL=3.6mA, *5
H-Level output voltage3
VOH3
VDD1-0.4
VDD1
V
IOH=-0.6mA, *6
L-Level output voltage3
VOL3
0
0.4
V
IOL=0.6mA, *6
H-Level output voltage4
VOH4
VDD1-1.0
VDD1
V
IOH=-0.6mA, *7
L-Level output voltage4
VOL4
0
1.0
V
IOL=0.6mA, *7
<USB-HOST >
H-Level input voltage
VIHUSB
VDD1*0.6
VDD1
V
*8
L-Level input voltage
VILUSB
AVSSC
VDD1*0.3
V
*8
Output impedance(H)
ZOH
22.0
45.0
60.0
Ω
*8
Output impedance(L)
ZOL
22.0
45.0
60.0
Ω
*8
H-Level output voltage
VOHUSB
VDD1-0.5
VDD1
V
*8
L-Level output voltage
VOLUSB
0
0.3
V
*8
Rise/Fall time
Tr/Tf
11
ns
*8, Output capacity 50pF
Voltage of crossing point
VCRS
VDD1/2
V
*8, Output capacity 50pF
Range of differential input
VDIFF
0.8
2.5
V
*8
Differential input sensitivity
VSENS
0.2
V
*8
Pull-down resistance
RPD
14.25
15.0
24.8
*8
<Audio DAC>
Distortion rate
THD
0.02
%
1kHz, 0dB, sine, *9
Dynamic range
DR
88
dB
1kHz, -60dB, sine, *9
S/N ratio
S/N
96
dB
*9
Max output level
VSMAX
0.92
Vrms
1kHz, 0dB, sine, *9
*1 3.3V system I/O, Analog Power supply(VDD1), 1kHz, 0dB, sine-wave playing
*3 1-17, 19-20, 25-26, 40, 49-52, 56, 58-61, 63 pin
*4 10-11, 14-16, 48-55 pin
*5 13 pin
*6 21-23, 26 pin
*7 41 pin
*8 33, 34 pin
*9 44, 46 pin


Número de pieza similar - BU94601KV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU94601KV ROHM-BU94601KV Datasheet
1Mb / 70P
   AAC/WMA/MP3 SD Memory Card iPod
BU94601KV-ZAE2 ROHM-BU94601KV-ZAE2 Datasheet
1Mb / 70P
   AAC/WMA/MP3 SD Memory Card iPod
BU94601KV ROHM-BU94601KV_12 Datasheet
1Mb / 70P
   AAC/WMA/MP3 SD Memory Card iPod
More results

Descripción similar - BU94601KV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com