Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU99901GUZ-W Datasheet(PDF) 11 Page - Rohm

No. de pieza BU99901GUZ-W
Descripción Electrónicos  WL-CSP EEPROM family I2C BUS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU99901GUZ-W Datasheet(HTML) 11 Page - Rohm

Back Button BU99901GUZ-W_10 Datasheet HTML 7Page - Rohm BU99901GUZ-W_10 Datasheet HTML 8Page - Rohm BU99901GUZ-W_10 Datasheet HTML 9Page - Rohm BU99901GUZ-W_10 Datasheet HTML 10Page - Rohm BU99901GUZ-W_10 Datasheet HTML 11Page - Rohm BU99901GUZ-W_10 Datasheet HTML 12Page - Rohm BU99901GUZ-W_10 Datasheet HTML 13Page - Rohm BU99901GUZ-W_10 Datasheet HTML 14Page - Rohm BU99901GUZ-W_10 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Technical Note
11/16
BU99901GUZ-W
www.rohm.com
2010.09 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Software reset
Software reset is executed when to avoid malfunction after power on, and to reset during command input. Software reset
has several kinds, and 3 kids of them are shown in the figure below. (Refer to Fig.41(a), Fig.41(b), Fig.41(c).) In dummy
clock input area, release the SDA bus ('H' by pull up). In dummy clock area, ACK output and read data '0' (both 'L' level)
may be output from EEPROM, therefore, if 'H' is input forcibly, output may conflict and over current may flow, leading to
instantaneous power failure of system power source or influence upon devices.
Acknowledge polling
During internal write, all input commands are ignored, therefore ACK is not sent back. During internal automatic write
execution after write cycle input, next command (slave address) is sent, and if the first ACK signal sends back 'L', then it
means end of write action, while if it sends back 'H', it means now in writing. By use of acknowledge polling, next command
can be executed without waiting for tWR = 5ms.
When to write continuously,
W
/
R
= 0, when to carry out current read cycle after write, slave address
W
/
R
= 1 is sent,
and if ACK signal sends back 'L', then execute word address input and data so forth.
Fig.42 Case to continuously write by acknowledge polling
Slave
address
Word
address
S
T
A
R
T
First write command
A
C
K
H
A
C
K
L
Slave
address
Slave
address
Slave
address
Data
Write command
During internal write,
ACK = HIGH is sent back.
After completion of internal
write, ACK=LOW is sent back,
so input next word address and
data in succession.
tWR
tWR
Second write command
S
T
A
R
T
S
T
A
R
T
S
T
A
R
T
S
T
A
R
T
S
T
O
P
S
T
O
P
A
C
K
H
A
C
K
H
A
C
K
L
A
C
K
L
SCL
2
1
8
9
Dummy clock×9
Start
Fig.41-(b) The case of START+9 Dummy clock + START + command input
Start
Normal command
Normal command
SDA
1
2
13
14
SCL
Fig.41-(a) The case of 14 Dummy clock + START + START+ command input
Normal command
Normal command
Dummy clock×14
Start×2
* Start command from START input.
Start×9
Fig.41-(c) START × 9 + command input
SCL
1
2
3
8
9
7
SDA
SDA
Normal command
Normal command


Número de pieza similar - BU99901GUZ-W_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU99901GUZ-W ROHM-BU99901GUZ-W_12 Datasheet
711Kb / 26P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
More results

Descripción similar - BU99901GUZ-W_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU9880GUL-W ROHM-BU9880GUL-W_10 Datasheet
406Kb / 17P
   WL-CSP EEPROM family I2C BUS
BU9833GUL-W ROHM-BU9833GUL-W_10 Datasheet
424Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU9844GUL-W ROHM-BU9844GUL-W_10 Datasheet
406Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU9847GUL-W ROHM-BU9847GUL-W_10 Datasheet
400Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU9889GUL-W ROHM-BU9889GUL-W Datasheet
417Kb / 18P
   WL-CSP EEPROM family I2C BUS
BU9829GUL-W ROHM-BU9829GUL-W_10 Datasheet
584Kb / 17P
   WL-CSP EEPROM family SPI BUS
BU9832GUL-W ROHM-BU9832GUL-W_10 Datasheet
513Kb / 19P
   WL-CSP EEPROM family SPI BUS
BU9891GUL-W ROHM-BU9891GUL-W Datasheet
471Kb / 18P
   WL-CSP EEPROM family Microwire Bus
BU9897GUL-W ROHM-BU9897GUL-W_11 Datasheet
361Kb / 17P
   High Reliability Series Serial EEPROMs WL-CSP EEPROM family I2C BUS
BRCA016GWZ-W ROHM-BRCA016GWZ-W Datasheet
427Kb / 18P
   High Reliability Series Serial EEPROMs WL-CSP EEPROM family I2C BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com