Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LS02-1B66-PA-500W Datasheet(PDF) 1 Page - Meder Electronic

No. de pieza LS02-1B66-PA-500W
Descripción Electrónicos  LS Level Sensor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MEDER [Meder Electronic]
Página de inicio  http://www.meder.com
Logo MEDER - Meder Electronic

LS02-1B66-PA-500W Datasheet(HTML) 1 Page - Meder Electronic

  LS02-1B66-PA-500W Datasheet HTML 1Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
9521712054
Item No.:
Item:
Europe:
USA:
Asia:
LS02-1B66-PA-500W
LS02-1B71-PA-500W
+49 / 7731 8399 0
+1 / 508 295 0771
+852 / 2955 1682
| Email: info@meder.com
| Email: salesusa@meder.co
| Email: salesasia@meder.co
Special Product Data
Conditions
Min
Typ
Max
Unit
not to exceed their individual max.'s
Contact rating
DC or Peak AC
operating voltage
DC or Peak AC
operating ampere
DC or Peak AC
Switching current
measured with 40% overdrive
Sensor-resistance
Polyamid
Housing material
black
Case color
Polyurethan
Sealing compound
Environmental data
Conditions
Min
Typ
Max
Unit
Not including cable
Operating temperature
including cable
Operating temperature
Storage temperature
IP68 until thread
DIN EN 60529
safety class
Cable specification
Conditions
Min
Typ
Max
Unit
round cable
Cable typ
PVC
Cable material
0,14 mm²
Cross section
General data
Conditions
Min
Typ
Max
Unit
over 5m cable, a series resistor is recommended.
Mounting advice
Tightening torque
Modifications in the sense of technical progress are reserved
10.08.07
ALICHTENSTEIN
ALICHTENSTEIN
03
Version:
Designed by:
Last Change at:
Designed at:
Last Change by:
07.03.08
BUELTZHOEFFER
BUELTZHOEFFER
Approval by:
Approval by:
28.02.08
Approval at:
Approval at:
07.03.08


Número de pieza similar - LS02-1B66-PA-500W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Standex Electronics, In...
LS02-1B66-PA-500W STANDEX-LS02-1B66-PA-500W Datasheet
121Kb / 1P
   LS02 Series Liquid Level Sensor
Ver.08
logo
Meder Electronic
LS02-1B66-PA-500W_DE MEDER-LS02-1B66-PA-500W_DE Datasheet
75Kb / 1P
   (deutsch) LS Level Sensor
More results

Descripción similar - LS02-1B66-PA-500W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Meder Electronic
LS01-1B85-PP-5000W MEDER-LS01-1B85-PP-5000W Datasheet
130Kb / 1P
   LS Level Sensor
LS02-1A66-PP-5000W MEDER-LS02-1A66-PP-5000W Datasheet
55Kb / 1P
   LS Level Sensor
LS02-1A85-PA-1500W MEDER-LS02-1A85-PA-1500W Datasheet
61Kb / 1P
   LS Level Sensor
LS02-1A85-S-2000W MEDER-LS02-1A85-S-2000W Datasheet
134Kb / 1P
   LS Level Sensor
LS02-1B66-PP-500W MEDER-LS02-1B66-PP-500W Datasheet
55Kb / 1P
   LS Level Sensor
LS02-1B66-PP-1000W MEDER-LS02-1B66-PP-1000W Datasheet
55Kb / 1P
   LS Level Sensor
LS02-1B84-PA-1500W MEDER-LS02-1B84-PA-1500W Datasheet
56Kb / 1P
   LS Level Sensor
LS02-1B85-PA-1500W MEDER-LS02-1B85-PA-1500W Datasheet
61Kb / 1P
   LS Level Sensor
LS02-1B85-PP-5000W MEDER-LS02-1B85-PP-5000W Datasheet
113Kb / 1P
   LS Level Sensor
LS03-1A66-PP-4000W MEDER-LS03-1A66-PP-4000W Datasheet
127Kb / 1P
   LS Level Sensor
LS03-1A66-PP-5000W MEDER-LS03-1A66-PP-5000W Datasheet
128Kb / 1P
   LS Level Sensor
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com