Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IXXH100N60C3 Datasheet(PDF) 3 Page - IXYS Corporation

No. de pieza IXXH100N60C3
Descripción Electrónicos  Extreme Light Punch Through IGBT for 20-60kHz Switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IXYS [IXYS Corporation]
Página de inicio  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXXH100N60C3 Datasheet(HTML) 3 Page - IXYS Corporation

  IXXH100N60C3 Datasheet HTML 1Page - IXYS Corporation IXXH100N60C3 Datasheet HTML 2Page - IXYS Corporation IXXH100N60C3 Datasheet HTML 3Page - IXYS Corporation IXXH100N60C3 Datasheet HTML 4Page - IXYS Corporation IXXH100N60C3 Datasheet HTML 5Page - IXYS Corporation IXXH100N60C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2010 IXYS CORPORATION, All Rights Reserved
IXXH100N60C3
Fig. 1. Output Characteristics @ TJ = 25ºC
0
20
40
60
80
100
120
140
0
0.5
1
1.5
2
2.5
3
3.5
VCE - Volts
VGE = 15V
13V
12V
10V
9V
11V
7V
6V
8V
Fig. 2. Extended Output Characteristics @ TJ = 25ºC
0
50
100
150
200
250
300
350
0
2
4
6
8
10
12
14
16
18
20
VCE - Volts
VGE = 15V
10V
11V
13V
12V
8V
7V
9V
14V
Fig. 3. Output Characteristics @ TJ = 150ºC
0
20
40
60
80
100
120
140
0
0.5
1
1.5
2
2.5
3
3.5
4
VCE - Volts
VGE = 15V
13V
12V
10V
8V
9V
7V
6V
11V
Fig. 4. Dependence of VCE(sat) on
Junction Temperature
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-25
0
25
50
75
100
125
150
175
TJ - Degrees Centigrade
VGE = 15V
I C = 70A
I C = 35A
I C = 140A
Fig. 5. Collector-to-Emitter Voltage vs.
Gate-to-Emitter Voltage
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
8
9
10
11
12
13
14
15
VGE - Volts
I C = 140A
TJ = 25ºC
70A
35A
Fig. 6. Input Admittance
0
20
40
60
80
100
120
140
160
180
4
567
89
10
11
VGE - Volts
TJ = 150ºC
25ºC
- 40ºC


Número de pieza similar - IXXH100N60C3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IXYS Corporation
IXXH100N60B3 IXYS-IXXH100N60B3 Datasheet
179Kb / 6P
   Extreme Light Punch Through IGBT for 10-30 kHz Switching
More results

Descripción similar - IXXH100N60C3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IXYS Corporation
IXXKX100N60C3H1 IXYS-IXXKX100N60C3H1 Datasheet
248Kb / 7P
   Extreme Light Punch Through IGBT for 20-60kHz Switching
IXXH30N65C4D1 IXYS-IXXH30N65C4D1 Datasheet
218Kb / 7P
   Extreme Light Punch Through IGBT for 20-60 kHz Switching
IXXH50N60C3D1 IXYS-IXXH50N60C3D1 Datasheet
201Kb / 7P
   Extreme Light Punch Through IGBT for 20-60 kHz Switching
IXXH50N60C3 IXYS-IXXH50N60C3 Datasheet
182Kb / 6P
   Extreme Light Punch Through IGBT for 20-60 kHz Switching
IXXP12N65B4D1 IXYS-IXXP12N65B4D1 Datasheet
227Kb / 7P
   Extreme Light Punch Through IGBT for 5-30kHz Switching
MMIX1X100N60B3H1 IXYS-MMIX1X100N60B3H1 Datasheet
305Kb / 8P
   Extreme Light Punch Through IGBT for 10-30kHz Switching
IXXN200N65A4 IXYS-IXXN200N65A4 Datasheet
179Kb / 6P
   Extreme Light Punch Through IGBT for 5-20kHz Switching
MMIX1X200N60B3H1 IXYS-MMIX1X200N60B3H1 Datasheet
250Kb / 8P
   Extreme Light Punch Through IGBT for 10-30kHz Switching
MMIX1X340N65B4 IXYS-MMIX1X340N65B4 Datasheet
239Kb / 7P
   Extreme Light Punch Through IGBT for 10-30kHz Switching
MMIX1X200N60B3 IXYS-MMIX1X200N60B3 Datasheet
241Kb / 7P
   Extreme Light Punch Through IGBT for 10-30kHz Switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com