Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2904WSR Datasheet(PDF) 1 Page - Rohm

No. de pieza LM2904WSR
Descripción Electrónicos  SIGNATURE SERIES Operational Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

LM2904WSR Datasheet(HTML) 1 Page - Rohm

  LM2904WSR Datasheet HTML 1Page - Rohm LM2904WSR Datasheet HTML 2Page - Rohm LM2904WSR Datasheet HTML 3Page - Rohm LM2904WSR Datasheet HTML 4Page - Rohm LM2904WSR Datasheet HTML 5Page - Rohm LM2904WSR Datasheet HTML 6Page - Rohm LM2904WSR Datasheet HTML 7Page - Rohm LM2904WSR Datasheet HTML 8Page - Rohm LM2904WSR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/17
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
General-purpose Operational Amplifiers / Comparators
SIGNATURE SERIES
Operational Amplifiers
LM358DT/PT/ST/WDT/WPT,LM2904DT/PT/ST/WDT/WPT
LM324DT/PT/WDT,LM2902DT/PT/WDT
Description
The Universal Standard family LM358 / 324, LM2904 /
2902 monolithic ICs integrate two independent
op-amps and phase compensation capacitors on a
single chip
and feature high-gain, low power consumption, and
an operating voltage range of 3[V] to 32[V]
(single power supply.)
Features
1) Operating temperature range
Commercial Grade
LM358/324 family
:
0[℃] to + 70[℃]
Extended Industrial Grade
LM2904/2902 family : -40[℃] to +125[℃]
2) Wide operating supply voltage
+3[V] to +32[V] (single supply)
±
1.5[V] to ±16[V] (dual supply)
3) Low supply current
4) Common-mode input voltage range including ground
5) Differential input voltage range equal to maximum rated supply voltage
6) High large signal voltage gain
7) Wide output voltage range
Pin Assignment
No.11094EBT05
SIGNATURE
SERIES
LM358 family
LM324 family
Quad
LM2904 family
LM2902 family
LM358DT
LM358PT
LM358ST
LM358WDT
LM358WPT
LM324DT
LM324PT
LM324WDT
LM2904DT
LM2904PT
LM2904ST
LM2904WDT
LM2904WPT
Dual
LM2902DT
LM2902PT
LM2902WDT
LM324WDT
LM324DT
TSSOP8
TSSOP14
LM358DT
LM324PT
LM358PT
LM358WPT
LM2902PT
LM358ST
LM358WDT
LM2904DT
LM2904PT
SO package14
SO package8
Mini SO8
LM2904WDT
LM2904WPT
LM2904ST
LM2902DT
LM2902WDT
OUTPUT 1 1
2
3
4
INVERTING
INPUT 1
Vcc
OUTPUT 2
Vcc
8
7
6
5
NON-INVERTING
INPUT 1
NON-INVERTING
INPUT 2
INVERTING
INPUT 2
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUTPUT 1
INVERTING
INPUT 1
Vcc
Vcc
NON-INVERTING
INPUT 1
NON-INVERTING
INPUT 2
INVERTING
INPUT 2
OUTPUT 2
OUTPUT 4
INVERTING
INPUT 4
NON-INVERTING
INPUT 4
NON-INVERTING
INPUT 3
INVERTING
INPUT 3
OUTPUT 3


Número de pieza similar - LM2904WSR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
LM2904W STMICROELECTRONICS-LM2904W Datasheet
171Kb / 10P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
LM2904W STMICROELECTRONICS-LM2904W Datasheet
283Kb / 19P
   Low power dual operational amplifier
LM2904W STMICROELECTRONICS-LM2904W Datasheet
332Kb / 19P
   Low power dual operational amplifier
LM2904W STMICROELECTRONICS-LM2904W Datasheet
1Mb / 28P
   Low-power dual operational amplifier
Rev 20 - August 2022
LM2904WD STMICROELECTRONICS-LM2904WD Datasheet
332Kb / 19P
   Low power dual operational amplifier
More results

Descripción similar - LM2904WSR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
LM393DT ROHM-LM393DT_11 Datasheet
422Kb / 18P
   SIGNATURE SERIES Comparators
LM393DT ROHM-LM393DT_15 Datasheet
866Kb / 38P
   SIGNATURE SERIES Comparators
LM358DR ROHM-LM358DR Datasheet
797Kb / 18P
   TROPHY SERIES Operational Amplifiers
2011.06 - Rev.B
LM358MX ROHM-LM358MX_11 Datasheet
730Kb / 18P
   NOW SERIES Operational Amplifiers
2011.06 - Rev.C
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com