Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM393WPT Datasheet(PDF) 6 Page - Rohm |
|
LM393WPT Datasheet(HTML) 6 Page - Rohm |
6 / 18 page Technical Note 6/17 LM393DT,LM393PT,LM393ST,LM393WDT,LM393WPT, LM2903DT,LM2903PT,LM339DT,LM339PT,LM2901DT,LM2901PT www.rohm.com 2011.06 - Rev.C © 2011 ROHM Co., Ltd. All rights reserved. ● Reference Data LM339 family 0 0.2 0.4 0.6 0.8 1 0 10 203040 SUPPLY VOLTAGE [V] 0 200 400 600 800 1000 025 50 75 100 125 AMBIENT TEMPERATURE [℃] . Output Sink Current – Ambient Temperature (VOUT=1.5[V]) Output Saturation Voltage – Ambient Temperature (IOL=4[mA]) Output Saturation Voltage – Supply Voltage (IOL=4[mA]) Supply Current – Supply Voltage 0 100 200 300 400 500 0 1020 30 4050 607080 AMBIENT TEMPERATURE [℃] 0 0.2 0.4 0.6 0.8 1 0 10 203040 SUPPLY VOLTAGE [V] 0 0.2 0.4 0.6 0.8 1 0 10 203040 506070 80 AMBIENT TEMPER ATURE [℃] 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0 2 4 6 8 10 1214 1618 20 OUTPUT SINK CURRENT [mA] LM339 family 2V 36V 5V -50 -40 -30 -20 -10 0 10 20 30 40 50 0 1020 3040 SUPPLY VOLTAGE [V] 70℃ 25℃ 0℃ LM339 family Input Offset Current – Supply Voltage 0 20 40 60 80 100 120 140 160 010 20 30 40 SUPPLY VOLTAGE [V] LM339 family Input Bias Current – Supply Voltage 0℃ 25℃ 70℃ 0 20 40 60 80 100 120 140 160 0 10 2030 4050 6070 80 AMBIENT TEMPERATURE [℃] Input Bias Current – Ambient Temperature 2V 5V 36V LM339 family -8 -6 -4 -2 0 2 4 6 8 0 1020 30 4050 6070 80 AMBIENT TEMPERATURE [℃] Input Offset Voltage – Ambient Temperature 2V 5V 36V LM339 family Supply Current – Ambient Temperature 5V -8 -6 -4 -2 0 2 4 6 8 0 1020 3040 SUPPLY VOLTAGE [V] Input Offset Voltage – Supply Voltage 0℃ 25℃ 70℃ LM339 family Low Level Output Voltage – Output Sink Current (VCC=5[V]) LM339 family 0℃ 25℃ 70℃ 0 10 20 30 40 0 10 203040 50607080 AMBIEN TTEMPERATURE [℃] 36V 5V 2V LM339 family LM339DT Derating Curve 25℃ 70℃ 0℃ 0 100 200 300 400 500 0 1020 3040 SUPPLY VOLTAGE [V] LM339 family 0℃ 25℃ 70℃ Fig.21 Fig.22 Fig. 23 Fig.24 Fig. 25 Fig. 26 Fig. 27 Fig. 28 Fig. 29 Fig. 30 Fig. 31 Fig. 32 (*)The data above is ability value of sample, it is not guaranteed. LM339family: 0[℃]~+70[℃] 70 36V 2V LM339 family LM339 family LM339 family LM339PT |
Número de pieza similar - LM393WPT |
|
Descripción similar - LM393WPT |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |