Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STZC6.8N Datasheet(PDF) 1 Page - Rohm

No. de pieza STZC6.8N
Descripción Electrónicos  ESD Protection diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

STZC6.8N Datasheet(HTML) 1 Page - Rohm

  STZC6.8N_11 Datasheet HTML 1Page - Rohm STZC6.8N_11 Datasheet HTML 2Page - Rohm STZC6.8N_11 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
ESD Protection diode
STZC6.8N
Applications
Dimensions (Unit : mm)
Land size figure (Unit : mm)
ESD Protection, bi direction
Features
1) Ultra small mold type. (SMD3)
2) High reliability.
3) Ultra low capacitance
Construction
Silicon epitaxial planar
Structure
Taping specifications (Unit : mm)
Absolute maximum ratings (Ta=25°C)
Symbol
Unit
PmW
Tj
°C
Tstg
°C
Electrical characteristics (Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Conditions
VZ
6.47
-
7.14
V
IZ=5mA
IR
-
-
0.50
μAVR=3.5V
Ct
-
3
pF
pF
VR=0V , f=1MHz
Parameter
Reverse current
Capacitance between terminals
Zener voltage
Storage temperature
55 to 150
Parameter
Limits
150
200
Power dissipation (*1)
Junction temperature
SMD3
0.8MIN.
0.95
1.9
3.2±0.1
4.0±0.1
4.0±0.1
2.0±0.05
φ1.5±0.1
      0
1.35±0.1
φ1.05MIN
0.3±0.1
JEDEC :S0T-346
0.4
+0.1
-0.06
2.9±0.2
1.9± 0.2
0.95
0.95
+0.1
 -0.05
各リー ドと も
同寸法
0~0.1
0.15
1.1± 0.2
0.01
0.8± 0.1
(2)
(1)
(3)
1.1
0.2
0.1
Each lead has same dimension
ROHM : SMD3
JEITA : SC-59
week code
1/2
2011.03 - Rev.A


Número de pieza similar - STZC6.8N_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
STZC6.8NFH ROHM-STZC6.8NFH Datasheet
777Kb / 6P
   ESD Protection diode
More results

Descripción similar - STZC6.8N_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
RSB6.8G ROHM-RSB6.8G Datasheet
160Kb / 3P
   ESD Protection diode
logo
AUK corp
SDT6D8EF AUK-SDT6D8EF Datasheet
255Kb / 3P
   ESD Protection Diode
logo
Pan Jit International I...
PJQA6V8C PANJIT-PJQA6V8C Datasheet
209Kb / 3P
   ESD Protection diode
logo
WILLAS ELECTRONIC CORP
SESD9DXXV WILLAS-SESD9DXXV Datasheet
387Kb / 4P
   ESD Protection Diode
logo
Rohm
RSB6.8STE61 ROHM-RSB6.8STE61 Datasheet
394Kb / 3P
   ESD Protection diode
logo
Leshan Radio Company
LESD7D5.0T5G LRC-LESD7D5.0T5G Datasheet
499Kb / 6P
   ESD PROTECTION DIODE
logo
Sanyo Semicon Device
DA473S6 SANYO-DA473S6 Datasheet
285Kb / 4P
   ESD Protection Diode
logo
AUK corp
SDT6B2Q AUK-SDT6B2Q Datasheet
52Kb / 3P
   ESD Protection Diode
logo
Dallas Semiconductor
DS9502 DALLAS-DS9502 Datasheet
67Kb / 3P
   ESD Protection Diode
logo
Socay Electornics Co., ...
ESD11D05V-A SOCAY-ESD11D05V-A Datasheet
387Kb / 3P
   ESD Protection Diode
ESD11D05V-C SOCAY-ESD11D05V-C Datasheet
377Kb / 3P
   ESD Protection Diode
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com