Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LCS Datasheet(PDF) 3 Page - C&K Components

No. de pieza LCS
Descripción Electrónicos  Subminiature Sealed Snap-acting Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CK-COMPONENTS [C&K Components]
Página de inicio  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

LCS Datasheet(HTML) 3 Page - C&K Components

  LCS Datasheet HTML 1Page - C&K Components LCS Datasheet HTML 2Page - C&K Components LCS Datasheet HTML 3Page - C&K Components LCS Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
E
D
B
C
11.9
0.2 ref.
B
C
D
E
19.4
7.15
ref.
25.50
13.2
ref
33.3
20.95 ref.
40.7
28.35 ref.
18.6
6.1 ref.
E
D
C
17.2
4.4 ref.
D
E
C
17.4
5.05 ref.
55.9
43.55 ref.
7.5
ACTUATOR
OPTION
CODE
AB
C
D
E
DIFF. MOTION
(MAX)
OPERATING FORCE
(MIN)
RELEASE FORCE
(MIN)
LENGTH
OF
LEVER
OVER
TRAVEL
(MIN)
PRE
TRAVEL
(MAX)
OPERATING
POSITION
FREE
POSITION
(MAX)
150
203
150
203
150
203
P00
button
0.6
1.2
8.4 ± .3
9.9
0.2
150
203
50
T00
11.9
0.6
3.2
8.8 ± .9
11.1
0.5
98
21
T05
17.40
0.9
4.3
8.8 ± 1.1
12
0.6
73
82
14
16
T07
19.40
1
4.8
8.8 ± 1.2
12.4
0.7
55
66
11
13
T13
25.5
1.6
6.3
8.8 ±1.6
13.5
0.9
29
54
6
11
T19
33.3
T28
40.7
2.1
10.1
8.8 ± 2.6
16.3
2.3
1.4
33
39
1
8
T43
55.9
2.9
13.8
8.8 ± 3.5
19.1
3.6
2.0
23
33
1
7
S26
18.6
1
4.6
10.7 ±1.2
14.1
42
68
7
14
A05
17.20
0.9
4.3
14.5 ±1.1
17.7
0.6
60
72
12
15
1.95
8.0
8.8 ±2.0
15.0
1.75
0.95
0.2
0.5
0.6
0.7
0.9
1.75
0.65
0.6
66
32
40
5
2
30
10
grams
grams
grams
grams
grams
grams
Grams
Grams
mm
mm
mm
mm
mm
mm
LCS Series
Subminiature Sealed Snap-acting Switches
ACTUATOR
P00
T19
T07
A05
T00
T28
T13
S26
T05
T43
J
J–28
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com


Número de pieza similar - LCS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Visual Communications C...
LCS VCC-LCS Datasheet
89Kb / 1P
   5MM THREADED MOISTURE SEALED LITEPIPE
logo
TE Connectivity Ltd
LCS TEC-LCS Datasheet
253Kb / 4P
   HORIZONTAL COMPACT SHORT-SWING LIQUID LEVEL SENSORS
logo
M-System Co.,Ltd.
LCS MSYSTEM-LCS Datasheet
118Kb / 3P
   Plug-in Signal Conditioners M-UNIT
logo
C&K Components
LCS CK-COMPONENTS-LCS Datasheet
538Kb / 4P
   Small Size Sealed Snap-acting Switches
31 May 21
logo
TE Connectivity Ltd
LCS-01 TEC-LCS-01 Datasheet
253Kb / 4P
   HORIZONTAL COMPACT SHORT-SWING LIQUID LEVEL SENSORS
More results

Descripción similar - LCS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
C&K Components
LCW CK-COMPONENTS-LCW Datasheet
515Kb / 4P
   Subminiature Sealed Snap-acting Switches
26 Feb 19
ZMSM CK-COMPONENTS-ZMSM Datasheet
224Kb / 4P
   Subminiature Snap-acting Switches
logo
ITT Industries
ZMA00A150P00PC ITT-ZMA00A150P00PC Datasheet
274Kb / 3P
   Subminiature Snap-acting Switches
logo
C&K Components
LCA CK-COMPONENTS-LCA Datasheet
177Kb / 5P
   Subminiature Snap-acting Switches
ZMA CK-COMPONENTS-ZMA Datasheet
210Kb / 4P
   Subminiature Snap-acting Switches
ZM CK-COMPONENTS-ZM Datasheet
192Kb / 3P
   Subminiature Snap-acting Switches
logo
ITT Industries
ZMCJCHF7P0L0T ITT-ZMCJCHF7P0L0T Datasheet
235Kb / 3P
   Subminiature Snap-acting Switches
logo
C&K Components
ZMCJF7P0T CK-COMPONENTS-ZMCJF7P0T Datasheet
179Kb / 3P
   Subminiature Snap-acting Switches
ZMA CK-COMPONENTS-ZMA_V01 Datasheet
397Kb / 4P
   Subminiature Snap-acting Switches
2018
logo
ITT Industries
LCGGF5P00EC ITT-LCGGF5P00EC Datasheet
273Kb / 4P
   Subminiature Precision Snap-acting Switches
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com