Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SD12H1B Datasheet(PDF) 2 Page - C&K Components |
|
SD12H1B Datasheet(HTML) 2 Page - C&K Components |
2 / 3 page H H–12 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ck-components.com 1 8 7 6 5 4 3 2 ORIENTATION MARK PEELABLE TAPE SEAL .300 (7,62) .390 (9,91) .010 TYP. (0,25) STANDOFF .027 (0,70) ACTUATOR TRAVEL .142 (3,62) .263 (6,68) DIM. 'A' SEE CHART .315 TYP. (8,00) .160 (4,06) WITH TAPE .100 TYP. (2,54) .022 TYP. (0,55) .010 TYP. (0,25) .243 TYP. (6,17) .044 MIN. (1,12) .100 (2,54) TYP. .435 MIN. (11,05) 18 7 6 5 4 3 2 .010 TYP. (0,25) .023 TYP. (0,60) STANDOFF .027 (0,70) ACTUATOR TRAVEL .142 (3,62) .263 (6,68) DIM. 'A' SEE CHART .325 TYP. (8,25) .315 TYP. (8,00) .168 TYP. (4,30) .126 TYP. (3,20) .100 TYP. (2,54) .022 TYP. (0,55) .059 TYP. (1,50) .010 TYP. (0,25) PEELABLE TAPE SEAL ORIENTATION MARK .100 (2,54) TYP. .300 TYP. (7,6) Ø.038 (0,97) TYP. SD Series Low Profile DIP Switches Sealed Flush Actuator – With Top Tape, Surface Mount Terminals Sealed Extended Actuator – With Top Tape, Thru-hole Terminals RoHS NO. QUANTITY PART NUMBER POS. DIM. ‘A’ PER TUBE SD02H0SB 2 .258 (6,55) 85 SD03H0SB 3 .358 (9,09) 60 SD04H0SB 4 .458 (11,63) 45 SD05H0SB 5 .558 (14,17) 40 SD06H0SB 6 .658 (16,71) 30 SD07H0SB 7 .758 (19,25 25 SD08H0SB 8 .858 (21,79) 25 SD09H0SB 9 .958 (24,33) 20 SD10H0SB 10 1.058 (26,87) 20 SD12H0SB 12 1.258 (31,95) 15 Schematic SPST RoHS NO. QUANTITY PART NUMBER POS. DIM. ‘A’ PER TUBE SD02H1B 2 .258 (6,55) 85 SD03H1B 3 .358 (9,09) 60 SD04H1B 4 .458 (11,63) 45 SD05H1B 5 .558 (14,17) 40 SD06H1B 6 .658 (16,71) 30 SD07H1B 7 .758 (19,25 25 SD08H1B 8 .858 (21,79) 25 SD09H1B 9 .958 (24,33) 20 SD10H1B 10 1.058 (26,87) 20 SD12H1B 12 1.258 (31,95) 15 Schematic SPST Sealed Flush Actuator – With Top Tape, Thru-hole Terminals Process sealed - withstands soldering and cleaning processes 1 8 7 6 5 4 3 2 .010 TYP. (0,25) .023 TYP. (0,60) STANDOFF .027 (0,70) ACTUATOR TRAVEL .142 (3,62) .263 (6,68) DIM. 'A' SEE CHART .325 TYP. (8,25) .315 TYP. (8,00) .168 TYP. (4,30) .126 TYP. (3,20) .100 TYP. (2,54) .022 TYP. (0,55) .059 TYP. (1,50) PEELABLE TAPE SEAL ORIENTATION MARK .100 (2,54) TYP. .300 TYP. (7,6) Ø.038 (0,97) TYP. ROHS NO. QUANTITY PART NUMBER POS. DIM. ‘A’ PER TUBE SD02H0B 2 .258 (6,55) 85 SD03H0B 3 .358 (9,09) 60 SD04H0B 4 .458 (11,63) 45 SD05H0B 5 .558 (14,17) 40 SD06H0B 6 .658 (16,71) 30 SD07H0B 7 .758 (19,25 25 SD08H0B 8 .858 (21,79) 25 SD09H0B 9 .958 (24,33) 20 SD10H0B 10 1.058 (26,87) 20 SD12H0B 12 1.258 (31,95) 15 Schematic SPST |
Número de pieza similar - SD12H1B |
|
Descripción similar - SD12H1B |