Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC2G125GF Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza 74LVC2G125GF
Descripción Electrónicos  Dual bus buffer/line driver; 3-state
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G125GF Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC2G125GF Datasheet HTML 3Page - NXP Semiconductors 74LVC2G125GF Datasheet HTML 4Page - NXP Semiconductors 74LVC2G125GF Datasheet HTML 5Page - NXP Semiconductors 74LVC2G125GF Datasheet HTML 6Page - NXP Semiconductors 74LVC2G125GF Datasheet HTML 7Page - NXP Semiconductors 74LVC2G125GF Datasheet HTML 8Page - NXP Semiconductors 74LVC2G125GF Datasheet HTML 9Page - NXP Semiconductors 74LVC2G125GF Datasheet HTML 10Page - NXP Semiconductors 74LVC2G125GF Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
74LVC2G125
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 11 — 9 September 2010
7 of 22
NXP Semiconductors
74LVC2G125
Dual bus buffer/line driver; 3-state
[1]
Typical values are measured at VCC = 3.3 V and Tamb = 25 °C.
Tamb = −40 °C to +125 °C
VIH
HIGH-level input voltage
VCC = 1.65 V to 1.95 V
0.65VCC
--
V
VCC = 2.3 V to 2.7 V
1.7
-
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
V
VCC = 4.5 V to 5.5 V
0.7VCC
--
V
VIL
LOW-level input voltage
VCC = 1.65 V to 1.95 V
-
-
0.35VCC
V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 2.7 V to 3.6 V
-
-
0.8
V
VCC = 4.5 V to 5.5 V
-
-
0.3VCC
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 100 μA; VCC =1.65Vto 5.5V
-
-
0.1
V
IO = 4 mA; VCC =1.65 V
-
-
0.70
V
IO = 8 mA; VCC = 2.3 V
-
-
0.45
V
IO = 12 mA; VCC =2.7 V
-
-
0.60
V
IO = 24 mA; VCC =3.0 V
-
-
0.80
V
IO = 32 mA; VCC =4.5 V
-
-
0.80
V
VOH
HIGH-level output voltage VI = VIH or VIL
IO = −100 μA; VCC = 1.65 V to 5.5 V
VCC − 0.1
-
-
V
IO = −4 mA; VCC = 1.65 V
0.95
-
-
V
IO = −8 mA; VCC =2.3 V
1.7
-
-
V
IO = −12 mA; VCC = 2.7 V
1.9
-
-
V
IO = −24 mA; VCC = 3.0 V
2.0
-
-
V
IO = −32 mA; VCC = 4.5 V
3.4
-
-
V
II
input leakage current
VI = 5.5 V or GND; VCC =0 V to 5.5 V
-
-
±20
μA
IOZ
OFF-state output current
VI = VIH or VIL; VO = 5.5 V or GND;
VCC = 3.6 V
--
±20
μA
IOFF
power-off leakage current
VI or VO =5.5 V; VCC =0 V
-
-
±20
μA
ICC
supply current
VI = 5.5 V or GND;
VCC = 1.65Vto 5.5V; IO =0A
--
40
μA
ΔI
CC
additional supply current
per pin; VI =VCC − 0.6 V; IO =0A;
VCC = 2.3 V to 5.5 V
--
5
mA
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground 0 V).
Symbol Parameter
Conditions
Min
Typ[1] Max
Unit


Número de pieza similar - 74LVC2G125GF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC2G125GF PHILIPS-74LVC2G125GF Datasheet
155Kb / 22P
   Dual bus buffer/line driver; 3-state
Rev. 12-1 December 2011
logo
Nexperia B.V. All right...
74LVC2G125GF NEXPERIA-74LVC2G125GF Datasheet
272Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 17 - 26 July 2021
More results

Descripción similar - 74LVC2G125GF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC2G125 NXP-74LVC2G125 Datasheet
92Kb / 16P
   Dual bus buffer/line driver; 3-state
Rev. 08-7 September 2007
74LVC2G125 PHILIPS-74LVC2G125 Datasheet
95Kb / 16P
   Dual bus buffer/line driver 3-state
2004 Sep 22
74LVC2G126 PHILIPS-74LVC2G126 Datasheet
95Kb / 16P
   Dual bus buffer/line driver; 3-state
2004 Sep 22
74LVC2G126 NXP-74LVC2G126_08 Datasheet
448Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 08-5 May 2008
74LVC2G125 PHILIPS-74LVC2G125_11 Datasheet
155Kb / 22P
   Dual bus buffer/line driver; 3-state
Rev. 12-1 December 2011
logo
Nexperia B.V. All right...
74LVC2G125 NEXPERIA-74LVC2G125 Datasheet
272Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 17 - 26 July 2021
74LVC2G126 NEXPERIA-74LVC2G126 Datasheet
270Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 15 - 28 April 2020
logo
NXP Semiconductors
74LVC2G126 NXP-74LVC2G126 Datasheet
92Kb / 16P
   Dual bus buffer/line driver; 3-state
Rev. 06-7 September 2007
74LVC2G125 NXP-74LVC2G125_08 Datasheet
107Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 10-11 June 2008
logo
Nexperia B.V. All right...
74LVC2G125-Q100 NEXPERIA-74LVC2G125-Q100 Datasheet
215Kb / 2P
   Dual bus buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com