Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC2G125GS Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza 74LVC2G125GS
Descripción Electrónicos  Dual bus buffer/line driver; 3-state
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G125GS Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74LVC2G125GS Datasheet HTML 7Page - NXP Semiconductors 74LVC2G125GS Datasheet HTML 8Page - NXP Semiconductors 74LVC2G125GS Datasheet HTML 9Page - NXP Semiconductors 74LVC2G125GS Datasheet HTML 10Page - NXP Semiconductors 74LVC2G125GS Datasheet HTML 11Page - NXP Semiconductors 74LVC2G125GS Datasheet HTML 12Page - NXP Semiconductors 74LVC2G125GS Datasheet HTML 13Page - NXP Semiconductors 74LVC2G125GS Datasheet HTML 14Page - NXP Semiconductors 74LVC2G125GS Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
74LVC2G125
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 11 — 9 September 2010
11 of 22
NXP Semiconductors
74LVC2G125
Dual bus buffer/line driver; 3-state
13. Package outline
Fig 10. Package outline SOT505-2 (TSSOP8)
UNIT
A1
A
max.
A2
A3
bp
L
HE
Lp
wy
v
ce
D(1)
E(1)
Z(1)
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.00
0.95
0.75
0.38
0.22
0.18
0.08
3.1
2.9
3.1
2.9
0.65
4.1
3.9
0.70
0.35
8
°
0
°
0.13
0.1
0.2
0.5
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
0.47
0.33
SOT505-2
- - -
02-01-16
w M
bp
D
Z
e
0.25
14
8
5
θ
A2
A1
Lp
(A3)
detail X
A
L
HE
E
c
v M A
X
A
y
2.5
5 mm
0
scale
TSSOP8: plastic thin shrink small outline package; 8 leads; body width 3 mm; lead length 0.5 mm
SOT505-2
1.1
pin 1 index


Número de pieza similar - 74LVC2G125GS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC2G125GS PHILIPS-74LVC2G125GS Datasheet
155Kb / 22P
   Dual bus buffer/line driver; 3-state
Rev. 12-1 December 2011
logo
Nexperia B.V. All right...
74LVC2G125GS NEXPERIA-74LVC2G125GS Datasheet
272Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 17 - 26 July 2021
More results

Descripción similar - 74LVC2G125GS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC2G125 NXP-74LVC2G125 Datasheet
92Kb / 16P
   Dual bus buffer/line driver; 3-state
Rev. 08-7 September 2007
74LVC2G125 PHILIPS-74LVC2G125 Datasheet
95Kb / 16P
   Dual bus buffer/line driver 3-state
2004 Sep 22
74LVC2G126 PHILIPS-74LVC2G126 Datasheet
95Kb / 16P
   Dual bus buffer/line driver; 3-state
2004 Sep 22
74LVC2G126 NXP-74LVC2G126_08 Datasheet
448Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 08-5 May 2008
74LVC2G125 PHILIPS-74LVC2G125_11 Datasheet
155Kb / 22P
   Dual bus buffer/line driver; 3-state
Rev. 12-1 December 2011
logo
Nexperia B.V. All right...
74LVC2G125 NEXPERIA-74LVC2G125 Datasheet
272Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 17 - 26 July 2021
74LVC2G126 NEXPERIA-74LVC2G126 Datasheet
270Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 15 - 28 April 2020
logo
NXP Semiconductors
74LVC2G126 NXP-74LVC2G126 Datasheet
92Kb / 16P
   Dual bus buffer/line driver; 3-state
Rev. 06-7 September 2007
74LVC2G125 NXP-74LVC2G125_08 Datasheet
107Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 10-11 June 2008
logo
Nexperia B.V. All right...
74LVC2G125-Q100 NEXPERIA-74LVC2G125-Q100 Datasheet
215Kb / 2P
   Dual bus buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com