Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4148W Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No. de pieza 1N4148W
Descripción Electrónicos  400mW High Speed SMD Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4148W Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  1N4148W_10 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4148W_10 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4148W_10 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N4148W/1N4448W/1N914BW
400mW High Speed SMD Switching Diode
Small Signal Diode
Fast switching device(Trr<4.0nS)
Surface device type mounting
Moisture sensitivity level 1
Matte Tin(Sn) lead finish with Nickel(Ni) underplate
Pb free version and RoHS compliant
packing code and prefix "G" on date code
Min
Max
Min
Max
Case : Flat lead SOD-123 small outline plastic package
1.5
1.7
0.059 0.067
3.3
3.7
0.130 0.146
0.5
0.7
0.020 0.028
2.5
2.7
0.098 0.106
Polarity : Indicated by cathode band
0.8
1.0
0.031 0.039
Weight : 8.85±0.5 mg
0.05
0.2
0.002 0.008
Marking Code : D1, D2, D3
Ordering Information
Package
Part No.
Packing
SOD-123F 1N4148W RH
3K / 7" Reel
D1
SOD-123F 1N4448W RH
3K / 7" Reel
D2
SOD-123F 1N9148B RH
3K / 7" Reel
D3
Suggested PAD Layout
SOD-123F 1N4148W RHG
3K / 7" Reel
D1
SOD-123F 1N4448W RHG
3K / 7" Reel
D2
SOD-123F 1N9148B RHG
3K / 7" Reel
D3
Maximum Ratings and Electrical Characteristics
Maximum Ratings
mA
Rating at 25°C ambient temperature unless otherwise specified.
Type Number
Units
Repetitive Peak Reverse Voltage
mW
PD
Power Dissipation
V
V
Repetitive Peak Forward Current
°C
-65 to + 150
300
150
°C/W
450
mA
Thermal Resistance (Junction to Ambient) (Note 1)
IO
Junction and Storage Temperature Range
Mean Forward Current
IFRM
C
D
E
400
Pin Configuration
TJ, TSTG
RθJA
Symbol
Non-Repetitive Peak Reverse Voltage
VRSM
75
100
VRRM
Notes:1. Test Condition : 8.3ms Single half Sine-Wave Superimposed on Rated Load (JEDEC Method)
SOD-123F
Features
Mechanical Data
A
B
Green compound (Halogen free) with suffix "G" on
Value
Unit (mm)
Unit (inch)
F
Marking
Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
High temperature soldering guaranteed: 260°C/10s
Dimensions
D
A
B
C
E
F
1.22
0.048
2.36
0.093
0.91
0.036
0.165
4.19
Version : D
10


Número de pieza similar - 1N4148W_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
1N4148W-13-F DIODES-1N4148W-13-F Datasheet
79Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30086 Rev. 22 - 2
1N4148W-13-F DIODES-1N4148W-13-F Datasheet
79Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
1N4148W-13-F DIODES-1N4148W-13-F Datasheet
331Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
1N4148W-13-F DIODES-1N4148W-13-F Datasheet
340Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Tak Cheong Electronics ...
1N4148W TAK_CHEONG-1N4148W_11 Datasheet
189Kb / 5P
   400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
More results

Descripción similar - 1N4148W_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS4148RYG TSC-TS4148RYG Datasheet
122Kb / 2P
   400mW High Speed SMD Switching Diode
TS4148RX TSC-TS4148RX Datasheet
80Kb / 2P
   400mW High Speed SMD Switching Diode
TS4148RY TSC-TS4148RY Datasheet
115Kb / 2P
   400mW High Speed SMD Switching Diode
1N914BW TSC-1N914BW Datasheet
101Kb / 2P
   400mW High Speed SMD Switching Diode
logo
DIYI Electronic Technol...
1N4148W DYELEC-1N4148W Datasheet
637Kb / 2P
   400mW High Speed SMD Switching Diode
logo
Taiwan Semiconductor Co...
TS4148RXG TSC-TS4148RXG Datasheet
118Kb / 2P
   400mW High Speed SMD Switching Diode
1N4148W TSC-1N4148W_14 Datasheet
193Kb / 4P
   400mW High Speed SMD Switching Diode
logo
Micro Commercial Compon...
1N4148W-TP MCC-1N4148W-TP Datasheet
209Kb / 3P
   High Speed Switching Diode 400mW
1N4148WL MCC-1N4148WL Datasheet
482Kb / 3P
   High Speed Switching Diode 400mW
1N4148W MCC-1N4148W_16 Datasheet
331Kb / 3P
   High Speed Switching Diode 400mW
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com