Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAT42W Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No. de pieza BAT42W
Descripción Electrónicos  200mW Surface Mount Schottky Barrier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT42W Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BAT42W Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT42W Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ratings and Characteristics Curve (BAT42W - BAT43W)
FIG 2 Typical Forward characteristics
BAT42W
BAT43W
1
10
100
100
1000
Forward Voltage (mV)
FIG 3 Typical Reverse Characteristics
BAT42W
BAT43W
9.5
10.5
11.5
12.5
13.5
14.5
15.5
10
100
1000
Reverse Voltage (mV)
FIG 1 Typical Forward Characteristics
BAT42W
BAT43W
0.01
0.1
1
10
100
1000
10
100
1000
Instantaneous Forward Voltage (mV)
FIG 4 Typical Reverse Characteristics
BAT42W
BAT43W
0
20
40
60
80
100
120
2
8
14
20
26
32
Reverse Voltage (V)
2 of 2
Version : B08


Número de pieza similar - BAT42W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
BAT42W PANJIT-BAT42W Datasheet
61Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
SUNMATE electronic Co.,...
BAT42W SUNMATE-BAT42W Datasheet
113Kb / 2P
   200mA Surface Mount Schottky Barrier Rectifiers
logo
Tak Cheong Electronics ...
BAT42W TAK_CHEONG-BAT42W Datasheet
124Kb / 4P
   400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Schottky Barrier Diode
logo
Galaxy Semi-Conductor H...
BAT42W BILIN-BAT42W Datasheet
146Kb / 4P
   Schottky Barrier Diode
logo
Pan Jit International I...
BAT42W PANJIT-BAT42W Datasheet
78Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
More results

Descripción similar - BAT42W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
BAS70WX MCC-BAS70WX Datasheet
175Kb / 2P
   Surface Mount Schottky Barrier Diode 200mW
logo
Taiwan Semiconductor Co...
BAT54T-G TSC-BAT54T-G Datasheet
393Kb / 4P
   200mW Surface Mount Schottky Barrier Diode
BAT54T TSC-BAT54T_14 Datasheet
155Kb / 5P
   200mW Surface Mount Schottky Barrier Diode
logo
Shenzhen Luguang Electr...
BAS70 LUGUANG-BAS70 Datasheet
159Kb / 2P
   200mW Surface Mount Schottky Barrier Diode
BAT54 LUGUANG-BAT54 Datasheet
187Kb / 2P
   200mW Surface Mount Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
BAT54W TSC-BAT54W_14 Datasheet
130Kb / 5P
   200mW Surface Mount Schottky Barrier Diode
logo
Micro Commercial Compon...
BAS70WX MCC-BAS70WX_13 Datasheet
206Kb / 2P
   Surface Mount Schottky Barrier Diode 200mW
logo
Taiwan Semiconductor Co...
BAT43W TSC-BAT43W Datasheet
162Kb / 2P
   200mW Surface Mount Schottky Barrier Diode
logo
Shunye Enterprise
RB521S-30 SHUNYE-RB521S-30 Datasheet
355Kb / 3P
   200mW SOD-523 SURFACE MOUNT Schottky Barrier Diode
logo
Micro Commercial Compon...
BAS70TW MCC-BAS70TW Datasheet
196Kb / 3P
   200mW SCHOTTKY BARRIER Diode
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com