Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMAJP4KE120A Datasheet(PDF) 3 Page - Micro Commercial Components

No. de pieza SMAJP4KE120A
Descripción Electrónicos  Transient Voltage Suppressor 6.8 to 550 Volts 400 Watt
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMAJP4KE120A Datasheet(HTML) 3 Page - Micro Commercial Components

  SMAJP4KE120A Datasheet HTML 1Page - Micro Commercial Components SMAJP4KE120A Datasheet HTML 2Page - Micro Commercial Components SMAJP4KE120A Datasheet HTML 3Page - Micro Commercial Components SMAJP4KE120A Datasheet HTML 4Page - Micro Commercial Components SMAJP4KE120A Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS @25°C
MCC
PART NUMBER
REVERSE
STAND-OFF
VOLTAGE
VWM
BREAKDOWN VOLTAGE
V(BR) @ IT
(VOLTS)
MAXIMUM
CLAMPING
VOLTAGE @
IPP
PEAK PULSE
CURRENT
IPP
MAXIMUM
REVERSE
LEAKAGE
@VWM
ID
MARKING
CODE
(VOLTS)
MIN
MAX
IT (mA)
(VOLTS)
(AMPS)
(
µA)
SMAJP4KE6.8CA
5.80
6.45
7.14
10
10.5
39.0
1000
6V8C
SMAJP4KE7.5CA
6.40
7.13
7.88
10
11.3
36.3
500
7V5C
SMAJP4KE8.2CA
7.02
7.79
8.61
10
12.1
33.9
200
8V2C
SMAJP4KE9.1CA
7.78
8.65
9.55
1
13.4
30.6
50
9V1C
SMAJP4KE10CA
8.55
9.50
10.50
1
14.5
28.3
10
10C
SMAJP4KE11CA
9.40
10.50
11.60
1
15.6
26.3
5
11C
SMAJP4KE12CA
10.20
11.40
12.60
1
16.7
24.6
5
12C
SMAJP4KE13CA
11.10
12.40
13.70
1
18.2
22.5
1
13C
SMAJP4KE15CA
12.80
14.30
15.80
1
21.2
19.3
1
15C
SMAJP4KE16CA
13.60
15.20
16.80
1
22.5
18.2
1
16C
SMAJP4KE18CA
15.30
17.10
18.90
1
25.5
16.1
1
18C
SMAJP4KE20CA
17.10
19.00
21.00
1
27.7
14.8
1
20C
SMAJP4KE22CA
18.80
20.90
23.10
1
30.6
13.4
1
22C
SMAJP4KE24CA
20.50
22.80
25.20
1
33.2
12.3
1
24C
SMAJP4KE27CA
23.10
25.70
28.40
1
37.5
10.9
1
27C
SMAJP4KE30CA
25.60
28.50
31.50
1
41.4
9.9
1
30C
SMAJP4KE33CA
28.20
31.40
34.70
1
45.7
9.0
1
33C
SMAJP4KE36CA
30.80
34.20
37.80
1
49.9
8.2
1
36C
SMAJP4KE39CA
33.30
37.10
41.00
1
53.9
7.6
1
39C
SMAJP4KE43CA
36.80
40.90
45.20
1
59.3
6.9
1
43C
SMAJP4KE47CA
40.20
44.70
49.40
1
64.8
6.3
1
47C
SMAJP4KE51CA
43.60
48.50
53.60
1
70.1
5.8
1
51C
SMAJP4KE56CA
47.80
53.20
58.80
1
77.0
5.3
1
56C
SMAJP4KE62CA
53.00
58.90
65.10
1
85.0
4.8
1
62C
SMAJP4KE68CA
58.10
64.60
71.40
1
92.0
4.5
1
68C
SMAJP4KE75CA
64.10
71.30
78.80
1
103.0
4.0
1
75C
SMAJP4KE82CA
70.10
77.90
86.10
1
113.0
3.6
1
82C
SMAJP4KE91CA
77.80
86.50
95.50
1
125.0
3.3
1
91C
SMAJP4KE100CA
85.50
95.00
105.00
1
137.0
3.0
1
100C
SMAJP4KE110CA
94.00
105.00
116.00
1
152.0
2.7
1
110C
SMAJP4KE120CA
102.00
114.00
126.00
1
165.0
2.5
1
120C
SMAJP4KE130CA
111.00
124.00
137.00
1
179.0
2.3
1
130C
SMAJP4KE150CA
128.00
143.00
158.00
1
207.0
2.0
1
150C
SMAJP4KE160CA
136.00
152.00
168.00
1
219.0
1.9
1
160C
SMAJP4KE170CA
145.00
162.00
179.00
1
234.0
1.8
1
170C
SMAJP4KE180CA
154.00
171.00
189.00
1
246.0
1.7
1
180C
SMAJP4KE200CA
171.00
190.00
210.00
1
274.0
1.5
1
200C
SMAJP4KE220CA
185.00
209.00
231.00
1
328.0
1.3
1
220C
SMAJP4KE250CA
214.00
237.00
263.00
1
344.0
1.2
1
250C
SMAJP4KE300CA
256.00
285.00
315.00
1
414.0
1.0
1
300C
SMAJP4KE350CA
300.00
332.00
368.00
1
482.0
0.9
1
350C
SMAJP4KE400CA
342.00
380.00
420.00
1
548.0
0.8
1
400C
SMAJP4KE440CA
376.00
418.00
462.00
1
602.0
0.7
1
440C
SMAJP4KE480CA
408.00
456.00
504.00
1
658.0
0.6
1
480C
SMAJP4KE510CA
434.00
485.00
535.00
1
698.0
0.6
1
510C
SMAJP4KE530CA
477.00
503.50
556.50
1
725.0
0.6
1
530C
SMAJP4KE540CA
459.00
513.00
567.00
1
740.0
0.5
1
540C
SMAJP4KE550CA
495.00
522.50
577.50
1
760.0
0.5
1
550C
SMAJP4KE6.8(C)A THRU SMAJP4KE550(C)A
MC C
For bi-directional type having Vrwm of 10 volts and less, the IR limit is double.
The available parts are “A” type only, the parts without A (VBR is
f10%) is not available.
www.mccsemi.com
Revision:
B
20
11/09/16
TM
Micro Commercial Components
3 of 5


Número de pieza similar - SMAJP4KE120A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SMAJP4KE120A ETC2-SMAJP4KE120A Datasheet
331Kb / 4P
   Transient Voltage Suppressor
More results

Descripción similar - SMAJP4KE120A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
SMBJP6KE68A MCC-SMBJP6KE68A_13 Datasheet
421Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMBJP6KE6.8A MCC-SMBJP6KE6.8A Datasheet
416Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMCJ1.5KE6.8 MCC-SMCJ1.5KE6.8 Datasheet
254Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 1500 Watt
SMBJP6KE27A-TP MCC-SMBJP6KE27A-TP Datasheet
421Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
P4KE6.8A MCC-P4KE6.8A_11 Datasheet
708Kb / 4P
   400 Watt Transient Voltage Suppressors 6.8 to 550 Volts
SMBJP6KE12CA-TP MCC-SMBJP6KE12CA-TP Datasheet
426Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
P4KE68 MCC-P4KE68 Datasheet
53Kb / 3P
   400 Watt Transient Voltage Suppressors 6.8 to 400 Volts
logo
DONGGUAN YOU FENG WEI E...
P4KE6.8-DO41 YFWDIODE-P4KE6.8-DO41 Datasheet
405Kb / 3P
   400 Watt Transient Voltage Suppressors 6.8 to 400 Volts
logo
Leshan Radio Company
P4KE6.8 LRC-P4KE6.8 Datasheet
190Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
logo
StarHope
P4KE SPSEMI-P4KE Datasheet
373Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com