Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N2222AC3A Datasheet(PDF) 2 Page - Seme LAB

No. de pieza 2N2222AC3A
Descripción Electrónicos  SILICON SWITCHING NPN TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEME-LAB [Seme LAB]
Página de inicio  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2222AC3A Datasheet(HTML) 2 Page - Seme LAB

  2N2222AC3A Datasheet HTML 1Page - Seme LAB 2N2222AC3A Datasheet HTML 2Page - Seme LAB 2N2222AC3A Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SILICON SWITCHING
NPN TRANSISTOR
2N2222AC3A 2N2222AC3B 2N2222AC3C
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 9192
Issue 1
Page 2 of 3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ.
Max.
Units
V(BR)CEO
(1)
Collector-Emitter
Sustaining Voltage
IC = 10mA
IB = 0
50
V
ICES
Collector-Emitter
Cut-Off Current
VCE = 50V
50
nA
IE = 0
VCB = 75V
10
µA
IE = 0
VCB = 60V
10
nA
ICBO
Collector-Base
Cut-Off Current
TA = 150°C
10
µA
IC = 0
VEB = 4V
10
nA
IEBO
Emitter Cut-Off Current
VEB = 6V
10
µA
ON CHARACTERISTICS
IC = 150mA
IB = 15mA
0.3
VCE(Sat)
(1)
Collector-Emitter
Saturation Voltage
IC = 500mA
IB = 50mA
1.0
V
IC = 150mA
IB = 15mA
0.6
1.2
VBE(Sat)
(1)
Base-Emitter
Saturation Voltage
IC = 500mA
IB = 50mA
2.0
V
IC = 0.1mA
VCE = 10V
50
IC = 1.0mA
VCE = 10V
75
325
IC = 10mA
VCE = 10V
100
TA = -55°C
35
IC = 150mA
VCE = 10V
(1)
100
300
hFE
DC Current Gain
IC = 500mA
VCE = 10V
(1)
30
-
SMALL SIGNAL CHARACTERISTICS
Cobo
Output Capacitance
VCB = 10V
IE = 0
f = 1.0MHz
8
Cibo
Input Capacitance
VEB = 0.5V
IC = 0
f = 1.0MHz
25
pF
|
hfe|
Magnitude of small-
signal, short-circuit
forward current transfer
ratio
IC = 20mA
VCE = 20V
f = 100MHz
2.5
-
hfe
Small Signal Current
Gain
IC = 1.0mA
VCE = 10V
f = 1.0kHz
50
-
Notes
Notes
Notes
Notes
(1)
Pulse Width ≤ 300us, δ ≤ 2%


Número de pieza similar - 2N2222AC3A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
2N2222AC1 SEME-LAB-2N2222AC1 Datasheet
568Kb / 4P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N2222ACSM SEME-LAB-2N2222ACSM Datasheet
17Kb / 2P
   HIGH SPEED, MEDIUM POWER, NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2222ACSM SEME-LAB-2N2222ACSM Datasheet
278Kb / 3P
   SILICON SWITCHING NPN TRANSISTOR
2N2222ACSM4 SEME-LAB-2N2222ACSM4 Datasheet
15Kb / 2P
   HIGH SPEED, MEDIUM POWER, NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2222ACSM SEME-LAB-2N2222ACSM_10 Datasheet
278Kb / 3P
   SILICON SWITCHING NPN TRANSISTOR
More results

Descripción similar - 2N2222AC3A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
MJE13007 STMICROELECTRONICS-MJE13007 Datasheet
29Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
Weitron Technology
MMBT4401 WEITRON-MMBT4401 Datasheet
461Kb / 6P
   Switching Transistor NPN Silicon
logo
ON Semiconductor
BSV52LT1 ONSEMI-BSV52LT1 Datasheet
51Kb / 4P
   Switching Transistor (NPN Silicon)
March, 2001 ??Rev. 1
logo
Infineon Technologies A...
PZT3904 INFINEON-PZT3904 Datasheet
48Kb / 5P
   NPN Silicon Switching Transistor
Nov-30-2001
logo
Siemens Semiconductor G...
SXT2222A SIEMENS-SXT2222A Datasheet
155Kb / 6P
   NPN Silicon Switching Transistor
logo
ON Semiconductor
MMBT4401LT1 ONSEMI-MMBT4401LT1 Datasheet
213Kb / 8P
   Switching Transistor(NPN Silicon)
September, 2004 ??Rev. 4
logo
STMicroelectronics
BU406 STMICROELECTRONICS-BU406_03 Datasheet
56Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
New Jersey Semi-Conduct...
BUV42 NJSEMI-BUV42 Datasheet
114Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
ON Semiconductor
MMBT4401WT1 ONSEMI-MMBT4401WT1 Datasheet
119Kb / 6P
   Switching Transistor NPN Silicon
February, 2004 ??Rev. 1
logo
Unisonic Technologies
BU406 UTC-BU406_15 Datasheet
213Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
STMicroelectronics
MJE13007A STMICROELECTRONICS-MJE13007A Datasheet
63Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com