Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMAJ7.5A Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd |
|
SMAJ7.5A Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd |
1 / 5 page creat by art UL Recognized File # E-326243 Low profile package Built-in strain relief Glass passivated junction Excellent clamping capability Typical IR less than 1uA above 10V XX = Specific Device Code G = Green Compound Y = Year M = Work Month Maximum Ratings and Electrical Characteristics Rating at 25 ℃ ambient temperature unless otherwise specified. Symbol Unit PPK Watts PD Watts TJ, TSTG ℃ 3.5 Volts Minimum 400 Amps 1 Value Packaging: 12mm tape per EIA Std RS-481 Mechanical Data Terminals: Pure tin plated, lead free Case: Molded plastic Weight: 0.064 gram Type Number Operating and Storage Temperature Range Peak Power Dissipation at TA=25℃, Tp=1ms(Note 1) Devices for Bipolar Applications Version:F11 1. For Bidrectional Use C or CA Suffix for Types SMAJ5.0 through Types SMAJ188 Features Polarity: Indicated by cathode band Steady State Power Dissipation 400 watts peak pulse power capability with a 10 / 1000 us waveform (300W above 78V) Green compound with suffix "G" on packing code & prefix "G" on datecode For surface mounted application Fast response time: Typically less than 1.0ps from 0 volt to BV min High temperature soldering guaranteed: 260℃ / 10 seconds at terminals Plastic material used carried Underwriters Laboratory Flammability Classification 94V-0 SMAJ SERIES 400 Watts Suface Mount Transient Voltage Suppressor Marking Diagram SMA/DO-214AC Dimensions in inches and (millimeters) 2. Electrical Characterstics Apply in Both Directions -55 to +150 Peak Forward Surge Current, 8.3ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method) (Note 2, 3) IFSM Note 1: Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25℃ Per Fig. 2 Note 2: Mounted on 5 x 5mm (.013mm Think) Copper Pads to Each Terminal Note 3: 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per Minute Maximum 40 Maximum Instantaneous Forward Voltage at 25.0A for Unidirectional Only VF Pb RoHS COMPLIANCE RoHS COMPLIANCE |
Número de pieza similar - SMAJ7.5A |
|
Descripción similar - SMAJ7.5A |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |