Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMAJ43 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No. de pieza SMAJ43
Descripción Electrónicos  400 Watts Suface Mount Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMAJ43 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SMAJ43 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMAJ43 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMAJ43 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMAJ43 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMAJ43 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Version:F11
RATINGS AND CHARACTERISTIC CURVES (SMAJ SERIES)
FIG.2 PULSE DERATING CURVE
0
25
50
75
100
125
0
25
50
75
100
125
150
175
200
TA, AMBIENT TEMPERATURE (
oC)
FIG. 4 MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT UNIDIRECTIONAL ONLY
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES AT 60 Hz
8.3mS Single Half Sine Wave
JEDEC Method
FIG. 3 CLAMPING POWER PULSE WAVEFORM
0
20
40
60
80
100
120
140
0
0.5
1
1.5
2
2.5
3
3.5
4
t, TIME ms
td
Peak Value
IPPM
tr=10usec
Half Value-IPPM/2
10/1000sec, WAVEFORM
as DEFINED by R.E.A.
PULSE WIDTH(td) is DEFINED
as the POINT WHERE the PEAK
CURRENT DECAYS to 50% OF IPPM
FIG. 5 TYPICAL JUNCTION CAPACITANCE
10
100
1000
10000
1
10
100
V(BR), BREAKDOWN VOLTAGE (V)
TA=25℃
f=1.0MHz
Vsig=50mVp-p
MEASURED AT
ZERO BIAS
MEASURED at
STAND-OFF
VOLTAGE,Vwm
FIG. 1 PEAK PULSE POWER RATING CURVE
0.1
1
10
100
0.1
1
10
100
1000
10000
tp, PULSE WIDTH, (uS)
NON-REPETITIVE
PULSE WAVEFORM
SHOWN in FIG.3
TA = 25℃


Número de pieza similar - SMAJ43

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jinan Gude Electronic D...
SMAJ43 JGD-SMAJ43 Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMAJ43 LUGUANG-SMAJ43 Datasheet
2Mb / 4P
   Transient Voltage Suppressors
Revision:20170301-P1
logo
Socay Electornics Co., ...
SMAJ43 SOCAY-SMAJ43 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
RFE international
SMAJ43 RFE-SMAJ43 Datasheet
55Kb / 1P
   SURFACE MOUNT TVS DIODE Electrical Characteristics, 33 to 170 Volts
logo
List of Unclassifed Man...
SMAJ43 ETC2-SMAJ43 Datasheet
326Kb / 4P
   Transient Voltage Suppressor
More results

Descripción similar - SMAJ43

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
SMAJ TSC-SMAJ_13 Datasheet
319Kb / 7P
   400 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_13 Datasheet
239Kb / 6P
   400 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_11 Datasheet
114Kb / 4P
   400 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_11 Datasheet
177Kb / 5P
   1500 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_11 Datasheet
171Kb / 5P
   600 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_13 Datasheet
338Kb / 7P
   600 Watts Suface Mount Transient Voltage Suppressor
P6SMB TSC-P6SMB_11 Datasheet
133Kb / 4P
   600 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_13 Datasheet
351Kb / 7P
   1500 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_1 Datasheet
202Kb / 4P
   400 Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SLCA5.0 SUNMATE-SLCA5.0 Datasheet
185Kb / 2P
   400 Watts Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com