Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SS14 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd |
|
SS14 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd |
2 / 2 page Version:G11 RATINGS AND CHARACTERISTIC CURVES (SS12 THRU SS115) FIG.1 FORWARD CURRENT DERATING CUURVE 0 0.2 0.4 0.6 0.8 1 1.2 50 60 70 80 90 100 110 120 130 140 150 160 170 LEAD TEMPERATURE ( oC) SS12-SS14 SS15-SS115 RESISTIVE OR INDUCTIVE FIG. 2 MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT 0 10 20 30 40 1 10 100 NUMBER OF CYCLES AT 60 Hz 8.3ms Single Half Sine-Wave FIG. 4 TYPICAL REVERSE CHARACTERISTICS 0.001 0.01 0.1 1 10 100 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE.(%) TA=25℃ TA=75℃ TA=125℃ SS12-SS14 SS15-SS115 FIG. 5 TYPICAL JUNCTION CAPACITANCE 10 100 1000 0.1 1 10 100 REVERSE VOLTAGE (V) TA=25℃ f=1.0MHz Vslg=50mV SS12-SS14 SS15-SS16 SS19-SS115 FIG. 3 TYPICAL FORWARD CHARACTERISTICS 0.01 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 FORWARD VOLTAGE (V) SS12-SS14 SS15-SS16 SS115 SS19-SS110 FIG. 6 TYPICAL TRANSIENT THERMAL IMPEDANCE 0.1 1 10 100 0.01 0.1 1 10 100 T-PULSE DURATION(s) |
Número de pieza similar - SS14 |
|
Descripción similar - SS14 |