Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS1117CZC0 Datasheet(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TS1117CZC0
Descripción Electrónicos  1A Low Dropout Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1117CZC0 Datasheet(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

  TS1117CZC0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1117CZC0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1117CZC0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1117CZC0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1117CZC0 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1117CZC0 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1117CZC0 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1117CZC0 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TS1117
1A Low Dropout Positive Voltage Regulator
7/8
Version: C11
SOP-8 Mechanical Drawing
Marking Diagram
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
= Month Code for Halogen Free Product
(O=Jan, P=Feb, Q=Mar, R=Apl, S=May, T=Jun, U=Jul, V=Aug, W=Sep,
X=Oct, Y=Nov, Z=Dec)
L
= Lot Code
XX
= Voltage Code
(1.5=1.5V, 1.8=1.8V, 2.5=2.5V, 3.3=3.3V, 5.0=5V)
= Package Code for Adjustable type
(CW = SOT-223)
SOP-8 DIMENSION
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX.
A
4.80
5.00
0.189
0.196
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27BSC
0.05BSC
K
0.10
0.25
0.004
0.009
M
P
5.80
6.20
0.229
0.244
R
0.25
0.50
0.010
0.019


Número de pieza similar - TS1117CZC0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS1117CZ TSC-TS1117CZ Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117CZ-18 TSC-TS1117CZ-18 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117CZ-25 TSC-TS1117CZ-25 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117CZ-33 TSC-TS1117CZ-33 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117CZ-50 TSC-TS1117CZ-50 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
More results

Descripción similar - TS1117CZC0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com