Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS4268 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TS4268
Descripción Electrónicos  180mA Fixed-Voltage Ultra Low LDO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4268 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS4268_08 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4268_08 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4268_08 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4268_08 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS4268_08 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS4268_08 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS4268_08 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TS4268
180mA Fixed-Voltage Ultra Low LDO
3/7
Version: B07
Electrical Characteristics
(Vin=13.5V, -40≤TJ≤125ºC, unless otherwise specified.)
Parameter
Test Conditions
Min
Typ
Max
Unit
Output Voltage
5mA ≤ IL ≤ 150mA, 6V ≤ VIN ≤ 28V
4.90
5.00
5.10
V
Current Limit
VOUT = 0
180
250
--
mA
Quiescent Current
IQ= 0mA
IQ= 100mA
--
--
300
13
400
20
uA
mA
Dropout Voltage (note 1)
IL=150mA
--
250
500
mV
Line Regulation
6V≤ VIN ≤28V, IL=150mA
--
10
30
mV
Load Regulation
5mA≤ IL ≤150mA
--
10
30
mV
Reset Function
Reset threshold
4.20
4.50
4.80
V
Reset adjust threshold
1.28
1.35
1.45
V
Reset low voltage
1mA external
--
0.20
0.50
V
Saturation voltage
VOUT < VRT
--
0.03
0.10
V
Charging current
VRD < 1.0V
5
12
18
uA
Upper reset timing threshold
1.4
1.8
2.2
V
Reset delay time
CRD = 100nF
10
15
25
mS
Reset reaction time
CRD = 100nF
--
2
--
uS
Pull-up
With resp. to VOUT
18
30
46
Lower reset timing threshold
0.20
0.40
0.55
V
Watchdog Input
Discharge current
VRD < 1.0V
1.5
3.5
5.2
uA
Charging current
VRD < 1.0V
5
12
18
uA
Upper timing threshold
1.4
1.8
2.2
V
Lower timing threshold
0.20
0.40
0.55
V
Watchdog period
CRD = 100nF
30
55
75
mS
Watchdog trigger time
CRD = 100nF
25
40
60
mS
Activating current
Activates watchdog
2
8
15
mA
Slew rate
from 20% up to 80% VOUT
5
--
--
V/us
Note 1: Drop voltage = VIN-VOUT (measured when the output voltage has dropped 100 mV from the nominal value
obtained at 13.5 V input)
Note 2: The reset output is low in range from VOUT = 1V to VOUT,RT


Número de pieza similar - TS4268_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS4268CS50 TSC-TS4268CS50 Datasheet
255Kb / 7P
   180mA Ultra Low Dropout Voltage Regulator with Reset & Watchdog Function
More results

Descripción similar - TS4268_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN2558 FAIRCHILD-FAN2558 Datasheet
307Kb / 15P
   180mA Low Voltage CMOS LDO
logo
Micrel Semiconductor
MIC5207 MICREL-MIC5207 Datasheet
78Kb / 12P
   180mA Low-Noise LDO Regulator
MIC5207 MICREL-MIC5207_07 Datasheet
407Kb / 13P
   180mA Low-Noise LDO Regulator
logo
Taiwan Semiconductor Co...
TSP4264 TSC-TSP4264 Datasheet
432Kb / 6P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4264 TSC-TS4264_09 Datasheet
220Kb / 6P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4264GCW50 TSC-TS4264GCW50_14 Datasheet
123Kb / 5P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4264 TSC-TS4264_07 Datasheet
220Kb / 6P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4264G TSC-TS4264G_08 Datasheet
273Kb / 5P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4268 TSC-TS4268 Datasheet
255Kb / 7P
   180mA Ultra Low Dropout Voltage Regulator with Reset & Watchdog Function
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
   Ultra-Low Dropout Voltage LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com