Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM337AHVK Datasheet(PDF) 3 Page - Seme LAB

No. de pieza LM337AHVK
Descripción Electrónicos  NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEME-LAB [Seme LAB]
Página de inicio  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LM337AHVK Datasheet(HTML) 3 Page - Seme LAB

  LM337AHVK Datasheet HTML 1Page - Seme LAB LM337AHVK Datasheet HTML 2Page - Seme LAB LM337AHVK Datasheet HTML 3Page - Seme LAB LM337AHVK Datasheet HTML 4Page - Seme LAB LM337AHVK Datasheet HTML 5Page - Seme LAB LM337AHVK Datasheet HTML 6Page - Seme LAB LM337AHVK Datasheet HTML 7Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NEGATIVE ADJUSTABLE
VOLTAGE REGULATOR
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8380
Issue 1
Page 3 of 7
ELECTRICAL CHARACTERISTICS(1)(3) (TC = 25°C unless otherwise stated)
LM137A, IP137A, LM137AHV, IP137AHV
Symbols
Parameters
Test Conditions
Min.
Typ
Max.
Units
IOUT = 10mA
-1.238
-1.250
-1.262
VREF
Reference Voltage
10mA ≤ IOUT ≤ IMAX, P ≤ PMAX,
3V ≤ (VIN-VOUT) ≤ VMAX
-1.220 -1.250 -1.280
V
0.005
0.010
IN
OUT
V
V
Line Regulation (2)
3V ≤ (VIN-VOUT) ≤ VMAX,
IOUT = 10mA
0.010
0.030
%/V
VOUT ≤ 5V
5
25
mV
VOUT ≥ 5V
0.1
0.5
%
VOUT ≤ 5V
10
50
mV
OUT
I
OUT
V
Load Regulation (2)(3)
10mA ≤ IOUT ≤ IMAX
VOUT ≥ 5V
0.2
1.0
%
Thermal Regulation
VIN = -14.58V, IOUT = 1.5A,
PD = 20W, TA = 25°C, 10ms Pulse
0.002
0.02
%/W
VOUT = -10V
CADJ = 0
60
66
Ripple Rejection
f = 120Hz
CADJ = 10µF
70
80
dB
IADJ
Adjust Pin Current
65
100
10mA ≤ IOUT ≤ IMAX
0.2
2
3V ≤ (VIN-VOUT) ≤ 40V
1.0
5
∆IADJ
Adjust Pin Current Change
3V ≤ (VIN-VOUT) ≤ 50V (HV Series)
(HV Series)
(HV Series)
(HV Series)
2
6
µA
(VIN - VOUT) ≤ 40V
2.5
5
IMIN
Minimum Load Current
(VIN - VOUT) ≤ 10V
1.2
3
mA
(VIN - VOUT) ≤ 15V
1.5
2.2
3.2
(VIN - VOUT) = 40V
0.24
0.4
1.0
ICL
Current Limit
(VIN - VOUT) = 50V (HV Series)
(HV Series)
(HV Series)
(HV Series)
0.2
0.4
0.8
A
TEMP
OUT
V
Temperature Stability
0.6
1.5
TIME
OUT
V
Long Term Stability
TA = 125°C, 1000Hrs
0.3
1.0
en
RMS Output Noise
(% of VOUT)
TA = 25°C, 10Hz ≤ f ≤ 10KHz
0.003
%
Notes
Notes
Notes
Notes
The ● denotes the specifications which apply over the full operating temperature range.
(1)
Test conditions unless otherwise stated: VIN - VOUT = 5V, IOUT = 0.5A, PMAX = 20W, IMAX = 1.5A
(2)
Regulation is measured at constant junction temperature, using pulse testing at a low duty cycle. Changes in output voltage due to heating
effects are covered under thermal regulation specifications. Load regulation is measured at
1/
8” below the bottom of the package.
(3)
VMAX = 40V for LM137, IP137, LM137A, IP137A, LM337, IP337, LM337A, IP337A
VMAX = 50V for LM137HV, IP137HV, LM137AHV, IP137AHV, LM337HV, IP337HV, LM337AHV, IP337AHV


Número de pieza similar - LM337AHVK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LM337AT ONSEMI-LM337AT Datasheet
160Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
April, 2012 ??Rev. 9
More results

Descripción similar - LM337AHVK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
IP137SMD SEME-LAB-IP137SMD Datasheet
505Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137SMD05 SEME-LAB-IP137SMD05_10 Datasheet
415Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137SMD05 SEME-LAB-IP137SMD05 Datasheet
421Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137IG SEME-LAB-IP137IG Datasheet
808Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137G SEME-LAB-IP137G Datasheet
808Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137R SEME-LAB-IP137R Datasheet
170Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Solid States Devices, I...
SVR137 SSDI-SVR137 Datasheet
189Kb / 3P
   Negative Adjustable Linear Voltage Regulator
SVR004 SSDI-SVR004_15 Datasheet
101Kb / 3P
   NEGATIVE ADJUSTABLE LINEAR VOLTAGE REGULATOR
logo
List of Unclassifed Man...
UA79HG ETC1-UA79HG Datasheet
253Kb / 4P
   5A NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
7703404YA ETC2-7703404YA Datasheet
15Kb / 3P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR, HIGH VOLTAGE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com