Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TCA5405 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TCA5405
Descripción Electrónicos  Low Voltage 5-Bit Self-Timed, Single-Wire Output Expander
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TCA5405 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TCA5405 Datasheet HTML 5Page - Texas Instruments TCA5405 Datasheet HTML 6Page - Texas Instruments TCA5405 Datasheet HTML 7Page - Texas Instruments TCA5405 Datasheet HTML 8Page - Texas Instruments TCA5405 Datasheet HTML 9Page - Texas Instruments TCA5405 Datasheet HTML 10Page - Texas Instruments TCA5405 Datasheet HTML 11Page - Texas Instruments TCA5405 Datasheet HTML 12Page - Texas Instruments TCA5405 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TCA5405RUGR
X2QFN
RUG
8
3000
180.0
8.4
1.6
1.6
0.66
4.0
8.0
Q2
PACKAGE MATERIALS INFORMATION
www.ti.com
24-Mar-2011
Pack Materials-Page 1


Número de pieza similar - TCA5405

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCA5405 TI1-TCA5405 Datasheet
501Kb / 13P
[Old version datasheet]   Low Voltage 5-Bit Self-Timed, Single-Wire Output Expander
MARCH2011
TCA5405RUG TI1-TCA5405RUG Datasheet
554Kb / 14P
[Old version datasheet]   Works with MSP430 Launchpad
TCA5405RUG TI1-TCA5405RUG Datasheet
335Kb / 15P
[Old version datasheet]   Works with low cost MSP430 based LaunchPad platform
TCA5405RUGR TI1-TCA5405RUGR Datasheet
501Kb / 13P
[Old version datasheet]   Low Voltage 5-Bit Self-Timed, Single-Wire Output Expander
MARCH2011
More results

Descripción similar - TCA5405

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCA5405 TI1-TCA5405 Datasheet
501Kb / 13P
[Old version datasheet]   Low Voltage 5-Bit Self-Timed, Single-Wire Output Expander
MARCH2011
logo
ATMEL Corporation
AT28C17 ATMEL-AT28C17_14 Datasheet
201Kb / 12P
   Self-Timed Byte Write Cycle
logo
Integrated Silicon Solu...
IS61LPS51236B ISSI-IS61LPS51236B Datasheet
1Mb / 33P
   Internal self-timed write cycle
logo
ATMEL Corporation
AT28C16 ATMEL-AT28C16_14 Datasheet
179Kb / 12P
   Self-Timed Byte Write Cycle
logo
Micross Components
AS5SS256K36 MICROSS-AS5SS256K36 Datasheet
798Kb / 17P
   Internally self-timed WRITE cycle
AS5SS256K18 MICROSS-AS5SS256K18 Datasheet
644Kb / 14P
   Interally self-timed WRITE cycle
logo
Texas Instruments
TCA6408A-Q1 TI1-TCA6408A-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output
logo
National Instruments Co...
NI670X NI-NI670X Datasheet
349Kb / 4P
   Software-Timed Analog Output-16-Bit, 16 or 32 Channels
logo
Princeton Technology Co...
PT6999 PTC-PT6999 Datasheet
44Kb / 3P
   Output Expander
logo
Kinetic Technologies.
KTS1620 KINETIC-KTS1620 Datasheet
1Mb / 30P
   Low Voltage 24-Bit I2C-bus I/O Expander
September 2018 - Revision 04a
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com