Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STEVAL-TDR011V1 Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza STEVAL-TDR011V1
Descripción Electrónicos  2-stage RF power amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR011V1 Datasheet(HTML) 4 Page - STMicroelectronics

  STEVAL-TDR011V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TDR011V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TDR011V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR011V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR011V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR011V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR011V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR011V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR011V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Typical performance
STEVAL-TDR011V1
4/12
Doc ID 17340 Rev 1
2
Typical performance
Figure 1.
Output power and drain current vs.
frequency
Figure 2.
Gain vs. frequency
Figure 3.
Efficiency vs. frequency
Figure 4.
Input return loss vs. frequency
0
10
20
30
40
50
60
70
370 380 390 400 410 420 430 440 450 460 470 480 490
Frequency (MHz)
3
4
5
6
7
8
9
10
Pout
Id
Vdd = 13.6V
Idq = 200 + 2x 200mA
Pin = 20dBm
TDR011V1_01
20
22
24
26
28
30
32
370 380 390 400 410 420 430 440 450 460 470 480 490
Frequency (MHz)
Vdd = 13.6V
Idq = 200 + 2x 200mA
Pin = 20dBm
TDR011V1_02
20
25
30
35
40
45
50
55
60
65
380 390 400 410 420 430 440 450 460 470 480 490
Frequency (MHz)
Vdd = 13.6V
Idq = 200 + 2x 200mA
Pin = 20dBm
TDR011V1-03
-10
-8
-6
-4
-2
0
380 390 400 410 420 430 440 450 460 470 480 490
Frequency (MHz)
Vdd = 13.6V
Idq = 200 + 2x 200mA
Pin = 20dBm
TDR011V1-04


Número de pieza similar - STEVAL-TDR011V1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STEVAL-TDR010V1 STMICROELECTRONICS-STEVAL-TDR010V1 Datasheet
348Kb / 13P
   RF power amplifier demonstration board using: 2 x SD2942 N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR013V1 STMICROELECTRONICS-STEVAL-TDR013V1 Datasheet
358Kb / 16P
   Demonstration board using the PD84002 for UHF RFID reader
STEVAL-TDR014V1 STMICROELECTRONICS-STEVAL-TDR014V1 Datasheet
750Kb / 11P
   Demonstration board based on the PD55008-E for UHF mobile radio
STEVAL-TDR016V1 STMICROELECTRONICS-STEVAL-TDR016V1 Datasheet
248Kb / 13P
   RF power amplifier using 1 x PD55015E N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR017V1 STMICROELECTRONICS-STEVAL-TDR017V1 Datasheet
143Kb / 8P
   Demonstration board using the PD84001 for UHF RFID reader and 2-way radio
More results

Descripción similar - STEVAL-TDR011V1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsubishi Electric Sem...
MGFC5212 MITSUBISHI-MGFC5212 Datasheet
33Kb / 4P
   K-Band 2-Stage Power Amplifier
MGFC5218 MITSUBISHI-MGFC5218 Datasheet
22Kb / 3P
   K-Band 2-Stage Power Amplifier
MGFC5213 MITSUBISHI-MGFC5213 Datasheet
28Kb / 4P
   K-Band 2-Stage Power Amplifier
logo
TriQuint Semiconductor
TQ9147B TRIQUINT-TQ9147B Datasheet
232Kb / 10P
   2-Stage AMPS Power Amplifier IC
logo
Mitsubishi Electric Sem...
MGFC5214 MITSUBISHI-MGFC5214 Datasheet
34Kb / 4P
   Q-Band 2-Stage Power Amplifier
MGFC5215 MITSUBISHI-MGFC5215 Datasheet
26Kb / 4P
   K-Band 2-Stage Power Amplifier
MGFC5211 MITSUBISHI-MGFC5211 Datasheet
24Kb / 4P
   K-Band 2-Stage Power Amplifier
MGFC5217 MITSUBISHI-MGFC5217 Datasheet
42Kb / 3P
   K-Band 2-Stage Power Amplifier
logo
NXP Semiconductors
MW5IC970N NXP-MW5IC970N Datasheet
448Kb / 14P
   RF LDMOS Wideband 2-Stage Power Amplifiers
Rev. 3, 1/2010
logo
Freescale Semiconductor...
MW5IC970NBR1 FREESCALE-MW5IC970NBR1_10 Datasheet
398Kb / 14P
   RF LDMOS Wideband 2-Stage Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com