Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STEVAL-TDR013V1 Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza STEVAL-TDR013V1
Descripción Electrónicos  Demonstration board using the PD84002 for UHF RFID reader
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR013V1 Datasheet(HTML) 4 Page - STMicroelectronics

  STEVAL-TDR013V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Impedance
STEVAL-TDR013V1
4/16
Doc ID 18013 Rev 1
3
Impedance
Figure 1.
Impedance illustration
Table 4.
Impedance data
F(MHz)
ZGS
ZDL
860
1,80 + j 7,79
3,88 + j 2,41
870
1,84 + j 7,96
3,89 + j 2,69
880
1,83 + j 8,01
4,01 + j 2,96
890
1,76 + j 8,11
4,17 + j 3,16
900
1,70 + j 8,20
4,27 + j 3,32
910
1,63 + j 8,30
4,37 + j 3,40
920
1,57 + j 8,48
4,41 + j 3,46
930
1,43 + j 8,64
4,36 + j 3,51
940
1,41+ j 8,83
4,28 + j 3,51
ZDL
ZIN
G
D
S
ZGS


Número de pieza similar - STEVAL-TDR013V1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STEVAL-TDR010V1 STMICROELECTRONICS-STEVAL-TDR010V1 Datasheet
348Kb / 13P
   RF power amplifier demonstration board using: 2 x SD2942 N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR011V1 STMICROELECTRONICS-STEVAL-TDR011V1 Datasheet
818Kb / 12P
   2-stage RF power amplifier
STEVAL-TDR014V1 STMICROELECTRONICS-STEVAL-TDR014V1 Datasheet
750Kb / 11P
   Demonstration board based on the PD55008-E for UHF mobile radio
STEVAL-TDR016V1 STMICROELECTRONICS-STEVAL-TDR016V1 Datasheet
248Kb / 13P
   RF power amplifier using 1 x PD55015E N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR017V1 STMICROELECTRONICS-STEVAL-TDR017V1 Datasheet
143Kb / 8P
   Demonstration board using the PD84001 for UHF RFID reader and 2-way radio
More results

Descripción similar - STEVAL-TDR013V1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STEVAL-TDR017V1 STMICROELECTRONICS-STEVAL-TDR017V1 Datasheet
143Kb / 8P
   Demonstration board using the PD84001 for UHF RFID reader and 2-way radio
logo
WJ Communication. Inc.
WJR7000 WJCI-WJR7000 Datasheet
224Kb / 4P
   UHF RFID reader module
logo
STMicroelectronics
ST25RU3993-EVAL STMICROELECTRONICS-ST25RU3993-EVAL Datasheet
865Kb / 12P
   ST25RU3993 RAIN짰 (UHF) RFID reader IC evaluation board
Rev 4 - October 2019
AN3028 STMICROELECTRONICS-AN3028 Datasheet
1Mb / 37P
   demonstration board using the VIPer16LN
STEVAL-IPR001V1 STMICROELECTRONICS-STEVAL-IPR001V1 Datasheet
137Kb / 5P
   RFID reader evaluation board
November 2007 Rev 1
logo
rfsolutions.ltd
UNI_RS232_USB RFSOLUTIONS-UNI_RS232_USB Datasheet
448Kb / 9P
   The Universal RFID Socket board is the baseboard for the MicroRWD RFID reader modules from IB Technology.
logo
STMicroelectronics
AN3255 STMICROELECTRONICS-AN3255 Datasheet
464Kb / 24P
   Building an RFID short-range reader using the STM8S-DISCOVERY
logo
Fairchild Semiconductor
TMB2193MS100 FAIRCHILD-TMB2193MS100 Datasheet
167Kb / 24P
   Demonstration Board for the TMC2193
logo
STMicroelectronics
STEVAL-TDR014V1 STMICROELECTRONICS-STEVAL-TDR014V1 Datasheet
750Kb / 11P
   Demonstration board based on the PD55008-E for UHF mobile radio
STEVAL-TDR019V1 STMICROELECTRONICS-STEVAL-TDR019V1 Datasheet
202Kb / 9P
   Demonstration board using the PD85004 for 900 MHz 2-way radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com