Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R-78C1.8-1.0 Datasheet(PDF) 2 Page - Recom International Power

No. de pieza R-78C1.8-1.0
Descripción Electrónicos  1.0 AMP SIP3 Single Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RECOM [Recom International Power]
Página de inicio  http://www.recom-international.com
Logo RECOM - Recom International Power

R-78C1.8-1.0 Datasheet(HTML) 2 Page - Recom International Power

  R-78C1.8-1.0 Datasheet HTML 1Page - Recom International Power R-78C1.8-1.0 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
I-20
www.recom-electronic.com
REV: 1/2011
2.54
2.54
Top View
Bottom View
8.5
2.0
0.25
5.08
3.21
2
13
4.10
0.51 typ.
0.7 typ.
10.4
RECOM
R-78C5.0-1.0
**** Pb
1.00ø+0.15/–0
11.6
RECOM
R-78C5.0-1.0
**** Pb
Application Examples
INNOLINE
DC/DC-Converter
Package Style and Pinning (mm)
3rd angle
projection
SIP3 PIN Package
+Vin
-Vin
R-78C5.0-1.0
-12VDC
+12VDC
Com
C1
C2
REC3-0512DRW/H2/A
- Triple Outputs
- Wide input range 8V to 42V
C1: Optional , C2 : Required (further decoupling filtering
may be necessary between the two converters)
- High System Efficiency, Suitable for 12V, 24V or 36V
Battery Powered Devices
+5VDC
24VAC
±
20%
R-78C5.0-1.0
Com
+5V
reg.
C1
220µF elect.
C2
10µF MLCC
- Regulated and Protected DC Output
C2 : optional
- Low Voltage AC Input
+34VDC unreg.
(27~40VDC)
~
~
+
-
R-78Cxx-1.0
Series
High efficiency regulated outputs
Low Voltage AC input, regulated DC output
Pin Connections
Pin #
1
+Vin
2
GND
3
+Vout
xx.x ±0.5mm
xx.xx ±0.25mm
Recommended Footprint Details
R-78C5.0-1.0
Com
+Vout
C1
22µF
Use soft start supply
Com
+Vin
L1 56µH
C1
10µF
Standard Application Circuit with Class B EMC filter
Certifications
General Safety
EN 60950-1:2006 + A11:2009 + A1:2010
Standby Power
EN62301:2005
MTBF (+25°C)
using MIL-HDBK 217F
8600 x 10³ hours.
(+68°C)
using MIL-HDBK 217F
3880 x 10³ hours.
Specifications ( typical at 25°C, 10% minimum load, unless otherwise specified )


Número de pieza similar - R-78C1.8-1.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Recom International Pow...
R-78C1.8-1.0 RECOM-R-78C1.8-1.0 Datasheet
96Kb / 2P
   1.0 AMP SIP3 Single Output
More results

Descripción similar - R-78C1.8-1.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Recom International Pow...
R-78-1.0 RECOM-R-78-1.0 Datasheet
99Kb / 3P
   1.0 AMP SIP3 Single Output
R-78B1.5-1.0 RECOM-R-78B1.5-1.0 Datasheet
102Kb / 4P
   1.0 AMP SIP3 Single Output
R-78C-1.0 RECOM-R-78C-1.0 Datasheet
96Kb / 2P
   1.0 AMP SIP3 Single Output
R-78E-1.0 RECOM-R-78E-1.0 Datasheet
311Kb / 3P
   1.0 AMP SIP3 Single Output
R-78K-1.0 RECOM-R-78K-1.0 Datasheet
1Mb / 8P
   1.0 Amp SIP3 Single Output
REV.: 0/2023
R-78B-1.0 RECOM-R-78B-1.0 Datasheet
123Kb / 4P
   1.0 AMP SIP3 Single Output
R-781.8-1.0 RECOM-R-781.8-1.0 Datasheet
101Kb / 3P
   1.0 AMP SIP3 Single Output
R-78B-1.0 RECOM-R-78B-1.0_15 Datasheet
93Kb / 4P
   1.0 AMP SIP3 Single Output
R-78B1.5-1.5 RECOM-R-78B1.5-1.5 Datasheet
98Kb / 4P
   1.5 AMP SIP3 Single Output
R-78XX-0 RECOM-R-78XX-0 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com