Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL26134AV28EV1Z Datasheet(PDF) 9 Page - Intersil Corporation

No. de pieza ISL26134AV28EV1Z
Descripción Electrónicos  Low-Noise 24-bit Delta Sigma ADC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL26134AV28EV1Z Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL26134AV28EV1Z Datasheet HTML 5Page - Intersil Corporation ISL26134AV28EV1Z Datasheet HTML 6Page - Intersil Corporation ISL26134AV28EV1Z Datasheet HTML 7Page - Intersil Corporation ISL26134AV28EV1Z Datasheet HTML 8Page - Intersil Corporation ISL26134AV28EV1Z Datasheet HTML 9Page - Intersil Corporation ISL26134AV28EV1Z Datasheet HTML 10Page - Intersil Corporation ISL26134AV28EV1Z Datasheet HTML 11Page - Intersil Corporation ISL26134AV28EV1Z Datasheet HTML 12Page - Intersil Corporation ISL26134AV28EV1Z Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
ISL26132, ISL26134
9
FN6954.1
September 9, 2011
FIGURE 8. NOISE AT GAIN = 128, 10Sps
FIGURE 9. NOISE HISTOGRAM AT GAIN = 128, 10Sps
FIGURE 10. NOISE AT GAIN = 1, 80Sps
FIGURE 11. NOISE HISTOGRAM AT GAIN = 1, 80Sps
FIGURE 12. NOISE AT GAIN = 2, 80Sps
FIGURE 13. NOISE HISTOGRAM AT GAIN = 2, 80Sps
Typical Characteristics (Continued)
-50
-30
-10
10
30
50
0
200
400
600
800
1000
GAIN = 128
RATE = 10Sps
TIME (SAMPLES)
0
10
20
30
40
50
60
-30 -25 -20 -15 -10
-5
0
5
10
15202530
OUTPUT CODE (LSB)
GAIN = 128, N = 1024
RATE = 10Sps
STD DEV = 8.757 LSB
VREF = 2.5V
-25
-20
-15
-10
-5
0
5
10
15
20
25
0
200
400
600
800
1000
GAIN = 1
RATE = 80Sps
TIME (SAMPLES)
0
20
40
60
80
100
120
-15
-10
-5
0
5
10
15
OUTPUT CODE (LSB)
GAIN = 1, N = 1024
RATE = 80Sps
STD DEV = 3.791 LSB
VREF = 2.5V
-25
-15
-5
5
15
25
0
200
400
600
800
1000
GAIN = 2
RATE = 80Sps
TIME (SAMPLES)
0
20
40
60
80
100
120
-15
-10
-5
0
5
10
15
OUTPUT CODE (LSB)
GAIN = 2, N = 1024
RATE = 80Sps
STD DEV = 3.831 LSB
VREF = 2.5V


Número de pieza similar - ISL26134AV28EV1Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL26134AV28EV1Z INTERSIL-ISL26134AV28EV1Z Datasheet
739Kb / 23P
   Low-Noise 24-bit Delta Sigma ADC
November 20, 2014
logo
Renesas Technology Corp
ISL26134AV28EV1Z RENESAS-ISL26134AV28EV1Z Datasheet
1Mb / 23P
   Low-Noise 24-bit Delta Sigma ADC
More results

Descripción similar - ISL26134AV28EV1Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL26102AVZ INTERSIL-ISL26102AVZ Datasheet
909Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
logo
Renesas Technology Corp
ISL26132 RENESAS-ISL26132 Datasheet
1Mb / 23P
   Low-Noise 24-bit Delta Sigma ADC
logo
Intersil Corporation
ISL26102 INTERSIL-ISL26102 Datasheet
911Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
logo
Renesas Technology Corp
ISL26102 RENESAS-ISL26102 Datasheet
1Mb / 21P
   Low-Noise 24-bit Delta Sigma ADC
logo
Intersil Corporation
ISL26132AVZ INTERSIL-ISL26132AVZ Datasheet
739Kb / 23P
   Low-Noise 24-bit Delta Sigma ADC
November 20, 2014
logo
Analog Devices
AD7731 AD-AD7731_15 Datasheet
1,008Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. A
AD7731BRUZ AD-AD7731BRUZ Datasheet
1,008Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. A
AD7731 AD-AD7731 Datasheet
411Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. 0
logo
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
   24-Bit Sigma-Delta ADC
logo
Core Technology (Shenzh...
CS1242 CHIPSEA-CS1242 Datasheet
709Kb / 29P
   24-bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com