Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4007-13 Datasheet(PDF) 2 Page - Diotec Semiconductor

No. de pieza 1N4007-13
Descripción Electrónicos  Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIOTEC [Diotec Semiconductor]
Página de inicio  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

1N4007-13 Datasheet(HTML) 2 Page - Diotec Semiconductor

  1N4007-13 Datasheet HTML 1Page - Diotec Semiconductor 1N4007-13 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1N4001 ... 1N4007, 1N4007-13, EM513, EM516, EM518
Characteristics
Kennwerte
Forward voltage – Durchlass-Spannung
Tj = 25°C
IF = 1 A
VF
< 1.1 V
Leakage current
Sperrstrom
Tj = 25°C
Tj = 100°C
VR = VRRM
VR = VRRM
IR
IR
< 5 µA
< 50 µA
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 45 K/W 1)
Thermal resistance junction to leads
Wärmewiderstand Sperrschicht – Anschlussdraht
RthL
< 15 K/W
1
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlussdrähte in 10 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
2
http://www.diotec.com/
© Diotec Semiconductor AG
120
100
80
60
40
20
0
[%]
I
FAV
Rated forward current versus ambient temperature )
Zul. Richtstrom in Abh. von der Umgebungstemp. )
1
1
[°C]
T
A
150
100
50
0
10
10
1
10
10
2
-1
-2
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
0.4
V
F
0.8
1.0
1.2
1.4
[V] 1.8
T = 25°C
j
T = 125°C
j
50a-(1a-1.1v)
Peak forward surge current versus number of cycles at 50 Hz
Durchlaß-Spitzenstrom in Abh. von der Zahl der Halbwellen bei 50 Hz
10
10
1
2
[A]
î
F
1
10
10
[n]
10
2
3


Número de pieza similar - 1N4007-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diotec Semiconductor
1N4007-13 DIOTEC-1N4007-13 Datasheet
137Kb / 2P
   Standard Recovery Rectifier Diodes
1N4007-13 DIOTEC-1N4007-13 Datasheet
142Kb / 2P
   Standard Recovery Rectifier Diodes
1N4007-13 DIOTEC-1N4007-13 Datasheet
142Kb / 2P
   Standard Recovery Rectifier Diodes
1N4007-13 DIOTEC-1N4007-13 Datasheet
142Kb / 2P
   Standard Recovery Rectifier Diodes
1N4007-1300 DIOTEC-1N4007-1300 Datasheet
184Kb / 2P
   Silicon Rectifiers
More results

Descripción similar - 1N4007-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diotec Semiconductor
1N5391 DIOTEC-1N5391_09 Datasheet
95Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
P2500T DIOTEC-P2500T_13 Datasheet
105Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
1N5400 DIOTEC-1N5400_13 Datasheet
97Kb / 2P
   Silicon Rectifier Diodes . Silizium-Gleichrichterdioden
P600A DIOTEC-P600A_11 Datasheet
97Kb / 2P
   Silicon Rectifier Diodes - Silizium-Gleichrichterdioden
PX1500A DIOTEC-PX1500A Datasheet
98Kb / 2P
   Silicon Rectifier Diodes - Silizium-Gleichrichterdioden
BYW27-50 DIOTEC-BYW27-50_09 Datasheet
96Kb / 2P
   Silicon Rectifier Diodes - Silizium-Gleichrichterdioden
1N5059 DIOTEC-1N5059_14 Datasheet
96Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
6A05 DIOTEC-6A05_13 Datasheet
91Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
10A05 DIOTEC-10A05_13 Datasheet
91Kb / 2P
   Silicon Rectifier Diodes . Silizium-Gleichrichterdioden
1N5400 DIOTEC-1N5400_10 Datasheet
96Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com