Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SA1725 Datasheet(PDF) 1 Page - Sanken electric

No. de pieza 2SA1725
Descripción Electrónicos  Silicon PNP Epitaxial Planar Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SA1725 Datasheet(HTML) 1 Page - Sanken electric

  2SA1725_07 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
30
Silicon PNP Epitaxial Planar Transistor (Complement to type 2SC4511)
Application : Audio and General Purpose
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
Ratings
–80
–80
–6
–6
–3
30(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
sTypical Switching Characteristics (Common Emitter)
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
fT
COB
Ratings
–10max
–10max
–80min
50min
–0.5max
20typ
150typ
Unit
µA
µA
V
V
MHz
pF
Conditions
VCB=–80V
VEB=–6V
IC=–25mA
VCE=–4V, IC=–2A
IC=–2A, IB=–0.2A
VCE=–12V, IE=0.5A
VCB=–10V, f=1MHz
2SA1725
(Ta=25°C)
(Ta=25°C)
I C– V CE Characteristics (Typical)
h FE– I C Characteristics (Typical)
Safe Operating Area (Single Pulse)
h FE– I C Temperature Characteristics (Typical)
I C– V BE Temperature Characteristics (Typical)
V CE(sat) – I B Characteristics (Typical)
Pc – T a Derating
0
0
–2
–1
–4
–3
–5
–6
–1
–2
–3
–4
Collector-Emitter Voltage V CE(V)
–200mA
–150mA
–100mA
–80mA
–50mA
–30mA
–20mA
I B=–10mA
0
–3
–2
–1
0
–1.0
–0.5
–1.5
Base Current I B(A)
I C=–6A
–4A
–2A
–0.02
–0.1
–0.5
–1
–5 –6
30
50
100
300
Collector Current I C(A)
(V CE=–4V)
Typ
–3
–5
–10
–100
–50
–0.05
–0.1
–1
–0.5
–10
–20
–5
Collector-Emitter Voltage V CE(V)
Without Heatsink
Natural Cooling
DC
10ms
100ms
0.02
0.1
0.05
0.5
1
5 6
0
20
10
30
(V CE=–12V)
Emitter Current I E(A)
Typ
0.4
0.5
5
1
1
1 0
100
1000 2000
Time t(ms)
θj-a–t Characteristics
f T– I E Characteristics (Typical)
30
20
10
2
0
0
2 5
5 0
7 5
100
125
150
Ambient Temperature Ta(˚C)
Without Heatsink
0
–6
–4
–2
0
–1.5
–1
Base-Emittor Voltage V BE(V)
(V CE=–4V)
(V CE=–4V)
–0.02
–0.1
–0.5
–1
–5 –6
30
50
100
300
125˚C
25˚C
–30˚C
Collector Current I C(A)
–0.5
VCC
(V)
–30
RL
(
Ω)
10
IC
(A)
–3
VBB2
(V)
5
IB2
(A)
0.3
ton
(
µs)
0.18typ
tstg
(
µs)
1.10typ
tf
(
µs)
0.21typ
IB1
(A)
–0.3
VBB1
(V)
–10
External Dimensions FM20(TO220F)
ø3.3±0.2
10.1±0.2
2.54
2.54
1.35±0.15
0.85
+0.2
-0.1
1.35±0.15
2.2±0.2
4.2±0.2
2.8
c0.5
2.4±0.2
0.45
+0.2
-0.1
BE
C
a
b
Weight : Approx 2.0g
a. Part No.
b. Lot No.
∗hFE Rank O(50to100), P(70to140), Y(90to180)


Número de pieza similar - 2SA1725_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Quanzhou Jinmei Electro...
2SA1725 JMNIC-2SA1725_15 Datasheet
193Kb / 4P
   Silicon PNP Power Transistors
More results

Descripción similar - 2SA1725_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com