Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMXA-2102ST Datasheet(PDF) 4 Page - Sanken electric

No. de pieza FMXA-2102ST
Descripción Electrónicos  Ultrafast Recovery Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMXA-2102ST Datasheet(HTML) 4 Page - Sanken electric

  FMXA-2102ST Datasheet HTML 1Page - Sanken electric FMXA-2102ST Datasheet HTML 2Page - Sanken electric FMXA-2102ST Datasheet HTML 3Page - Sanken electric FMXA-2102ST Datasheet HTML 4Page - Sanken electric FMXA-2102ST Datasheet HTML 5Page - Sanken electric FMXA-2102ST Datasheet HTML 6Page - Sanken electric FMXA-2102ST Datasheet HTML 7Page - Sanken electric FMXA-2102ST Datasheet HTML 8Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Ultrafast Recovery Diode
FMXA-2102ST
March, 2006
Sanken Electric Co.,Ltd.
D01-008EA-060228
§3. Characteristics
0
5
10
15
024
68
10
0
2
4
6
0
50
100
150
200
IF(AV) - PF
Average Forward Current IF(AV) (A)
Tj=150°C
t
T
t/T=1/6
t/T=1/3, Sine-wave
t/T=1/2
DC
1-t/T=5/6
sine-wave
1-t/T=2/3
1-t/T=1/2
Tj=150°C
t
T
VR – PR
Reverse Voltage VR (V)
4/8


Número de pieza similar - FMXA-2102ST

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
   Ultrafast Recovery Diode
More results

Descripción similar - FMXA-2102ST

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STTH3R02 STMICROELECTRONICS-STTH3R02 Datasheet
116Kb / 9P
   Ultrafast recovery diode
STTH8R04 STMICROELECTRONICS-STTH8R04 Datasheet
157Kb / 11P
   Ultrafast recovery diode
logo
Sanken electric
FMXA-1106S SANKEN-FMXA-1106S Datasheet
405Kb / 8P
   Ultrafast Recovery Diode
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
   Ultrafast Recovery Diode
MPL-1036S SANKEN-MPL-1036S Datasheet
247Kb / 5P
   Ultrafast Recovery Diode
FMXA-2153S SANKEN-FMXA-2153S Datasheet
302Kb / 8P
   Ultrafast Recovery Diode
logo
Inchange Semiconductor ...
DPG60C300HJ ISC-DPG60C300HJ Datasheet
285Kb / 2P
   Ultrafast Recovery Diode
DPG60C400HB ISC-DPG60C400HB Datasheet
286Kb / 2P
   Ultrafast Recovery Diode
DSEP60-12A ISC-DSEP60-12A Datasheet
429Kb / 2P
   Ultrafast Recovery Diode
logo
Sanken electric
MPL-1036S SANKEN-MPL-1036S Datasheet
241Kb / 5P
   Ultrafast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com