Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI-8000GL Datasheet(PDF) 2 Page - Sanken electric

No. de pieza SI-8000GL
Descripción Electrónicos  Compact, Separate Excitation Step-down Switching Mode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8000GL Datasheet(HTML) 2 Page - Sanken electric

  SI-8000GL_11 Datasheet HTML 1Page - Sanken electric SI-8000GL_11 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
39
ICs
SI-8000GL Series
■External Dimensions (DIP8)
(Unit: mm)
■Block Diagram
CE/SS
UVLO
OCP
P.REG
OSC
PWM
LOGIC
CE/SS
TSD
Reg
Comp
GND
1V
Boot REG
DRIVE
BS
SWOUT
VREF
VIN
+
-
+
-
Amp
Pin Assignment
1. GND
2. CE/SS
3. Reg
4. SWOUT
5. VIN
6. B.S
7. Comp
8. VREF
Plastic Mold Package Type
Flammability: UL 94V-0
Product Mass: Approx. 0.49 g
SI-8010GL
7
8
2
1
5
4
6
3
9.4±0.3
0.5±0.1
0° to 15°
1.0
+0.3
-0.05
1.5
+0.3
-0.05
0.25+0.1
-0.05
2.54
7.6
0.25 M
0.89 TYP
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
–25
0
25
50
75
100
125
Ambient Temperature Ta (°C)
j-a:100°C/W
θ
■Ta-PD Characteristics
Note 1: The efficiency depends on the input volt-
age and the output current. Therefore, ob-
tain the value from the efficiency graph and
substitute the percentage in the formula
above.
Note 2: Thermal design for D1 must be considered
separately.
VO : Output voltage
VIN : Input voltage
IO : Output current
ηχ : Efficiency
VF : Diode D1 forward voltage
RK16···0.4V(IO=1A)
■Typical Connection Diagram
C1: 220µF/63V
C2: 470µF/25V
C3: 0.1µF
C4: 1000pF
C5: 0.1µF
C6: 0.047µF
C7: 0.1µF
Diode D1
• Be sure to use a Schottky-barrier diode as D1. If other diodes like fast recovery diodes are used, IC may be destroyed because of the reverse voltage generated
by the recovery voltage or ON voltage.
Choke coil L1
• If the winding resistance of the choke coil is too high, the efficiency may drop below the rated value.
• As the overcurrent protection starting current is approx. 2.5 A, take care concerning heat radiation from the choke coil caused by magnetic saturation due to
overload or short-circuited load.
Capacitor C1, C2
•As large ripple currents flow through C1 and C2, use high-frequency and low-impedance capacitors aiming for switching-mode-power-supply use. Especially
when the impedance of C2 is high, the switching waveform may become abnormal at low temperatures. For C2, do not use a capacitor with an extremely low
equivalent series resistance (ESR) such as an OS capacitor or a tantalum capacitor, which may cause an abnormal oscillation.
Resistors R2, R3
• R2 and R3 are the resistors to set the output voltage. Set their values so that IREF becomes approx. 2 mA. Obtain R2 and R3 values by the following formula above.
* To create the optimum operating conditions, place the components as close as possible to each other.
SI-8010GL
Reg
CE/SS
3
2
VIN
SWOUT
VREF
VIN
GND
V0
GND
5
C5
Comp
7
6
C6
C3
D1
L1
R2
R3
IREF
GND
B.S
SI-8010GL
1
8
4
R1
C4
C1
C7
+
C2
C8
+
C8: 0.1µF
R1: 47Ω
L1: 47µH
D1: RK16
(Sanken)
PD=VO • IO
100
–1 –VF • IO 1–
VO
ηχ
VIN
R2=
(VOUT–VREF)
=
(VOUT–1)
(Ω), R3 =
VREF
=
1
500(Ω)
IREF
2×10–3
IREF
2×10–3
=
.
.


Número de pieza similar - SI-8000GL_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SI-8000GL SANKEN-SI-8000GL_10 Datasheet
45Kb / 2P
   Compact, Separate Excitation Step-down Switching Mode Regulator ICs
More results

Descripción similar - SI-8000GL_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SI-8010GL SANKEN-SI-8010GL Datasheet
52Kb / 2P
   Compact, Separate Excitation Step-down Switching Mode
SI-8000GL SANKEN-SI-8000GL_10 Datasheet
45Kb / 2P
   Compact, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000GL SANKEN-SI-8000GL Datasheet
456Kb / 4P
   Series Compact Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000HD SANKEN-SI-8000HD Datasheet
55Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8015JF SANKEN-SI-8015JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050W SANKEN-SI-8050W Datasheet
47Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8120JD SANKEN-SI-8120JD Datasheet
59Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8008TM SANKEN-SI-8008TM Datasheet
51Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8001FDL SANKEN-SI-8001FDL Datasheet
69Kb / 2P
   Surface Mount, Separate Excitation Step-down Switching Mode
SI-8501L SANKEN-SI-8501L Datasheet
61Kb / 2P
   Separate Excitation Step-down Switching Mode with Coil
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com