Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SA1599 Datasheet(PDF) 5 Page - Shindengen Electric Mfg.Co.Ltd

No. de pieza 2SA1599
Descripción Electrónicos  Switching Power Transistor(-10A PNP)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Página de inicio  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SA1599 Datasheet(HTML) 5 Page - Shindengen Electric Mfg.Co.Ltd

  2SA1599 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SA1599 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SA1599 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SA1599 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SA1599 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SA1599 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SA1599 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SA1599 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
0.01
0.1
1
0
50
100
150
2SA1599
IC = −5A
IB1 = −0.5A
IB2 = −0.5A
VBB2 = −4V
RL = 5Ω
ts
ton
tf
Switching Time - Tc
Case Temperature Tc [
°C]


Número de pieza similar - 2SA1599

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
2SA1599 ISC-2SA1599 Datasheet
112Kb / 3P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
2SA1599 SAVANTIC-2SA1599 Datasheet
223Kb / 3P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1599 JMNIC-2SA1599 Datasheet
156Kb / 3P
   Silicon PNP Power Transistors
2SA1599 JMNIC-2SA1599 Datasheet
156Kb / 3P
   Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2SA1599 NJSEMI-2SA1599 Datasheet
186Kb / 2P
   Silicon PNP Power Transistor
More results

Descripción similar - 2SA1599

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shindengen Electric Mfg...
2SA1880 SHINDENGEN-2SA1880 Datasheet
438Kb / 8P
   Switching Power Transistor(-10A PNP)
logo
Rohm
2SAR582D3 ROHM-2SAR582D3 Datasheet
1Mb / 11P
   PNP -10A -30V Power Transistor
logo
Shindengen Electric Mfg...
2SC4237 SHINDENGEN-2SC4237 Datasheet
516Kb / 12P
   Switching Power Transistor(10A NPN)
2SC4581 SHINDENGEN-2SC4581 Datasheet
443Kb / 10P
   Switching Power Transistor(10A NPN)
2SC4669 SHINDENGEN-2SC4669 Datasheet
404Kb / 9P
   Switching Power Transistor(10A NPN)
2SC4058 SHINDENGEN-2SC4058 Datasheet
522Kb / 12P
   Switching Power Transistor(10A NPN)
2SC4149 SHINDENGEN-2SC4149 Datasheet
396Kb / 8P
   Switching Power Transistor(10A NPN)
2SC4982 SHINDENGEN-2SC4982 Datasheet
401Kb / 8P
   Switching Power Transistor(10A NPN)
2SC4585 SHINDENGEN-2SC4585 Datasheet
437Kb / 10P
   Switching Power Transistor(10A NPN)
2SB1284 SHINDENGEN-2SB1284 Datasheet
429Kb / 9P
   Darlington Transistor(-10A PNP)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com