Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL431 Datasheet(PDF) 10 Page - HTC Korea TAEJIN Technology Co.

No. de pieza TL431
Descripción Electrónicos  PROGRAMMABLE PRECISION SHUNT REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HTC [HTC Korea TAEJIN Technology Co.]
Página de inicio  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TL431 Datasheet(HTML) 10 Page - HTC Korea TAEJIN Technology Co.

Back Button TL431_10 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TL431_10 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TL431_10 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TL431_10 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TL431_10 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TL431_10 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. TL431_10 Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. TL431_10 Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co. TL431_10 Datasheet HTML 12Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431/A/C
Dec. 2010 – Rev.1.5
- 10 -
HTC
4. High-Current Shunt Regulator
5. Precision 5-V 1.5A Regulator
6. Efficient 5-V Precision Regulator
NOTE A : RB Should provide cathode current≥1mA to the TL431.


Número de pieza similar - TL431_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL431 TI-TL431_10 Datasheet
1Mb / 75P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL431_101 TI-TL431_101 Datasheet
1Mb / 75P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results

Descripción similar - TL431_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HTC Korea TAEJIN Techno...
TL431Z HTC-TL431Z Datasheet
454Kb / 10P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
TL431Z ETC2-TL431Z Datasheet
574Kb / 15P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TJR431A HTC-TJR431A Datasheet
161Kb / 4P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
Micro Commercial Compon...
TL431X MCC-TL431X Datasheet
690Kb / 2P
   Programmable Precision Shunt Regulator
logo
HTC Korea TAEJIN Techno...
LM431 HTC-LM431 Datasheet
284Kb / 9P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
Micro Commercial Compon...
TL431KLP MCC-TL431KLP Datasheet
299Kb / 4P
   Programmable Precision Shunt Regulator
TL431X MCC-TL431X_11 Datasheet
628Kb / 3P
   Programmable Precision Shunt Regulator
TL431LP MCC-TL431LP_13 Datasheet
185Kb / 3P
   Programmable Precision Shunt Regulator
TL431LP MCC-TL431LP Datasheet
124Kb / 3P
   Programmable Precision Shunt Regulator
logo
HTC Korea TAEJIN Techno...
TJ431 HTC-TJ431 Datasheet
188Kb / 5P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com