Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM29151RS-3.3 Datasheet(PDF) 10 Page - HTC Korea TAEJIN Technology Co. |
|
LM29151RS-3.3 Datasheet(HTML) 10 Page - HTC Korea TAEJIN Technology Co. |
10 / 11 page 1A Low-Voltage Low-Dropout Regulator LM39100/39101/39102 Nov. 2010 - Rev. 1.5.1 - 10 - HTC APPLICATION INFORMATION The LM39100/1/2 is a high-performance low-dropout voltage regulator suitable for moderate to high-current voltage regulator applications. Its 630mV dropout voltage at full load and over temperature makes it especially valuable in battery-powered systems and as high-efficiency noise filters in post-regulator applications. Unlike older NPN-pass transistor de-signs, where the minimum dropout voltage is limited by the base-to-emitter voltage drop and collector-to-emitter saturation voltage, dropout performance of the PNP output of these devices is limited only by the low VCE saturation voltage. A trade-off for the low dropout voltage is a varying base drive requirement. The LM39100/1/2 regulator is fully protected from damage due to fault conditions. Linear current limiting is provided. Output current during overload conditions is constant. Thermal shutdown disables the device when the die temperature exceeds the maximum safe operating temperature. Transient protection allows device (and load) survival even when the input voltage spikes above and below nominal. The output structure of these regulators allows voltages in excess of the desired output voltage to be applied without reverse current flow. Output Capacitor The LM39100/1/2 requires an output capacitor to maintain stability and improve transient response. Proper capacitor selection is important to ensure proper operation. The LM39100/1/2 output capacitor selection is dependent upon the ESR (equivalent series resistance) of the output capacitor to maintain stability. When the output capacitor is 10μF or greater, the output capacitor should have an ESR less than 2Ω. This will improve transient response as well as promote stability. Ultra-low-ESR capacitors, such as ceramic chip capacitors, may promote instability or may cause an oscillation and/or under damped transient response. In this case, minimum 20uF of output capacitance is required. A low-ESR solid tantalum capacitor works extremely well and provides good transient response and stability over temperature. Aluminum electrolytic capacitor can also be used, as long as the ESR of the capacitor is <2Ω. The value of the output capacitor can be increased without limit. Higher capacitance values help to improve transient response and ripple rejection and reduce output noise. Input Capacitor An input capacitor of 1μF or greater is recommended when the device is more than 4 inches away from the bulk ac supply capacitance or when the supply is a battery. In the case of ceramic chip capacitor, 10uF capacitance is recommended. Larger values will help to improve ripple rejection by bypassing the input to the regulator, further improving the integrity of the output voltage. Error Flag The LM39101 features an error flag (FLG), which monitors the output voltage and signals an error condition when this voltage drops 5% below its expected value. The error flag is an open-collector output that pulls low under fault conditions and may sink up to 10mA. Low output voltage signifies a number of possible problems, including an over current fault (the device is in current limit) or low input voltage. The flag output is inoperative during over temperature conditions. A pull-up resistor from FLG to either VIN or VOUT is required for proper operation. For information regarding the minimum and maximum values of pull-up resistance, refer to the graph in the typical characteristics section of the data sheet. |
Número de pieza similar - LM29151RS-3.3 |
|
Descripción similar - LM29151RS-3.3 |